Part Number Hot Search : 
MC33884 FSA859 C3062 CY7C104 W83321G 4S15W MIW4136 PE1145MV
Product Description
Full Text Search
 

To Download CFB0303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Dynamic Range Low Noise GaAs FET
August 2006 - Rev 03-Aug-06
CFB0303
Features Low-Noise Figure from 0.8 to 2.0 GHz High Gain High Intercept Point Highly Stable Easily Matched to 50 70 mil Package PHEMT Material Applications Cellular Base Stations PCS Base Stations Industrial Data Networks Description
Celeritek's CFB0303 is a high performance GaAs PHEMT with 600 m gate width and 0.25 m gate length. The low noise figure and high intercept point of this device makes it well suited for use as the low-noise amplifier of the base station receiver in PCS, Japanese PHS, AMPS, GSM and other communications systems. The CFB0303 is in an industry-standard 70 mil package. It is surface mountable and available in tape and reel.
Electrical Specifications (TA = 25C, 2 GHz)
Parameters Conditions Min Typ Max Units
Vd = 4V, Id = 75 mA Noise Figure 2 Associated Gain 2 Pout 1, 3 IP3 3 Id 3 Transconductance Saturated Drain Current Pinchoff Voltages Thermal Resistance
@ Noise Figure P-1 +5 dBm POUT/Tone @ P-1 Vds = 4 V, Vgs = 0 V Vds = 4 V, Vgs = 0 V Vds = 4 V, Ids = 1 mA @ Tcase = 150C liquid crystal test
19.0 20.0 32
0.5 20.0 21.0 34 83 350
0.6 22.7 22.0
dB dB dBm dBm mA mho
80
140 -0.3 200
240
mA V C/W
Notes: 1. @ T case = 25C. Derate 5 mW/C for Tcase >25C. 2. Input matched for low noise. 3. Matched for power transfer.
Typical Scattering Parameters (TA = 25C, VDS = 4 V, IDS = 75 mA)
Frequency (GHz) S11 Mag Ang Mag (dB) S21 Ang MAG (dB) S12 ANG MAG S22 ANG
0.5 1.0 2.0 3.0 4.0 5.0
0.98 0.94 0.85 0.76 0.70 0.64
-24 -44 -80 -112 -134 -154
8.47 8.20 7.30 6.30 5.60 5.13
160 147 118 94 74 54
0.02 0.03 0.05 0.07 0.08 0.09
77 69 51 37 29 19
0.33 0.32 0.27 0.25 0.24 0.23
-9 -15 -36 -50 -55 -61
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 2
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
High Dynamic Range Low Noise GaAs FET
August 2006 - Rev 03-Aug-06
CFB0303
Absolute Maximum Ratings
Parameter Rn/50 Symbol Rating Gamma Opt Mag Ang
Typical Noise Parameters (Vds = 4 V, Ids = 75 mA)
Frequency (GHz) Fmin 1 (dB)
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
0.4 0.4 0.4 0.4 0.4 0.4 0.5 0.5 0.5 0.5
0.6 0.6 0.6 0.6 0.5 0.5 0.5 0.5 0.5 0.5
27 29 32 35 38 41 45 49 54 60
0.19 0.17 0.18 0.18 0.17 0.16 0.15 0.15 0.14 0.13
Drain-Source Voltage Gate-Source Voltage Drain Current Continuous Dissipation1 Channel Temperature Storage Temperature
Vds Vgs Ids Pt Tch Tstg
+8V -5V Idss 750 mW 175C -65C to +150C
Note: 1. Fmin values reflect the circuit losses in the test fixture when matched to optimum noise figure.
Notes
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 2 of 2
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of CFB0303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X