Part Number Hot Search : 
APT100 BFE520 X13139HD 100AX 100AX MN6500JT C1236 IRF3415L
Product Description
Full Text Search
 

To Download CEP703AL06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel Enhancement Mode Field Effect Transistor FEATURES
30V, 40A,RDS(ON) = 17m @VGS = 10V. RDS(ON) = 30m @VGS = 4.5V. Super high dense cell design for extremely low RDS(ON). High power and current handing capability. Lead free product is acquired. TO-220 & TO-263 package.
D
CEP703AL/CEB703AL
D
G
G D S
S CEB SERIES TO-263(DD-PAK)
G
CEP SERIES TO-220
S
ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous Drain Current-Pulsed
a
Tc = 25 C unless otherwise noted Symbol Limit VDS VGS ID IDM PD TJ,Tstg 30
Units V V A A W W/ C C
20
40 120 50 0.4 -65 to 175
Maximum Power Dissipation @ TC = 25 C - Derate above 25 C Operating and Store Temperature Range
Thermal Characteristics
Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Symbol RJC RJA Limit 3 62.5 Units C/W C/W
Details are subject to change without notice . 1
Rev 2. 2006.Dec http://www.cetsemi.com
CEP703AL/CEB703AL
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics b Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics c Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage b td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 0V, IS = 25A VDS = 24V, ID = 25A, VGS = 5V VDD = 15V, ID = 25A, VGS = 10V, RGEN = 24 18 4.4 83 16 10 3 4 40 1.3 23 13 120 30 ns ns ns ns nC nC nC A V
c
Tc = 25 C unless otherwise noted Symbol BVDSS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss Test Condition VGS = 0V, ID = 250A VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VGS = VDS, ID = 250A VGS = 10V, ID = 25A VGS = 4.5V, ID = 10A VDS = 10V, ID = 25A 1 14 22 30 1340 270 82 Min 30 1 100 -100 3 17 30 Typ Max Units V
A
4
nA nA V m m S pF pF pF
VDS = 25V, VGS = 0V, f = 1.0 MHz
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature. b.Pulse Test : Pulse Width < 300s, Duty Cycle < 2%. c.Guaranteed by design, not subject to production testing.
2
CEP703AL/CEB703AL
40 VGS=10,8,7,6,5V 80 25 C
ID, Drain Current (A)
30
VGS=4V
ID, Drain Current (A)
60
20
40
10
20 TJ=125 C -55 C 2 3 4 5 6
VGS=3V
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0
1
VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
1800 1500 1200 900 600 300 0 Coss Crss 0 5 10 15 20 25 2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
ID=25A VGS=10V
C, Capacitance (pF)
Ciss
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
-50
0
50
100
150
200
VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 VDS=VGS
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature IS, Source-drain current (A)
VGS=0V
10
2
VTH, Normalized Gate-Source Threshold Voltage
ID=250A
10
1
-25
0
25
50
75
100
125
150
10
0
0.2
0.6
1.0
1.4
1.8
2.2
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
3
CEP703AL/CEB703AL
VGS, Gate to Source Voltage (V)
5 4 3 2 1 0 VDS=10V ID=25A
ID, Drain Current (A)
10
2
RDS(ON)Limit
100ms 1ms 10ms
4
10
1
DC
10
0
TC=25 C TJ=175 C Single Pulse 10
-1
0
3
6
9
12
10
0
10
1
Qg, Total Gate Charge (nC) Figure 7. Gate Charge VDD t on V IN VGS RGEN G RL D VOUT td(on) VOUT
10%
VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
toff tr
90%
td(off)
90% 10%
tf
INVERTED
90%
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10
0
D=0.5
0.2
10
-1
0.1 0.05 0.02 0.01 Single Pulse
PDM t1 t2
10
-2
1. RcJC (t)=r (t) * RcJC 2. RcJC=See Datasheet 3. TJM-TC = P* RcJC (t) 4. Duty Cycle, D=t1/t2
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
Square Wave Pulse Duration (msec) Figure 11. Normalized Thermal Transient Impedance Curve
4


▲Up To Search▲   

 
Price & Availability of CEP703AL06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X