Part Number Hot Search : 
4063A P40NF RODUCTS 2200B TA230PW D1885 D2589 74HC07AP
Product Description
Full Text Search
 

To Download CDZ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CDZ4.3B
Diodes
Zener diode
CDZ4.3B
Applications Constant voltage control External dimensions (Unit : mm)
0.160.05
Land size figure (Unit : mm)
0.55 0.45
0.60.05
Features 1) 2-pin ultra mini-mold type for high-density mounting (VMN2). 2) High reliability. 3) Can be mounted automatically, using chip mounter.
0.90.05
1.00.05

VMN2
0.156 0.350.1 0.370.03
Structure
Construction Silicon epitaxial planar
ROHM : VMN2 dot (year week factory) + day EX. CDZ3.6B
Taping specifications (Unit : mm)
40.1 20.05 1.55 0.20.05
3.50.05
1.750.1
0.45
1.10.05
0.5 0.70.05 20.05 4.00.1 0.52
Absolute maximum ratings (Ta=25C) Parameter Symbol Power dissipation P Junction temperature Tj Storage temperature Tstg Operating temperature Topr
Limits 100 150 -55 to +150 -55 to +150
Unit mW
8.00.2
0.5
1/4
CDZ4.3B
Diodes
Electrical characteristics (Ta=25C)
Symbol TYP. CDZ 3.6B CDZ 3.9B CDZ 4.3B CDZ 4.7B CDZ 5.1B CDZ 5.6B CDZ 6.2B CDZ 6.8B CDZ 7.5B CDZ 8.2B CDZ 9.1B CDZ 10B CDZ 11B CDZ 12B CDZ 13B CDZ 15B CDZ 16B
Zener voltage Vz(V)
Operating resistance Zz()
Rising operating resistanceZz()
Reverse current IR(uA)
MIN. 3.600 3.890 4.170 4.550 4.980 5.490 6.060 6.650 7.280 8.020 8.850 9.770 10.760 11.740 12.910 14.340 15.850
MAX. 3.845 4.160 4.430 4.750 5.200 5.730 6.330 6.930 7.600 8.360 9.230 10.210 11.220 12.240 13.490 14.980 16.510
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAX. 100 100 100 100 80 60 60 40 30 30 30 30 30 30 37 42 50
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAX. 1000.0 1000.0 1000.0 800.0 500.0 200.0 100.0 60.0 60.0 60.0 60.0 60.0 60.0 80.0 80.0 80.0 80.0
Iz(mA) 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
MAX. 10.0 5.0 5.0 2.0 2.0 1.0 1.0 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1
VR(V) 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
Type No.
TYPE CDZ3.6B CDZ3.9B CDZ4.3B CDZ4.7B CDZ5.1B CDZ5.6B CDZ6.2B CDZ6.8B CDZ7.5B
TYPENO.
7 1 2 3 5 7 C E F
TYPE CDZ8.2B CDZ9.1B CDZ10B CDZ11B CDZ12B CDZ13B CDZ15B CDZ16B
TYPENO.
H J K L N S C E
2/4
CDZ4.3B
Diodes
Electrical characteristic curves (Ta=25C)
10
1
ZENER CURRENT:Iz(mA)
0.1
5.1 0.01 3.9 3.6 4.3 4.7 5.6 6.2 6.8 7.5 16
8.2
9.1
10
11
12
13
15
0.001 0 5 10 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 15 20
120
10000 PRSM t
POWER DISSIPATION:Pd(W)
80 60 40 20 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.12 0.1 40 35 30 25 20 15 10 5 0 -5 0 10 20 30 ZENER VOLTAGEVz(V) z-Vz CHARACTERISTICS 40
REVERSE SURGE MAXIMUM POWER:PRSM(W)
100
1000
100
10
1
0.1 0.001
0.01
0.1
1
10
100
TIME:t(ms) PRSM-TIME CHARACTERISTICS 1000 Rth(j-a)
TEMP.COEFFICIENCE:z(/)
0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
TEMP.COEFFICIENCE:z(mV/)
100
Rth(j-c)
10
Mounted on epoxy board IM=1mA IF=10mA
1
1ms time 300us
0.1 0.001
0.01
0.1 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
1000
3/4
CDZ4.3B
Diodes
10 Ta=75
100 Ta=125 10
1000 f=1MH f=1MH
REVERSE CURRENT:IR(nA)
1
Ta=125
Ta=25 Ta=-25
1 0.1
Ta=75
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
ZENER CURRENT:Iz(mA)
100
0.1
Ta=25 0.01 0.001 Ta=-25
10
0.01
0.0001 1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 0 0.2 0.4 0.6 0.8 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 1
0.001 0 1 2 3 4 ZENER VOLTAGEVz(V) Vz-Iz CHARACTERISTICS 5
0.00001
4.5
1 Ta=25 IZ=5mA n=30pcs 0.9 Ta=25 VR=1.0V n=30pcs
200 190
REVERSE CURRENT:IR(nA)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
ZENER VOLTAGE:Vz(V)
4.4
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
180 170 160 150 140 130 120 110 100
Ta=25 f=1MHz VR=0V n=10pcs
4.3 4.2
AVE:4.28V
AVE:165.6pF
AVE:0.0979nA
4.1 4
0 Vz DISPERSION MAP IR DISPERSION MAP
Ct DISPERSION MAP
10000
DYNAMIC IMPEDANCE:Zz()
1000
100
10 0.1 1 ZENER CURRENT:Iz(mA) Zz-Iz CHARACTERISTICS 10
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of CDZ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X