Part Number Hot Search : 
TA8227AP FR2504 GPC130A 10U2P BRF10100 P87C32X2 2SC2242 SB1100
Product Description
Full Text Search
 

To Download CDSU400B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Switching Diode
COMCHIP
SMD Diodes Specialist
CDSU400B
High Speed
(Lead-free Device)
Features
Designed for mounting on small surface. Extremely thin/leadless package. Low leakage current. High mounting capability, strong surge withstand, high reliability.
0.039(1.00) 0.031(0.80)
0603(1608)
0.071(1.80) 0.063(1.60)
Mechanical data
Case: 0603 (1608) standard package, molded plastic.
0.014(0.35) Typ. 0.033(0.85) 0.027(0.70)
Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
0.012 (0.30) Typ.
Polarity: Indicated by cathode band.
0.018(0.45) Typ.
Mounting position: Any.
Dimensions in inches and (millimeter)
Weight: 0.003 gram (approximately)
Maximum Rating ( at T A = 25 C unless otherwise noted )
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward current Forward current , surge peak Repetitive peak forward current Power Dissipation Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method )
Conditions
Symbol Min Typ Max Unit
VRRM VR IO IFSM IFRM PD TSTG Tj -55 -55 90 80 100 1000 225 150 +125 +125 V V mA mA mA mW C C
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Parameter
Forward voltage Reverse current Capacitance between terminals Reverse recovery time VR = 80 V f = 1MHz, and 0.5VDC reverse voltage VR = 6V, IF = 10 mA, RL =50 ohms
Conditions
I F = 100 mA DC
Symbol Min Typ Max Unit
VF IR CT Trr 1.0 0.1 3 4 V uA pF nS
REV:A
QW-A0011
Page 1
SMD Switching Diode
COMCHIP
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CDSU400B )
Fig. 1 - Forward characteristics
1000 10u
Fig. 2 - Reverse characteristics
125 C
Reverse current ( A )
Forward current (mA )
100
1u
10
100n
75 C
1
C C
10n
25 C
1n
125
C 25
75
0.1
-25
C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1n 0 10 20 30
-25 C
40 50 60 70 80 90 100
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals : (pF)
5.0
Fig. 4 - Current derating curve
Average forward current ( % )
f=1MHz Ta = 25 C
4.0
Mounting on glass epoxy PCBs
100
80
3.0
60
2.0
40
1.0
20
0 0 5 10 15 20 25 30 35
0
0 25 50 75 100 125 150
Reverse voltage : (V)
Ambient temperature ( C)
REV:A
QW-A0011
Page 2


▲Up To Search▲   

 
Price & Availability of CDSU400B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X