Part Number Hot Search : 
CPT50060 200AA BL402 SSR2N60A EPF8123S DB151 PE33673 TC36DBAR
Product Description
Full Text Search
 

To Download CDSOT23-SR208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

Applications

NT
Lead free device (RoHS Compliant*) Protects 4 lines ESD & EFT protection Low capacitance <5 pF
Portable electronics Cell phones Video/graphics card USB 2.0 interface Sensor interface
*R
oH
S
CO
M
CDSOT23-SR208 - Steering Diode Array
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Array diodes for EFT and ESD protection applications, in compact chip package SOT23-6 size format. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. The Bourns(R) device will meet IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements.
1 I/O 1 2 REF 1 3 I/O 2 I/O 4 6 REF 2 5 I/O 3 4
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Repetitive Peak Forward Current (tp = 5 s, F = 50 KHz) Continuous Power Dissipation Forward Voltage @ 5 mA Repetitive Peak Reverse Voltage @ 10 A Reverse Leakage Current @ VRRM 5V Capacitance1 Forward Surge Rating (1/20 s @ 25 C, IF = 10 mA) Symbol IFRM PPC VF VRRM IR Cj(SD) VF Min. Nom. Max. 700 500 1.2 20 1 5 1.5 Unit mA mW V V A pF V
Note: 1. Apply a 5 V bias between pins 2 (REF 1) to pin 5 (REF 2). Measure Cj between any I/O pins to pin 5 (REF 2) and divide by two.
Thermal Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Operating Temperature Storage Temperature Symbol TJ TSTG Min. -55 -55 Nom. +25 +25 Max. +150 +150 Unit C C
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-SR208 - Steering Diode Array
Mechanical Characteristics This is a molded JEDEC SOT23-6 package with lead free 100 % Tin (Sn) on the lead frame. It weighs approximately 15 mg and has a flammability rating of UL 94V-0. Product Dimensions
0.35 - 0.50 (0.014 - 0.020) 0.85 - 1.05 (0.033 - 0.040)
Recommended Footprint
2.40 (0.094)
6
5
4
2.60 - 3.00 (0.102 - 0.118)
0.20 (0.007)
0 - 10 1.90 (0.074)
1
2
3
1.50 - 1.75 (0.059 - 0.070) 0.35 - 0.55 (0.014 - 0.022) 0.09 - 0.20 (0.004 - 0.008) 0.70 (0.028) 1.00 (0.039) 0.95 (0.037)
1.70 - 2.10 (0.067 - 0.083) 2.80 - 3.05 (0.110 - 0.120) 0.90 - 1.30 (0.035 - 0.051)
0.90 - 1.45 (0.036 - 0.057)
DIMENSIONS = MILLIMETERS (INCHES)
DIMENSIONS = MILLIMETERS (INCHES)
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
TOP SIDE VIEW (INTO COMPONENT POCKET)
0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002)
4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. 1.75 0.1 (.07 .004)
R
0.3 MAX. (0.01)
12.0 0.3 (.47 .01) 5.5 0.3 (.22 .01) 3.9 0.1 (.154 .004) 8.0 0.3 (.31 .01) R 0.25 TYP. (0.010)
0.9 0.1 (.035 .004)
3.9 0.1 (.154 .004)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
DIMENSIONS = MILLIMETERS (INCHES)
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-SR208 - Steering Diode Array
Performance Graphs Peak Forward Current vs Forward Voltage
10 IF - Forward Current (mA) IF - Forward Current (A) 8 6 4 2 0 0 1 2 3 4 5 6 7 8 9 10 VF - Forward Voltage (V)
Low Forward Current vs Forward Voltage
110 90 70 50 30 10 800
840
880
920
960
1000
VF - Forward Voltage (mV)
Block Diagram
I/O 4 6 REF 2 5 I/O 3 4
Power Derating Curve
100 80 60 40 20 Average Power
1 I/O 1 2 REF 1 3 I/O 2
% of Rated Power
Peak Pulse Power 8/20 s
0 0 25 50 75 100 125 150
TL - Lead Temperature (C)
How To Order
CD SOT23 - SR 208
Common Code CD = Chip Diode Package SOT23 = SOT23-6 Package Model SR = Steering Diode Model Number 208
Reliable Electronic Solutions
Typical Part Marking CDSOT23-SR208 ...................................................................... PSB Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
COPYRIGHT(c) 2005, BOURNS, INC. LITHO IN U.S.A., IPA0522 10/05


▲Up To Search▲   

 
Price & Availability of CDSOT23-SR208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X