|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CERAMIC CHIP/MIL-PRF-55681 CAPACITOR OUTLINE DRAWINGS CHIP DIMENSIONS "SOLDERGUARD I" * SOLDER "SOLDERGUARD II" TINNED W T L BW NICKEL ELECTRODES SILVER METALLIZATION ELECTRODES NICKEL SILVER METALLIZATION Military Designation - "S" or "U" KEMET Designation - "H" Military Designation - "W" or "Y" KEMET Designation - "C" DIMENSIONS--MILLIMETERS AND (INCHES) STYLE KEMET SIZE CODE T L W MIN. MAX. BW CDR01 CDR02 CDR03 CDR04 CDR05 CDR06 CDR31 CDR32 CDR33 CDR34 CDR35 C0805 C1805 C1808 C1812 C1825 C2225 C0805 C1206 C1210 C1812 C1825 2.03 .38 (.080 .015) 4.57 .38 (.180 .015) 4.57 .38 (.180 .015) 4.57 .38 (.180 .015) +.51 +.020 4.57 .180 -.38 -.015 5.72 .51 (.225 .020) 2.00 .20 (.078 .008) 3.20 .20 (.125 .008) 3.20 .25 (.125 .010) 4.50 .25 (.176 .010) 4.50 .30 (.176 .012) ( ) 1.27 .38 (.050 .015) 1.27 .38 (.050 .015) 2.03 .38 (.080 .015) 3.18 .38 (.125 .015) +.51 +.020 6.35 .250 -.38 -.015 6.35 .51 (.250 .020) 1.25 .20 (.049 .008) 1.60 .20 (.062 .008) 2.50 .25 (.098 .010) 3.20 .25 (.125 .010) 6.40 .30 (.250 .012) .56 (.022) .56 (.022) .56 (.022) .56 (.022) .51 (.020) .51 (.020) 1.40 (.055) 1.40 (.055) 2.03 (.080) 2.03 (.080) 2.03 (.080) 2.03 (.080) 1.30 (.051) 1.30 (.051) 1.50 (.059) 1.50 (.059) 1.50 (.059) .51 0.25 (.020 .010) .51 0.25 (.020 .010) .51 0.25 (.020 .010) .51 0.25 (.020 .010) .51 0.25 (.020 .010) .51 0.25 (.020 .010) .50 0.20 (.020 .008) .50 0.20 (.020 .008) .50 0.25 (.020 .010) .50 0.25 (.020 .010) .50 0.30 (.020 .012) ( ) Note: For Solderguard I (MIL-C55681 "S" or "U" Endmets), the length, width and thickness positive tolerances (including bandwidth) cited above are allowed to increase by the following amounts: Width/Thickness Length CDR01 0.51MM (.020) 0.38MM (.015) CDR02-06 0.64MM (.025) 0.38MM (.015) CDR31-35 0.60MM (.023) 0.30MM (.012) MIL-PRF-55681 PART NUMBER ORDERING INFORMATION CDR01 BP 101 B K SM STYLE & SIZE CODE STYLE C -- Ceramic D -- Dielectric, Fixed Chip R -- Established Reliability FAILURE RATE LEVEL (%/1000 hrs.) TERMINATION FINISH S -- Solder Coated, Final (SolderGuard I) U -- Base Metalization-- Barrier Metal--Solder Coated (SolderGuard I) W -- Base Metalization-- Barrier Metal--Tinned Tin or (Tin/Lead Alloy) SolderGuard II Y -- Base Metalization Barrier Metal--Tinned (100% Tin) Solderguard II RATED TEMPERATURE -55C to +125C DIELECTRICS P -- 30 PPM/C--WITH OR WITHOUT VOLTAGE X -- 15%--without voltage + 15%, -25%--with voltage CAPACITANCE Expressed in picofarads (pF). First 2 digits represent significant figures and the last digit specifies the number of zeros to follow. (Use 9 for 1.0 through 9.9pF. Example: 2.2pF = 229) CAPACITANCE TOLERANCE B C D F .1 pF .25 pF .5 pF 1% J 5% K M 10% 20% RATED VOLTAGE A -- 50; B -- 100 KEMET/MIL-PRF-55681 PART NUMBER EQUIVALENTS C 0805 P 101 K 1 G M C* CERAMIC SIZE CODE See Table Above END METALIZATION C -- SolderGuard II (100% Sn) (Military equiv: Y, W) H -- SolderGuard I (Sn60) (Military equiv: S, U) SPECIFICATION P -MIL-PRF-55681 = CDR01-CDR06 N-MIL-PRF-55681 = CDR31-CDR35 FAILURE RATE (%/1,000 hrs.) M -- 1.0 P -- 0.1 R -- 0.01 S -- 0.001 CAPACITANCE CODE Expressed in picofarads (pF). First two digits represent significant figures. Third digit specifies number of zeros. (Use 9 for 1.0 thru 9.9 pF. Example: 2.2 pF -229) VOLTAGE TEMPERATURE CHARACTERISTIC Designated by Capacitance Change Over Temperature Range G -- BP (C0G/NP0) (30 PPM/C) X -- BX (15% Without Voltage +15% -25% With Voltage) CAPACITANCE TOLERANCE B C D F J K M .1 pF .25 pF .5 pF 1% 5% 10% 20% VOLTAGE 1 -- 100V, 5 -- 50V * Part Number Example: C0805P101K1GMC (14 digits - no spaces) (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 87 Ceramic Surface Mount M -- 1.0 P -- 0.1 R -- 0.01 S -- 0.001 CERAMIC CHIP/MIL-PRF-55681 Established Reliability RATINGS & PART NUMBER REFERENCE CHARACTERISTIC CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER CHARACTERISTIC CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER 100 Volt -- C0805 SIZE (MILITARY CDR01) 10 J,K C0805P100(3)1G(4)C CDR01BP100B(3)W(4) 12 J C0805P120J1G(4)C CDR01BP120BJW(4) 15 J,K C0805P150(3)1G(4)C CDR01BP150B(3)W(4) 18 J C0805P180J1G(4)C CDR01BP180BJW(4) 22 J,K C0805P220(3)1G(4)C CDR01BP220B(3)W(4) 27 J C0805P270J1G(4)C CDR01BP270BJW(4) 33 J,K C0805P330(3)1G(4)C CDR01BP330B(3)W(4) 39 J C0805P390J1G(4)C CDR01BP390BJW(4) 47 J,K C0805P470(3)1G(4)C CDR01BP470B(3)W(4) 56 J C0805P560J1G(4)C CDR01BP560BJW(4) 68 J,K C0805P680(3)1G(4)C CDR01BP680B(3)W(4) 82 J C0805P820J1G(4)C CDR01BP820BJW(4) 100 J,K C0805P101(3)1G(4)C CDR01BP101B(3)W(4) 120 J,K C0805P121(3)1(2)(4)C CDR01B(1)121B(3)W(4) 150 J,K C0805P151(3)1(2)(4)C CDR01B(1)151B(3)W(4) 180 J,K C0805P181(3)1(2)(4)C CDR01B(1)181B(3)W(4) 220 K,M C0805P221(3)1X(4)C CDR01BX221B(3)W(4) 270 K C0805P271K1X(4)C CDR01BX271BKW(4) 330 K,M C0805P331(3)1X(4)C CDR01BX331B(3)W(4) 390 K C0805P391K1X(4)C CDR01BX391BKW(4) 470 K,M C0805P471(3)1X(4)C CDR01BX471B(3)W(4) 560 K C0805P561K1X(4)C CDR01BX561BKW(4) 680 K,M C0805P681(3)1X(4)C CDR01BX681B(3)W(4) 820 K C0805P821K1X(4)C CDR01BX821BKW(4) 1,000 K,M C0805P102(3)1X(4)C CDR01BX102B(3)W(4) 1,200 K C0805P122K1X(4)C CDR01BX122BKW(4) 1,500 K,M C0805P152(3)1X(4)C CDR01BX152B(3)W(4) 1,800 K C0805P182K1X(4)C CDR01BX182BKW(4) 2,200 K,M C0805P222(3)1X(4)C CDR01BX222B(3)W(4) 2,700 K C0805P272K1X(4)C CDR01BX272BKW(4) 3,300 K,M C0805P332(3)1X(4)C CDR01BX332B(3)W(4) 50 Volt -- C0805 SIZE (MILITARY CDR01) 3,900 K C0805P392K5X(4)C CDR01BX392AKW(4) 4,700 K,M C0805P472(3)5X(4)C CDR01BX472A(3)W(4) 100 Volt -- C1805 SIZE (MILITARY CDR02) 220 J,K C1805P221(3)1G(4)C CDR02BP221B(3)W(4) 270 J C1805P271J1G(4)C CDR02BP271BJW(4) 3,900 K C1805P392K1X(4)C CDR02BX392BKW(4) 4,700 K,M C1805P472(3)1X(4)C CDR02BX472B(3)W(4) 5,600 K C1805P562K1X(4)C CDR02BX562BKW(4) 6,800 K,M C1805P682(3)1X(4)C CDR02BX682B(3)W(4) 8,200 K C1805P822K1X(4)C CDR02BX822BKW(4) 10,000 K,M C1805P103(3)1X(4)C CDR02BX103B(3)W(4) 50 Volt -- C1805 SIZE (MILITARY CDR02) 12,000 K C1805P123K5X(4)C CDR02BX123AKW(4) 15,000 K,M C1805P153(3)5X(4)C CDR02BX153A(3)W(4) 18,000 K C1805P183K5X(4)C CDR02BX183AKW(4) 22,000 K,M C1805P223(3)5X(4)C CDR02BX223A(3)W(4) 100 Volt -- C1808 SIZE (MILITARY CDR03) 330 J,K C1808P331(3)1G(4)C CDR03BP331B(3)W(4) 390 J C1808P391J1G(4)C CDR03BP391BJW(4) 470 J,K C1808P471(3)1G(4)C CDR03BP471B(3)W(4) 100 Volt -- C1808 SIZE (MILITARY CDR03) (Cont'd) 560 J C1808P561J1G(4)C CDR03BP561BJW(4) 680 J,K C1808P681(3)1G(4)C CDR03BP681B(3)W(4) 820 J C1808P821J1G(4)C CDR03BP821BJW(4) 1,000 J,K C1808P102(3)1G(4)C CDR03BP102B(3)W(4) 12,000 K C1808P123K1X(4)C CDR03BX123BKW(4) 15,000 K,M C1808P153(3)1X(4)C CDR03BX153B(3)W(4) 18,000 K C1808P183K1X(4)C CDR03BX183BKW(4) 22,000 K,M C1808P223(3)1X(4)C CDR03BX223B(3)W(4) 27,000 K C1808P273K1X(4)C CDR03BX273BKW(4) 33,000 K,M C1808P333(3)1X(4)C CDR03BX333B(3)W(4) 50 Volt -- C1808 SIZE (MILITARY CDR03) 39,000 K C1808P393K5X(4)C CDR03BX393AKW(4) 47,000 K,M C1808P473(3)5X(4)C CDR03BX473A(3)W(4) 56,000 K C1808P563K5X(4)C CDR03BX563AKW(4) 68,000 K,M C1808P683(3)5X(4)C CDR03BX683A(3)W(4) 100 Volt -- C1812 SIZE (MILITARY CDR04) 1,200 J C1812P122J1G(4)C CDR04BP122BJW(4) 1,500 J,K C1812P152(3)1G(4)C CDR04BP152B(3)W(4) 1,800 J C1812P182J1G(4)C CDR04BP182BJW(4) 2,200 J,K C1812P222(3)1G(4)C CDR04BP222B(3)W(4) 2,700 J C1812P272J1G(4)C CDR04BP272BJW(4) 3,300 J,K C1812P332(3)1G(4)C CDR04BP332B(3)W(4) 39,000 K C1812P393K1X(4)C CDR04BX393BKW(4) 47,000 K,M C1812P473(3)1X(4)C CDR04BX473B(3)W(4) 56,000 K C1812P563K1X(4)C CDR04BX563BKW(4) 50 Volt -- C1812 SIZE (MILITARY CDR04) 82,000 K C1812P823K5X(4)C CDR04BX823AKW(4) 100,000 K,M C1812P104(3)5X(4)C CDR04BX104A(3)W(4) 120,000 K C1812P124K5X(4)C CDR04BX124AKW(4) 150,000 K,M C1812P154(3)5X(4)C CDR04BX154A(3)W(4) 180,000 K C1812P184K5X(4)C CDR04BX184AKW(4) 100 Volt -- C1825 SIZE (MILITARY CDR05) 3,900 J,K C1825P392(3)1G(4)C CDR05BP392B(3)W(4) 4,700 J,K C1825P472(3)1G(4)C CDR05BP472B(3)W(4) 5,600 J,K C1825P562(3)1G(4)C CDR05BP562B(3)W(4) 68,000 K,M C1825P683(3)1X(4)C CDR05BX683B(3)W(4) 82,000 K C1825P823K1X(4)C CDR05BX823BKW(4) 100,000 K,M C1825P104(3)1X(4)C CDR05BX104B(3)W(4) 120,000 K C1825P124K1X(4)C CDR05BX124BKW(4) 150,000 K,M C1825P154(3)1X(4)C CDR05BX154B(3)W(4) 50 Volt -- C1825 SIZE (MILITARY CDR05) 220,000 K,M C1825P224(3)5X(4)C CDR05BX224A(3)W(4) 270,000 K C1825P274K5X(4)C CDR05BX274AKW(4) 330,000 K,M C1825P334(3)5X(4)C CDR05BX334A(3)W(4) 100 Volt -- C2225 SIZE (MILITARY CDR06) 6,800 J,K C2225P682(3)1G(4)C CDR06BP682B(3)W(4) 8,200 J,K C2225P822(3)1G(4)C CDR06BP822B(3)W(4) 10,000 J,K C2225P103(3)1G(4)C CDR06BP103B(3)W(4) 50 Volt -- C2225 SIZE (MILITARY CDR06) 390,000 K C2225P394K5X(4)C CDR06BX394AKW(4) 470,000 K,M C2225P474(3)5X(4)C CDR06BX474A(3)W(4) BP BP or BX BX BX BP BX BX BP (1) To complete Part Number for Dielectric, insert P or X symbol - as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. ("G" for Military "BP," or "X" for Military "BX.") (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B - 0.1 pF, C - 0.25 pF, D - 0.5pF, F - 1%, J - 5%, K - 10%, M - 20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M -1.0%; P -0.1%; R -0.01%; S -.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 "W"; KEMET "C") end metalization. If MIL-PRF-55681 "U" or "S" (KEMET "H") or MIL-PRF-55681 "Y" (KEMET "C") is required, please change designators accordingly. 88 (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 BX BP BX BX BP BX BX BP BX BX BP CERAMIC CHIP/MIL-PRF-55681 Established Reliablility RATINGS & PART NUMBER REFERENCE CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER 5,600 6,800 8,200 10,000 12,000 15,000 18,000 (1) To complete Part Number for Dielectric, insert P or X symbol - as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. ("G" for Military "BP," or "X" for Military "BX.") (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B - 0.1 pF, C - 0.25 pF. D - 0.5pF, F - 1%, J - 5%, K - 10%, M - 20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M -1.0%; P -0.1%; R -0.01%; S -.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 "W"; KEMET "C") end metalization. If MIL-PRF-55681 "U" or "S" (KEMET "H") or MIL-PRF-55681 "Y" (KEMET "C") is required, please change designators accordingly. MARKING See page 97 for MIL-PRF-55681 Marking (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 89 Ceramic Surface Mount 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 100 Volt -- BP -- C0805 SIZE (MILITARY CDR31) B,C C0805N109(3)1G(4)C CDR31BP1R0B(3)W(4) B,C C0805N119(3)1G(4)C CDR31BP1R1B(3)W(4) B,C C0805N129(3)1G(4)C CDR31BP1R2B(3)W(4) B,C C0805N139(3)1G(4)C CDR31BP1R3B(3)W(4) B,C C0805N159(3)1G(4)C CDR31BP1R5B(3)W(4) B,C C0805N169(3)1G(4)C CDR31BP1R6B(3)W(4) B,C C0805N189(3)1G(4)C CDR31BP1R8B(3)W(4) B,C C0805N209(3)1G(4)C CDR31BP2R0B(3)W(4) B,C C0805N229(3)1G(4)C CDR31BP2R2B(3)W(4) B,C C0805N249(3)1G(4)C CDR31BP2R4B(3)W(4) B,C,D C0805N279(3)1G(4)C CDR31BP2R7B(3)W(4) B,C,D C0805N309(3)1G(4)C CDR31BP3R0B(3)W(4) B,C,D C0805N339(3)1G(4)C CDR31BP3R3B(3)W(4) B,C,D C0805N369(3)1G(4)C CDR31BP3R6B(3)W(4) B,C,D C0805N399(3)1G(4)C CDR31BP3R9B(3)W(4) B,C,D C0805N439(3)1G(4)C CDR31BP4R3B(3)W(4) B,C,D C0805N479(3)1G(4)C CDR31BP4R7B(3)W(4) B,C,D C0805N519(3)1G(4)C CDR31BP5R1B(3)W(4) B,C,D C0805N569(3)1G(4)C CDR31BP5R6B(3)W(4) B,C,D C0805N629(3)1G(4)C CDR31BP6R2B(3)W(4) B,C,D C0805N689(3)1G(4)C CDR31BP6R8B(3)W(4) B,C,D C0805N759(3)1G(4)C CDR31BP7R5B(3)W(4) B,C,D C0805N829(3)1G(4)C CDR31BP8R2B(3)W(4) B,C,D C0805N919(3)1G(4)C CDR31BP9R1B(3)W(4) F,J,K C0805N100(3)1G(4)C CDR31BP100B(3)W(4) F,J,K C0805N110(3)1G(4)C CDR31BP110B(3)W(4) F,J,K C0805N120(3)1G(4)C CDR31BP120B(3)W(4) F,J,K C0805N130(3)1G(4)C CDR31BP130B(3)W(4) F,J,K C0805N150(3)1G(4)C CDR31BP150B(3)W(4) F,J,K C0805N160(3)1G(4)C CDR31BP160B(3)W(4) F,J,K C0805N180(3)1G(4)C CDR31BP180B(3)W(4) F,J,K C0805N200(3)1G(4)C CDR31BP200B(3)W(4) F,J,K C0805N220(3)1G(4)C CDR31BP220B(3)W(4) F,J,K C0805N240(3)1G(4)C CDR31BP240B(3)W(4) F,J,K C0805N270(3)1G(4)C CDR31BP270B(3)W(4) F,J,K C0805N300(3)1G(4)C CDR31BP300B(3)W(4) F,J,K C0805N330(3)1G(4)C CDR31BP330B(3)W(4) F,J,K C0805N360(3)1G(4)C CDR31BP360B(3)W(4) F,J,K C0805N390(3)1G(4)C CDR31BP390B(3)W(4) F,J,K C0805N430(3)1G(4)C CDR31BP430B(3)W(4) F,J,K C0805N470(3)1G(4)C CDR31BP470B(3)W(4) F,J,K C0805N510(3)1G(4)C CDR31BP510B(3)W(4) F,J,K C0805N560(3)1G(4)C CDR31BP560B(3)W(4) F,J,K C0805N620(3)1G(4)C CDR31BP620B(3)W(4) F,J,K C0805N680(3)1G(4)C CDR31BP680B(3)W(4) F,J,K C0805N750(3)1G(4)C CDR31BP750B(3)W(4) F,J,K C0805N820(3)1G(4)C CDR31BP820B(3)W(4) 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 470 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700 3,300 3,900 4,700 100 Volt -- BP -- C0805 SIZE (MILITARY CDR31) F,J,K C0805N910(3)1G(4)C CDR31BP910B(3)W(4) F,J,K C0805N101(3)1G(4)C CDR31BP101B(3)W(4) F,J,K C0805N111(3)1G(4)C CDR31BP111B(3)W(4) F,J,K C0805N121(3)1G(4)C CDR31BP121B(3)W(4) F,J,K C0805N131(3)1G(4)C CDR31BP131B(3)W(4) F,J,K C0805N151(3)1G(4)C CDR31BP151B(3)W(4) F,J,K C0805N161(3)1G(4)C CDR31BP161B(3)W(4) F,J,K C0805N181(3)1G(4)C CDR31BP181B(3)W(4) F,J,K C0805N201(3)1G(4)C CDR31BP201B(3)W(4) F,J,K C0805N221(3)1G(4)C CDR31BP221B(3)W(4) F,J,K C0805N241(3)1G(4)C CDR31BP241B(3)W(4) F,J,K C0805N271(3)1G(4)C CDR31BP271B(3)W(4) F,J,K C0805N301(3)1G(4)C CDR31BP301B(3)W(4) F,J,K C0805N331(3)1G(4)C CDR31BP331B(3)W(4) F,J,K C0805N361(3)1G(4)C CDR31BP361B(3)W(4) F,J,K C0805N391(3)1G(4)C CDR31BP391B(3)W(4) F,J,K C0805N431(3)1G(4)C CDR31BP431B(3)W(4) F,J,K C0805N471(3)1G(4)C CDR31BP471B(3)W(4) 50 Volt -- BP -- C0805 SIZE (MILITARY CDR31) F,J,K C0805N511(3)5G(4)C CDR31BP511A(3)W(4) F,J,K C0805N561(3)5G(4)C CDR31BP561A(3)W(4) F,J,K C0805N621(3)5G(4)C CDR31BP621A(3)W(4) F,J,K C0805N681(3)5G(4)C CDR31BP681A(3)W(4) 100 Volt -- BX -- C0805 SIZE (MILITARY CDR31) K,M C0805N471(3)1X(4)C CDR31BX471B(3)W(4) K,M C0805N561(3)1X(4)C CDR31BX561B(3)W(4) K,M C0805N681(3)1X(4)C CDR31BX681B(3)W(4) K,M C0805N821(3)1X(4)C CDR31BX821B(3)W(4) K,M C0805N102(3)1X(4)C CDR31BX102B(3)W(4) K,M C0805N122(3)1X(4)C CDR31BX122B(3)W(4) K,M C0805N152(3)1X(4)C CDR31BX152B(3)W(4) K,M C0805N182(3)1X(4)C CDR31BX182B(3)W(4) K,M C0805N222(3)1X(4)C CDR31BX222B(3)W(4) K,M C0805N272(3)1X(4)C CDR31BX272B(3)W(4) K,M C0805N332(3)1X(4)C CDR31BX332B(3)W(4) K,M C0805N392(3)1X(4)C CDR31BX392B(3)W(4) K,M C0805N472(3)1X(4)C CDR31BX472B(3)W(4) 50 Volt -- BX -- C0805 SIZE (MILITARY CDR31) K,M C0805N562(3)5X(4)C CDR31BX562A(3)W(4) K,M C0805N682(3)5X(4)C CDR31BX682A(3)W(4) K,M C0805N822(3)5X(4)C CDR31BX822A(3)W(4) K,M C0805N103(3)5X(4)C CDR31BX103A(3)W(4) K,M C0805N123(3)5X(4)C CDR31BX123A(3)W(4) K,M C0805N153(3)5X(4)C CDR31BX153A(3)W(4) K,M C0805N183(3)5X(4)C CDR31BX183A(3)W(4) CERAMIC CHIP/MIL-PRF-55681 Established Reliability RATINGS & PART NUMBER REFERENCE CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 100 Volt -- BP -- C1206 SIZE (MILITARY CDR32) B,C C1206N109(3)1G(4)C CDR32BP1R0B(3)W(4) B,C C1206N119(3)1G(4)C CDR32BP1R1B(3)W(4) B,C C1206N129(3)1G(4)C CDR32BP1R2B(3)W(4) B,C C1206N139(3)1G(4)C CDR32BP1R3B(3)W(4) B,C C1206N159(3)1G(4)C CDR32BP1R5B(3)W(4) B,C C1206N169(3)1G(4)C CDR32BP1R6B(3)W(4) B,C C1206N189(3)1G(4)C CDR32BP1R8B(3)W(4) B,C C1206N209(3)1G(4)C CDR32BP2R0B(3)W(4) B,C C1206N229(3)1G(4)C CDR32BP2R2B(3)W(4) B,C C1206N249(3)1G(4)C CDR32BP2R4B(3)W(4) B,C,D C1206N279(3)1G(4)C CDR32BP2R7B(3)W(4) B,C,D C1206N309(3)1G(4)C CDR32BP3R0B(3)W(4) B,C,D C1206N339(3)1G(4)C CDR32BP3R3B(3)W(4) B,C,D C1206N369(3)1G(4)C CDR32BP3R6B(3)W(4) B,C,D C1206N399(3)1G(4)C CDR32BP3R9B(3)W(4) B,C,D C1206N439(3)1G(4)C CDR32BP4R3B(3)W(4) B,C,D C1206N479(3)1G(4)C CDR32BP4R7B(3)W(4) B,C,D C1206N519(3)1G(4)C CDR32BP5R1B(3)W(4) B,C,D C1206N569(3)1G(4)C CDR32BP5R6B(3)W(4) B,C,D C1206N629(3)1G(4)C CDR32BP6R2B(3)W(4) B,C,D C1206N689(3)1G(4)C CDR32BP6R8B(3)W(4) B,C,D C1206N759(3)1G(4)C CDR32BP7R5B(3)W(4) B,C,D C1206N829(3)1G(4)C CDR32BP8R2B(3)W(4) B,C,D C1206N919(3)1G(4)C CDR32BP9R1B(3)W(4) F,J,K C1206N100(3)1G(4)C CDR32BP100B(3)W(4) F,J,K C1206N110(3)1G(4)C CDR32BP110B(3)W(4) F,J,K C1206N120(3)1G(4)C CDR32BP120B(3)W(4) F,J,K C1206N130(3)1G(4)C CDR32BP130B(3)W(4) F,J,K C1206N150(3)1G(4)C CDR32BP150B(3)W(4) F,J,K C1206N160(3)1G(4)C CDR32BP160B(3)W(4) F,J,K C1206N180(3)1G(4)C CDR32BP180B(3)W(4) F,J,K C1206N200(3)1G(4)C CDR32BP200B(3)W(4) F,J,K C1206N220(3)1G(4)C CDR32BP220B(3)W(4) F,J,K C1206N240(3)1G(4)C CDR32BP240B(3)W(4) F,J,K C1206N270(3)1G(4)C CDR32BP270B(3)W(4) F,J,K C1206N300(3)1G(4)C CDR32BP300B(3)W(4) F,J,K C1206N330(3)1G(4)C CDR32BP330B(3)W(4) F,J,K C1206N360(3)1G(4)C CDR32BP360B(3)W(4) F,J,K C1206N390(3)1G(4)C CDR32BP390B(3)W(4) F,J,K C1206N430(3)1G(4)C CDR32BP430B(3)W(4) F,J,K C1206N470(3)1G(4)C CDR32BP470B(3)W(4) F,J,K C1206N510(3)1G(4)C CDR32BP510B(3)W(4) F,J,K C1206N560(3)1G(4)C CDR32BP560B(3)W(4) F,J,K C1206N620(3)1G(4)C CDR32BP620B(3)W(4) F,J,K C1206N680(3)1G(4)C CDR32BP680B(3)W(4) F,J,K C1206N750(3)1G(4)C CDR32BP750B(3)W(4) F,J,K C1206N820(3)1G(4)C CDR32BP820B(3)W(4) F,J,K C1206N910(3)1G(4)C CDR32BP910B(3)W(4) F,J,K C1206N101(3)1G(4)C CDR32BP101B(3)W(4) 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1,000 1,100 1,200 1,300 1,500 1,600 1,800 2,000 2,200 4,700 5,600 6,800 8,200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 39,000 100 Volt -- BP -- C1206 SIZE (MILITARY CDR32) F,J,K C1206N111(3)1G(4)C CDR32BP111B(3)W(4) F,J,K C1206N121(3)1G(4)C CDR32BP121B(3)W(4) F,J,K C1206N131(3)1G(4)C CDR32BP131B(3)W(4) F,J,K C1206N151(3)1G(4)C CDR32BP151B(3)W(4) F,J,K C1206N161(3)1G(4)C CDR32BP161B(3)W(4) F,J,K C1206N181(3)1G(4)C CDR32BP181B(3)W(4) F,J,K C1206N201(3)1G(4)C CDR32BP201B(3)W(4) F,J,K C1206N221(3)1G(4)C CDR32BP221B(3)W(4) F,J,K C1206N241(3)1G(4)C CDR32BP241B(3)W(4) F,J,K C1206N271(3)1G(4)C CDR32BP271B(3)W(4) F,J,K C1206N301(3)1G(4)C CDR32BP301B(3)W(4) F,J,K C1206N331(3)1G(4)C CDR32BP331B(3)W(4) F,J,K C1206N361(3)1G(4)C CDR32BP361B(3)W(4) F,J,K C1206N391(3)1G(4)C CDR32BP391B(3)W(4) F,J,K C1206N431(3)1G(4)C CDR32BP431B(3)W(4) F,J,K C1206N471(3)1G(4)C CDR32BP471B(3)W(4) F,J,K C1206N511(3)1G(4)C CDR32BP511B(3)W(4) F,J,K C1206N561(3)1G(4)C CDR32BP561B(3)W(4) F,J,K C1206N621(3)1G(4)C CDR32BP621B(3)W(4) F,J,K C1206N681(3)1G(4)C CDR32BP681B(3)W(4) F,J,K C1206N751(3)1G(4)C CDR32BP751B(3)W(4) F,J,K C1206N821(3)1G(4)C CDR32BP821B(3)W(4) F,J,K C1206N911(3)1G(4)C CDR32BP911B(3)W(4) F,J,K C1206N102(3)1G(4)C CDR32BP102B(3)W(4) 50 Volt -- BP -- C1206 SIZE (MILITARY CDR32) F,J,K C1206N112(3)5G(4)C CDR32BP112A(3)W(4) F,J,K C1206N122(3)5G(4)C CDR32BP122A(3)W(4) F,J,K C1206N132(3)5G(4)C CDR32BP132A(3)W(4) F,J,K C1206N152(3)5G(4)C CDR32BP152A(3)W(4) F,J,K C1206N162(3)5G(4)C CDR32BP162A(3)W(4) F,J,K C1206N182(3)5G(4)C CDR32BP182A(3)W(4) F,J,K C1206N202(3)5G(4)C CDR32BP202A(3)W(4) F,J,K C1206N222(3)5G(4)C CDR32BP222A(3)W(4) 100 Volt -- BX -- C1206 SIZE (MILITARY CDR32) K,M C1206N472(3)1X(4)C CDR32BX472B(3)W(4) K,M C1206N562(3)1X(4)C CDR32BX562B(3)W(4) K,M C1206N682(3)1X(4)C CDR32BX682B(3)W(4) K,M C1206N822(3)1X(4)C CDR32BX822B(3)W(4) K,M C1206N103(3)1X(4)C CDR32BX103B(3)W(4) K,M C1206N123(3)1X(4)C CDR32BX123B(3)W(4) K,M C1206N153(3)1X(4)C CDR32BX153B(3)W(4) 50 Volt -- BX -- C1206 SIZE (MILITARY CDR32) K,M C1206N183(3)5X(4)C CDR32BX183A(3)W(4) K,M C1206N223(3)5X(4)C CDR32BX223A(3)W(4) K,M C1206N273(3)5X(4)C CDR32BX273A(3)W(4) K,M C1206N333(3)5X(4)C CDR32BX333A(3)W(4) K,M C1206N393(3)5X(4)C CDR32BX393A(3)W(4) (1) To complete Part Number for Dielectric, insert P or X symbol - as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. ("G" for Military "BP," or "X" for Military "BX.") (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B - 0.1 pF, C - 0.25 pF. D - 0.5pF, F - 1%, J - 5%, K - 10%, M - 20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M -1.0%; P -0.1%; R -0.01%; S -.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 "W"; KEMET "C") end metalization. If MIL-PRF-55681 "U" or "S" (KEMET "H") or MIL-PRF-55681 "Y" (KEMET "C") is required, please change designators accordingly. 90 (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CERAMIC CHIP/MIL-PRF-55681 Established Reliability RATINGS & PART NUMBER REFERENCE CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER CAP. pF AVAIL. TOL. KEMET CAPACITORS MIL-PRF-55681 PART NUMBER (1) To complete Part Number for Dielectric, insert P or X symbol - as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. ("G" for Military "BP," or "X" for Military "BX.") (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B - 0.1 pF, C - 0.25 pF, D - 0.5pF, F - 1%, J - 5%, K - 10%, M - 20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M -1.0%; P -0.1%; R -0.01%; S -.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 "W"; KEMET "C") end metalization. If MIL-PRF-55681 "U" or "S" (KEMET "H") or MIL-PRF-55681 "Y" (KEMET "C") is required, please change designators accordingly. MIL-PRF-55681 MAXIMUM INDIVIDUAL PACKAGING QUANTITIES CHIP SIZE C0805 C1206 C1210 C1805 BULK BULK - ANTI-STATIC REELED STD BAG BAG 2,500 25,000 10,000 2,500 25,000 10,000 2,500 25,000 10,000 2,500 7,500 3,000 CHIP SIZE C1808 C1812 C1825 C2225 BULK BULK - ANTI-STATIC REELED STD BAG BAG 2,500 7,500 3,000 1,100 7,500 3,000 1,100 7,500 1,000 1,100 5,000 1,000 91 MIL-PRF-55681 chips available in 7" reels only. (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 Ceramic Surface Mount 100 Volt -- BP -- C1210 SIZE (MILITARY CDR33) F,J,K C1210N102(3)1G(4)C CDR33BP102B(3)W(4) F,J,K C1210N112(3)1G(4)C CDR33BP112B(3)W(4) F,J,K C1210N122(3)1G(4)C CDR33BP122B(3)W(4) F,J,K C1210N132(3)1G(4)C CDR33BP132B(3)W(4) F,J,K C1210N152(3)1G(4)C CDR33BP152B(3)W(4) F,J,K C1210N162(3)1G(4)C CDR33BP162B(3)W(4) F,J,K C1210N182(3)1G(4)C CDR33BP182B(3)W(4) F,J,K C1210N202(3)1G(4)C CDR33BP202B(3)W(4) F,J,K C1210N222(3)1G(4)C CDR33BP222B(3)W(4) 50 Volt -- BP -- C1210 SIZE (MILITARY CDR33) 2,400 F,J,K C1210N242(3)5G(4)C CDR33BP242A(3)W(4) 2,700 F,J,K C1210N272(3)5G(4)C CDR33BP272A(3)W(4) 3,000 F,J,K C1210N302(3)5G(4)C CDR33BP302A(3)W(4) 3,300 F,J,K C1210N332(3)5G(4)C CDR33BP332A(3)W(4) 100 Volt -- BX -- C1210 SIZE (MILITARY CDR33) 15,000 K,M C1210N153(3)1X(4)C CDR33BX153B(3)W(4) 18,000 K,M C1210N183(3)1X(4)C CDR33BX183B(3)W(4) 22,000 K,M C1210N223(3)1X(4)C CDR33BX223B(3)W(4) 27,000 K,M C1210N273(3)1X(4)C CDR33BX273B(3)W(4) 50 Volt -- BX -- C1210 SIZE (MILITARY CDR33) 39,000 K,M C1210N393(3)5X(4)C CDR33BX393A(3)W(4) 47,000 K,M C1210N473(3)5X(4)C CDR33BX473A(3)W(4) 56,000 K,M C1210N563(3)5X(4)C CDR33BX563A(3)W(4) 68,000 K,M C1210N683(3)5X(4)C CDR33BX683A(3)W(4) 82,000 K,M C1210N823(3)5X(4)C CDR33BX823A(3)W(4) 100,000 K,M C1210N104(3)5X(4)C CDR33BX104A(3)W(4) 100 Volt -- BP -- C1812 SIZE (MILITARY CDR34) 2,200 F,J,K C1812N222(3)1G(4)C CDR34BP222B(3)W(4) 2,400 F,J,K C1812N242(3)1G(4)C CDR34BP242B(3)W(4) 2,700 F,J,K C1812N272(3)1G(4)C CDR34BP272B(3)W(4) 3,000 F,J,K C1812N302(3)1G(4)C CDR34BP302B(3)W(4) 3,300 F,J,K C1812N332(3)1G(4)C CDR34BP332B(3)W(4) 3,600 F,J,K C1812N362(3)1G(4)C CDR34BP362B(3)W(4) 3,900 F,J,K C1812N392(3)1G(4)C CDR34BP392B(3)W(4) 4,300 F,J,K C1812N432(3)1G(4)C CDR34BP432B(3)W(4) 4,700 F,J,K C1812N472(3)1G(4)C CDR34BP472B(3)W(4) 50 Volt -- BP -- C1812 SIZE (MILITARY CDR34) 5,100 F,J,K C1812N512(3)5G(4)C CDR34BP512A(3)W(4) 5,600 F,J,K C1812N562(3)5G(4)C CDR34BP562A(3)W(4) 6,200 F,J,K C1812N622(3)5G(4)C CDR34BP622A(3)W(4) 6,800 F,J,K C1812N682(3)5G(4)C CDR34BP682A(3)W(4) 7,500 F,J,K C1812N752(3)5G(4)C CDR34BP752A(3)W(4) 8,200 F,J,K C1812N822(3)5G(4)C CDR34BP822A(3)W(4) 9,100 F,J,K C1812N912(3)5G(4)C CDR34BP912A(3)W(4) 10,000 F,J,K C1812N103(3)5G(4)C CDR34BP103A(3)W(4) 1,000 1,100 1,200 1,300 1,500 1,600 1,800 2,000 2,200 100 Volt -- BX -- C1812 SIZE (MILITARY CDR34) 27,000 K,M C1812N273(3)1X(4)C CDR34BX273B(3)W(4) 33,000 K,M C1812N333(3)1X(4)C CDR34BX333B(3)W(4) 39,000 K,M C1812N393(3)1X(4)C CDR34BX393B(3)W(4) 47,000 K,M C1812N473(3)1X(4)C CDR34BX473B(3)W(4) 56,000 K,M C1812N563(3)1X(4)C CDR34BX563B(3)W(4) 50 Volt -- BX -- C1812 SIZE (MILITARY CDR34) 100,000 K,M C1812N104(3)5X(4)C CDR34BX104A(3)W(4) 120,000 K,M C1812N124(3)5X(4)C CDR34BX124A(3)W(4) 150,000 K,M C1812N154(3)5X(4)C CDR34BX154A(3)W(4) 180,000 K,M C1812N184(3)5X(4)C CDR34BX184A(3)W(4) 100 Volt -- BP -- C1825 SIZE (MILITARY CDR35) 4,700 F,J,K C1825N472(3)1G(4)C CDR35BP472B(3)W(4) 5,100 F,J,K C1825N512(3)1G(4)C CDR35BP512B(3)W(4) 5,600 F,J,K C1825N562(3)1G(4)C CDR35BP562B(3)W(4) 6,200 F,J,K C1825N622(3)1G(4)C CDR35BP622B(3)W(4) 6,800 F,J,K C1825N682(3)1G(4)C CDR35BP682B(3)W(4) 7,500 F,J,K C1825N752(3)1G(4)C CDR35BP752B(3)W(4) 8,200 F,J,K C1825N822(3)1G(4)C CDR35BP822B(3)W(4) 9,100 F,J,K C1825N912(3)1G(4)C CDR35BP912B(3)W(4) 10,000 F,J,K C1825N103(3)1G(4)C CDR35BP103B(3)W(4) 50 Volt -- BP -- C1825 SIZE (MILITARY CDR35) 11,000 F,J,K C1825N113(3)5G(4)C CDR35BP113A(3)W(4) 12,000 F,J,K C1825N123(3)5G(4)C CDR35BP123A(3)W(4) 13,000 F,J,K C1825N133(3)5G(4)C CDR35BP133A(3)W(4) 15,000 F,J,K C1825N153(3)5G(4)C CDR35BP153A(3)W(4) 16,000 F,J,K C1825N163(3)5G(4)C CDR35BP163A(3)W(4) 18,000 F,J,K C1825N183(3)5G(4)C CDR35BP183A(3)W(4) 20,000 F,J,K C1825N203(3)5G(4)C CDR35BP203A(3)W(4) 22,000 F,J,K C1825N223(3)5G(4)C CDR35BP223A(3)W(4) 100 Volt -- BX -- C1825 SIZE (MILITARY CDR35) 56,000 K,M C1825N563(3)1X(4)C CDR35BX563B(3)W(4) 68,000 K,M C1825N683(3)1X(4)C CDR35BX683B(3)W(4) 82,000 K,M C1825N823(3)1X(4)C CDR35BX823B(3)W(4) 100,000 K,M C1825N104(3)1X(4)C CDR35BX104B(3)W(4) 120,000 K,M C1825N124(3)1X(4)C CDR35BX124B(3)W(4) 150,000 K,M C1825N154(3)1X(4)C CDR35BX154B(3)W(4) 50 Volt -- BX -- C1825 SIZE (MILITARY CDR35) 180,000 K,M C1825N184(3)5X(4)C CDR35BX184A(3)W(4) 220,000 K,M C1825N224(3)5X(4)C CDR35BX224A(3)W(4) 270,000 K,M C1825N274(3)5X(4)C CDR35BX274A(3)W(4) 330,000 K,M C1825N334(3)5X(4)C CDR35BX334A(3)W(4) 390,000 K,M C1825N394(3)5X(4)C CDR35BX394A(3)W(4) 470,000 K,M C1825N474(3)5X(4)C CDR35BX474A(3)W(4) CERAMIC CHIP CAPACITORS Packaging Information Tape & Reel Packaging KEMET offers Multilayer Ceramic Chip Capacitors packaged in 8mm and 12mm plastic tape on 7" and 13" reels in accordance with EIA standard 481-1: Taping of surface mount components for automatic handling. This packaging system is compatible with all tape fed automatic pick and place systems. See page 78 for details on reeling quantities for commercial chips and page 87 for MIL-PRF-55681 chips. g handling. This packaging system is compatible with all tape fed automatic pick and place systems. See page 81 for details on reeling quantities for commercial chips and page 90 for MIL-PRF-55681 chips. Anti-Static Reel Embossed Carrier* 0402 and 0603 case sizes available on punched paper only. Chip Orientation in Pocket (except 1825 Commercial, and 1825 & 2225 Military) (R) KE ME T Embossment 8mm .30 (.315 .012") or 12mm .30 (.472 .012") 178mm (7.00") or 330mm (13.00") Anti-Static Cover Tape (.10mm (.004") Max Thickness) * Punched paper carrier used for 0402 and 0603 case size. SURFACE MOUNT LAND DIMENSIONS - CERAMIC CHIP CAPACITORS - MM Grid Grid placement courtyard Placement Reflow Solder Dimension 0402 0603 0805 1206 1210 1812 1825 2220 2225 Z 2.14 2.78 3.30 4.50 4.50 5.90 5.90 7.00 7.00 G 0.28 0.68 0.70 1.50 1.50 2.30 2.30 3.30 3.30 X Y(ref) C(ref) 0.74 0.93 1.21 1.08 1.05 1.73 1.60 1.30 2.00 2.00 1.50 3.00 2.90 1.50 3.00 3.70 1.80 4.10 6.90 1.80 4.10 5.50 1.85 5.15 6.80 1.85 5.15 Z 3.18 3.70 4.90 4.90 G Wave Solder X 0.80 1.10 1.40 2.00 Y(ref) Smin 1.25 1.50 1.70 1.70 1.93 2.20 3.20 3.20 Not Recommended Courtyard C C 0.68 0.70 1.50 1.50 X X Not Recommended GG Y Z Z Y Calculation Formula Z = Lmin + 2Jt + Tt G = Smax - 2Jh -Th X = Wmin + 2Js + Ts Tt, Th, Ts = Combined tolerances (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 93 Packaging TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS Packaging Information Performance Notes 1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556. Embossed Carrier Tape Configuration: Figure 1 Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches) Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0 Variable Dimensions -- Millimeters (Inches) Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4 (0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002) (0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181) 4.6 12.0 0.30 (0.181) (0.472 0.012) NOTES 1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.) 94 (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS Packaging Information Embossed Carrier Tape Configuration (cont.) 20 Sketch D: Tape Camber (Top View) 1mm (0.039) Max. 250mm (9.843) Allowable camber to be 1 mm/250 mm. 1mm (0.039) Max. 400mm (15.75) Min. Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern) Figure 3: Reel Dimensions (Metric Dimensions will govern) Table 2 - REEL DIMENSIONS (Metric will govern) Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606) 12 mm 330.0 (12.992) 1.5 (0.059) 13.0 0.20 (0.512 0.008) 20.2 (0.795) 18.4 (0.724) (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 95 Packaging CERAMIC CHIP CAPACITORS Packaging Information Punched Carrier (Paper Tape) Configuration (Ceramic Chips Only): T P0 D0 Top Tape Cover P2 10 pitches cumulative tolerance on tape 0.2 (0.008) E Bottom Tape Cover A0 B0 G2 Max. Cavity Size See Note 1 Table 1 F W T1 User Direction of Feed P1 Center lines of cavity Table 1: 8 & 12mm Punched Tape (Metric Dimensions Will Govern) Constant Dimensions - Millimeters (Inches) Tape Size D0 E P0 P2 T1 G1 G2 R Min. 8mm 1.5 1.75 0.10 4.0 0.10 2.0 0.05 0.10 0.75 0.75 25 (.984) and +0.10, -0.0 (.004) (.030) (.030) See Note 2 12mm (.059 (.069 0.004) (.157 0.004) (.079 0.002) Max. Min. Min. Table 1 +0.004, -0.0) Table 1: 8 & 12mm Punched Tape (Metric Dimensions Will Govern) Variable Dimensions - Millimeters (Inches) Tape Size P1 F W A0B0 T 8mm 1/2 Pitch 8mm 12mm 2.0 0.10 (.079 .004) 3.5 0.05 See Requirements Section 3.3 (d) (.138 .002) 4.0 0.10 (0.157 .004) 4.0 0.10 (0.157 .004) 5.5 0.05 8.0 0.3 (.315 0.012) See Note 1 Table 1 12.0 0.3 (.472 .012) 1.1mm (.043) Max. for Paper Base Tape and 1.6mm (.063) Max. for NonPaper Base Compositions. See Note 3. 12mm 8.0 0.10 (.217 .002) Double (0.315 .004) Pitch Note: 1. A0, B0 and T determined by the maximum dimensions to the ends of the terminals extending from the body and/or the body dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (A0, B0 and T) must be within 0.05mm (.002) minimum and 0.50mm (.020) maximum. The clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees (see sketches A and B). 2. Tape with components shall pass around radius "R" without damage. 3. KEMET nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum. Sketch B: Max. Component Rotation - Front Cross Sectional View 20 Sketch C: Component Rotation - Top View Maximum 20 component rotation. Sketch A: Bending Radius See Note 2 Table 1 R (Min.) Typical component center line 96 (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CERAMIC CHIP CAPACITORS Packaging Information Bulk Cassette Packaging (Ceramic Chips only) (Meets Dimensional Requirements IEC-286-6 and EIAJ 7201) 6.8 0.1 8.8 0.1 12.0 0.1 Table 2 - Capacitance Values Available In Bulk Cassette Packaging Min. Max. Case Cap Cap Size Dielectric Voltage Value Value 0402 0603 0805 All All C0G All All 200 100 50 200 100 50 25 16 25 16 All All 109 109 109 221 221 221 221 221 104 104 All All 181 331 102 392 103 273 104 104 224 224 53.3* Unit: mm * Reference 10* 1.5 2.0 3.0 0.1 0 0 0.1 0.2 0 X7R 31.5 0.2 0 36 0 0.2 19.0* 110 0.7 5.0* Y5V Table 1 - Capacitor Dimensions for Bulk Cassette Packaging - Millimeters Metric Size Code 1005 1608 2012 EIA Size Code 0402 0603 0805 Length L Width W Thickness Bandwidth T B 0.5 .05 0.8 .07 0.6 .10 0.2 to 0.4 0.2 to 0.5 0.5 to 0.75 Minimum Separation S 0.3 0.7 0.75 Number of Pcs/Cassette 50,000 15,000 10,000 1.0 0.05 0.5 0.05 1.6 0.07 0.8 0.07 2.0 0.10 1.25 0.10 Terminations: KEMET nickel barrier layer with a tin overplate. CAPACITOR MARKING TABLE (Marking Optional - Not Available for 0402 Size or Y5V Dielectric) Numeral Alpha Character Capacitance (pF) For Various Numeral Identifiers 9 0 1 2 3 4 5 6 7 A B C D E F G H J K L M N P Q R S T U V W X Y Z a b d e f m n t y 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 0.25 0.35 0.40 0.45 0.50 0.60 0.70 0.80 0.90 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 2.5 3.5 4.0 4.5 5.0 6.0 7.0 8.0 9.0 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 25 35 40 45 50 60 70 80 90 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 250 350 400 450 500 600 700 800 900 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 9100 2500 3500 4000 4500 5000 6000 7000 8000 9000 10,000 11,000 12,000 13,000 15,000 16,000 18,000 20,000 22,000 24,000 27,000 30,000 33,000 36,000 39,000 43,000 47,000 51,000 56,000 62,000 68,000 75,000 82,000 91,000 25,000 35,000 40,000 45,000 50,000 60,000 70,000 80,000 90,000 100,000 110,000 120,000 130,000 150,000 160,000 180,000 200,000 220,000 240,000 270,000 300,000 330,000 360,000 390,000 430,000 470,000 510,000 560,000 620,000 680,000 750,000 820,000 910,000 250,000 350,000 400,000 450,000 500,000 600,000 700,000 800,000 900,000 1,000,000 1,100,000 1,200,000 1,300,000 1,500,000 1,600,000 1,800,000 2,000,000 2,200,000 2,400,000 2,700,000 3,000,000 3,300,000 3,600,000 3,900,000 4,300,000 4,700,000 5,100,000 5,600,000 6,200,000 6,800,000 7,500,000 8,200,000 9,100,000 2,500,000 3,500,000 4,000,000 4,500,000 5,000,000 6,000,000 7,000,000 8,000,000 9,000,000 10,000,000 11,000,000 12,000,000 13,000,000 15,000,000 16,000,000 18,000,000 20,000,000 22,000,000 24,000,000 27,000,000 30,000,000 33,000,000 36,000,000 39,000,000 43,000,000 47,000,000 51,000,000 56,000,000 62,000,000 68,000,000 75,000,000 82,000,000 91,000,000 25,000,000 35,000,000 40,000,000 45,000,000 50,000,000 60,000,000 70,000,000 80,000,000 90,000,000 Laser marking is available as an extra-cost option for most KEMET ceramic chips. Such marking is two sided, and includes a K to identify KEMET, followed by two characters (per EIA-198 - see table below) to identify the capacitance value. Note that marking is not available for size 0402 nor for any Y5V chip. In addition, the 0603 marking option is limited to the K only. KA3 Example shown is 1,000 pF capacitor. (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 97 Packaging |
Price & Availability of CDR32BX129BDWR |