Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download CDLL986B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N962BUR-1 thru 1N986BUR-1 AVAILABLE IN PER MIL-PRF-19500/117 * ZENER DIODES * LEADLESS PACKAGE FOR SURFACE MOUNT * METALLURGICALLY BONDED
JAN, JANTX AND JANTXV
1N962BUR-1 thru 1N986BUR-1 and CDLL957B thru CDLL986B
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ TEC = +125C Power Derating: 10 mW / C above TEC = +125C Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS @ 25C
CDI TYPE NUMBER (NOTE 1) NOMINAL ZENER VOLTAGE VZ (NOTE 2) VOLTS CDLL957B CDLL958B CDLL959B CDLL960B CDLL961B CDLL962B CDLL963B CDLL964B CDLL965B CDLL966B CDLL967B CDLL968B CDLL969B CDLL970B CDLL971B CDLL972B CDLL973B CDLL974B CDLL975B CDLL976B CDLL977B CDLL978B CDLL979B CDLL980B CDLL981B CDLL982B CDLL983B CDLL984B CDLL985B CDLL986B 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 mA 18.5 16.5 15.0 14.0 12.5 11.5 10.5 9.5 8.5 7.8 7.0 6.2 5.6 5.2 4.6 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.0 1.8 1.7 1.5 1.4 1.3 1.1 ZENER TEST CURRENT l ZT MAXIMUM ZENER IMPEDANCE (NOTE 3) ZZT @ l ZT OHMS 4.5 5.5 6.5 7.5 8.5 9.5 11.5 13 16 17 21 25 29 33 41 49 58 70 90 93 105 125 150 185 230 270 330 400 500 750 ZZK @ l ZK OHMS 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 mA 1.0 .5 .5 .5 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 mA 55 50 45 41 38 32 31 28 25 24 20 18 16 15 13 12 11 10 9.5 8.8 7.9 7.4 6.8 6.0 5.5 5.0 4.6 4.1 3.7 3.3 MAX. DC ZENER CURRENT l ZM MAX. REVERSE LEAKAGE CURRENT lR @ VR
A
5.0 5.0 5.0 5.0 2.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VOLTS 5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11 12 14 15 17 18 21 23 25 27 30 33 36 39 43 47 52 56 62 69 76 84
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1
Zener voltage tolerance on "B" suffix is + 5%. Suffix letter "A" denotes + 10%. No Suffix denotes + 20%. "C" suffix denotes + 2%, and "D" suffix denotes + 1%. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of 1ZT.
NOTE 2
NOTE 3
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
103
CDLL957
thru
CDLL986B
FIGURE 2
Pd, Rated Power Dissipation (mW) 500 400 300 200 100 0 0 25 50 75 100 125 150 175
TEC , End cap temperature (C)
POWER DERATING CURVE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS)
3.
3
VO
LT
27
100
VO
LT
5. 1 VO LT
50 40 30 20
11
VO
LT
10
6.2
5 4 3 2
VO
LT
1 .1 .2 .3 .4 .5 1 25 10 20 OPERATING CURRENT lZT (mA) 30 40 50 100
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
104


▲Up To Search▲   

 
Price & Availability of CDLL986B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X