Part Number Hot Search : 
SSM25PT 16PITE1 MAZU190 NJM2866F SP3051 30CPQ035 LVC573A MPSR120
Product Description
Full Text Search
 

To Download CDLL938B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N935BUR-1, 1N937BUR-1 and 1N938BUR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/156 * TEMPERATURE COMPENSATED ZENER REFERENCE DIODES * LEADLESS PACKAGE FOR SURFACE MOUNT * 9.0 VOLT NOMINAL ZENER VOLTAGE * METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N935BUR-1 thru 1N938BUR-1 and CDLL935 thru CDLL938B
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C
REVERSE LEAKAGE CURRENT
l
R
= 10 A @ 25C & VR = 6 Vdc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
DIM D F G G1 S
CDI TYPE NUMBER
ZENER VOLTAGE VZ@ I ZT
ZENER TEST CURRENT I ZT
MAXIMUM VOLTAGE TEMPERATURE EFFECTIVE ZENER TEMPERATURE RANGE TEMPERATURE IMPEDANCE STABILITY COEFFICIENT ZZT V ZT MAXIMUM (Note 1) (Note 2) mV 67 139 184 34 70 92 13 28 37 6.7 13.9 19 C 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 % / C 0.01 0.01 0.01 0.005 0.005 0.005 0.002 0.002 0.002 0.001 0.001 0.001
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
VOLTS CDLL935 CDLL935A CDLL935B CDLL936 CDLL936A CDLL936B CDLL937 CDLL937A CDLL937B CDLL938 CDLL938A CDLL938B 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45 8.55 - 9.45
mA 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
OHMS 20 20 20 20 20 20 20 20 20 20 20 20
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1
Zener impedance is derived by superimposing on lZTA 60Hz rms a.c. current equal to 10% of lZT. The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV at any discrete temperature between the established limits, per JEDEC standard No.5.
NOTE 2
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
99
thru
Pd, Rated Power Dissipation (mW)
CDLL935 CDLL938B
600 500 400 300 200 100 0 0 25 50 75 100 125 TL, Ambient temperature (C) 150 175
FIGURE 2
POWER DERATING CURVE
100 50 40 30 20
ZENER IMPEDANCE ZZT (OHMS)
10 5 4 3 2 1 5 6 7 8 9 OPERATING CURRENT lZT (mA) 10
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
+.0015 CHANGE IN TEMPERATURE COEFFICIENT ( %/C)
+.0010
+.0005
0
-.0005
-.0010
-.0015 5 6 7 8 OPERATING CURRENT lZT (mA) 9 10
FIGURE 4
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT 100


▲Up To Search▲   

 
Price & Availability of CDLL938B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X