Part Number Hot Search : 
HCF45 D5152 334DR 00101 C1651 5A001 BYP25A2 SIR460
Product Description
Full Text Search
 

To Download CDLL257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * CURRENT REGULATOR DIODES * LEADLESS PACKAGE FOR SURFACE MOUNT * CONSTANT CURRENT OVER WIDE VOLTAGE RANGE * HIGH SOURCE IMPEDANCE * METALLURGICALLY BONDED
CDLL250 thru CDLL257
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500 mW @ +50C Power Derating: 4 mW / C above +50C
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
TYPE NUMBER
REGULATOR CURRENT l p (mA) @ VS = 25V (Note 1) NOM MIN 4.59 5.04 5.58 6.12 6.75 7.38 8.19 9.00 MAX 5.61 6.16 6.82 7.48 8.25 9.02 10.01 11.10 5.10 5.60 6.20 6.80 7.50 8.20 9.10 10.00
MINIMUM DYNAMIC IMPEDANCE @VS = 25V ZS (K) (Note 2) 100 90 80 70 50 30 20 10
MINIMUM KNEE IMPEDANCE @VK = 6.0 V ZK(K) (Note 3) 4.0 4.0 3.0 2.0 1.5 1.5 1.0 1.0
MAXIMUM LIMITING VOLTAGE @ lL = 0.8 l p (min) VL (VOLTS) 3.67 4.03 4.46 4.90 5.40 5.90 6.55 7.20
DIM D F G G1 S
PEAK OPERATING VOLTAGE VOLTS 80 80 70 70 60 60 50 50
MILLIMETERS MIN MAX 2.39 2.66 0.41 0.55 4.80 5.20 4.11 REF. 0.03 MIN.
INCHES MIN MAX .094 .105 .016 .022 .189 .205 .159 REF. .001 MIN.
FIGURE 1
CDLL250 CDLL251 CDLL252 CDLL253 CDLL254 CDLL255 CDLL256 CDLL257
DESIGN DATA
CASE: DO-213AB, Hermetically sealed glass case. (MELF, LL41) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch
NOTE 1 NOTE 2 NOTE 3
Pulse measurement @ 1% duty cycle, 10 milliseconds maximum. ZS is derived by superimposing A 90Hz RMS signal equal to 10% of VS on VS ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
THERMAL IMPEDANCE: (ZOJX): 25 C/W maximum POLARITY: Diode to be operated with the band (cathode) end negative. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com


▲Up To Search▲   

 
Price & Availability of CDLL257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X