Part Number Hot Search : 
STB30 TPS0402 550E009M SM7644HW DFB2005 VSKT152 R5F21357 7D271
Product Description
Full Text Search
 

To Download CD54ACT1913A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
CD54AC191/3A CD54ACT191/3A
Presettable Synchronous 4-Bit Binary Up/Down Counters
Functional Diagram
BINARY PRESET P0 15 ASYN. PARALLEL 11 LOAD ENABLE P1 1 P2 10 P3 9 3 2 CLOCK 14 6 7 UP/DOWN 5 Q2 Q3 Q0 Q1 BINARY OUTPUTS
June 1997
COMPLETE DATA SHEET COMING SOON!
Description
The CD54AC191/3A and CD54ACT191/3A are asynchronously presettable binary up/down synchronous counters that utilize the Harris Advanced CMOS Logic technology. Presetting the counter to the number on preset data inputs (P0-P3) is accomplished by setting LOW the asynchronous parallel load input (PL). Counting occurs when PL is HIGH. Count Enable (CE) is LOW, and the Up/Down (U/D) input is either LOW for up-counting or HIGH for down-counting. The counter is incremented or decremented synchronously with the LOW-to-HIGH transition of the clock. When an overflow or underflow of the counter occurs, the Terminal Count (TC) output, which is LOW during counting, goes HIGH and remains HIGH for one clock cycle. This output can be used for look-ahead carry in high-speed cascading. The TC output also initiates the Ripple Clock (RC) output which, normally HIGH, goes LOW and remains LOW for the low-level portion of the clock pulse. These counters can be cascaded using the Ripple Count output. The CD54AC191/3A and CD54ACT191/3A are supplied in 16-lead dual-in-line ceramic packages (F suffix).
12 TERMINAL COUNT COUNT ENABLE 4 13 RIPPLE CLOCK
ACT INPUT LOAD TABLE INPUT P0 - P3, PL CL, U/D, CE NOTE: 1. Unit load is ICC limit specified in DC Electrical Specifications Table, e.g., 2.4mA Max at +25oC. UNIT LOAD (NOTE 1) 0.75 0.85
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .50mA DC Output Source or Sink Current, Per Output Pin, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .50mA DC VCC or GND Current, ICC or IGND For Up to 4 Outputs Per Device, Add 25mA For Each Additional Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100mA Power Dissipation Per Package, PD TA = -55oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW TA = +100oC to +125oC (Package F) . . . . . . . . Derate Linearly at 8mW/ oC to 300mW Operating Temperature Range, TA Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) At Distance 1/16in. 1/32in. (1.59mm 0.79mm) From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm) With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC Unless Otherwise Specified, All Voltages Referenced to GND TA = Full Package Temperature Range CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . . 0V to VCC Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55oC to +125oC Input Rise and Fall Slew Rate, dt/dv at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures. Copyright
(c) Harris Corporation 1994
File Number
3896
1


▲Up To Search▲   

 
Price & Availability of CD54ACT1913A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X