Part Number Hot Search : 
EL4584C MIC5335 KBPC1510 VN050 2N338 MA45445 HCT57 NTE2088
Product Description
Full Text Search
 

To Download CD29DHR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD 29D HR Series
7 000h at 85C
* Small Size * Long Useful Life * High Ripple Current * Industrial Power Supplies and Inverters
CD 296 KC
105C
CD 293 BZ
longer life
CD 295 BC
longest life highest current
CD 29D HR
larger size higher current
CD 29L QL
Item Operating Temperature Range (C) Voltage Range (V) Capacitance Range (F) Capacitance Tolerance (20C, 120Hz) Leakage Current (A)
Characteristics -40 ~ +85 160 ~ 450 47 ~ 2 200 20% After 5 minutes at 20C application of rated voltage, leakage current is not more than 0,01CV or 1,5mA, whichever is smaller C: Nominal Capacitance (F) V: Rated Voltage (V) Rated Voltage (V)
160 200 20 0 00 0
Dissipation Factor (20C, 120Hz)
Tan (max) Rated Voltage (V)
0,15
160 ~ 0
0,12
Stability at Low Temperature (Impedance Ratio at 120Hz)
Z -40C / Z +20C
4
Snap-In
Useful Life Lifetime Leakage Current Capacity Change Dissipation Factor Condition: Applied Voltage Applied Current Applied Temperature Failure Rate Level 7000h >100 000h
Load Life 5 000h
Endurance Test 5 000h 1 000h
Shelf Life
Not more than specified value Within 30% of initial value Not more than 300% of specified value
Not more than specified Not more than specified value value Within 20% of initial value Not more than 200% of specified value Within 20% of initial value Not more than 130% of specified value
Not more than specified value Within 20% of initial value Not more than 200% of specified value
UR IR 85C 1% Failure Rate
UR 1,2 x IR 40C
UR IR 85C
UR IR = 0 85C
UR = 0 IR = 0 85C
1% Failure Rate guaranteed
After test: UR to be applied for 30min >24h before measurement
Multiplier for Ripple Current
Frequency Coefficient
2.5
Lifetime Diagram
50Hz 0,87 120Hz 1,00 1kHz 1,20 10kHz 1,35 100kHz 1,40
Frequency Coefficient
IA
--- 2.0
CD 29D HR Series
IR
1.5
1.0
0.5
X32
Lifetime Multiplier
X16
X8
X4
X2
X1
0.0 20
30
40
50
60
70
80
90
TA (C)
IA = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
60
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
CD 29D HR Series
Ratings for CD 29D HR Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 330 390 470 560 680 Max ESR 20C, 120Hz (m) 603 511 424 356 356 356 293 293 243 243 243 243 199 199 199 166 166 166 133 133 111 91 905 603 603 511 511 424 424 356 356 356 356 293 293 243 243 243 199 199 166 166 133 1 327 1 106 905 905 737 603 603 603 511 511 424 424 424 424 356 356 293 293 243 243 199 166 133 Typ ESR 20C, 120Hz (m) 355 300 245 215 215 215 178 178 145 145 145 145 115 115 115 95 95 95 75 75 70 58 375 258 258 221 221 175 175 150 150 150 150 128 128 105 105 105 80 80 70 70 55 550 470 370 370 370 250 250 250 220 220 175 175 175 175 150 150 123 123 105 105 80 70 60 Max Ripple Current 85C, 120Hz (Arms) 1,5 1,6 1,8 2,1 2,2 2,1 2,6 2,5 2,8 2,7 2,9 2,8 3,3 3,4 3,3 3,7 3,8 3,6 4,4 4,3 4,4 5,9 1,2 1,5 1,6 1,8 1,8 2,0 2,1 2,2 2,2 2,3 2,2 2,6 2,4 2,7 2,8 2,6 3,4 3,6 3,8 3,7 4,7 0,92 0,98 1,25 1,25 1,25 1,64 1,64 1,64 1,9 1,9 2,2 2,2 2,2 2,2 2,4 2,4 2,8 2,8 3,2 3,2 3,7 4,1 4,6 Size O DxL (mm) 22 x 25 25 x 25 22 x 35 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 35 30 x 45 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 30 x 25 22 x 45 25 x 35 30 x 30 35 x 25 25 x 40 30 x 30 25 x 50 30 x 40 35 x 30 30 x 40 35 x 35 30 x 50 35 x 40 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 45 35 x 50 VDC (Surge Voltage) Code (V) Rated Capacitance (F) 68 100 120 150 Max ESR 20C, 120Hz (m) 2 341 1 592 1 592 1 327 1 062 1 062 1 062 885 885 885 885 724 724 724 590 590 590 483 483 409 409 339 285 3 387 2 341 2 341 1 592 1 592 1 592 1 327 1 327 1 062 1 062 1 062 885 885 885 724 724 724 590 590 483 409 339 Typ ESR 20C, 120Hz (m) 960 660 660 550 440 440 440 360 360 360 360 300 300 300 240 240 240 200 200 170 170 140 110 2 800 1 940 1 940 1 310 1 310 1 310 910 910 880 880 880 740 740 740 590 590 590 490 490 395 300 280 Max Ripple Current 85C, 120Hz (Arms) 0,62 0,81 0,83 0,93 1,2 1,2 1,2 1,3 1,3 1,3 1,3 1,5 1,5 1,5 1,7 1,7 1,7 2,1 2,1 2,3 2,3 2,7 3,0 0,52 0,66 0,66 0,9 0,9 0,9 1,1 1,1 1,3 1,3 1,3 1,4 1,4 1,4 1,6 1,6 1,6 1,9 1,9 2,2 2,4 2,8 Size O DxL (mm) 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 35 x 25 22 x 50 25 x 40 30 x 35 25 x 45 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 25 x 45 30 x 35 35 x 25 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 45 35 x 50
180 400 (450) 2G
160 (200) 2C
820
220
1 000
270 330 390 470 560 47 68 100 120 150
1 200 1 500 1 800 2 200 220 330 390 470
200 (250) 2D
560
680 820 1 000 1 200 1 500 150 180 220 270 330 390
450 (500) 2W
180
220 270 330 390 470
250 (300) 2E
470
560 680 820 1 000 1 200 1 500
Custom products are available on request. Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
61
Snap-In
Part Number System
Order Code SMD, Radial, Snap-In
EC
Technology EC = Electrolytic Capacitor PC = Polymer Capacitor
R
Terminal Type SMD Radial =V =R
1C
Rated Voltage Code
For coding please refer to the pages of ratings
PT
Series Code
CD VS CD VH CD VZ CD 261 CD 262 CD 26 CD 269 CD 281 CD 28 CD 287 CD 28L CD 29 CD 29 CD 29 CD 296 CD 297 CD 299
101
Capacitance Code (in F) 1,0 = 010 100 = 101 1 000 = 102
M
Capacitance Tolerance = M SMD: =K
Taped
FF
Lead Form
2
Terminal/ Pitch Size
= FF
0611
Dimension 4x7 = 0407 = 0511 = 3580
JE xxxxx
for Specials only
= BS = VH = VZ = LK
0,47 = R47 20% 10%
Terminal = T2 2,0mm 2,5mm 3,5mm 5,0mm 7,5mm = 20 = 25 = 35 = 50 = 75
5x11,5 35x80
Snap-In = S
2,2 = 2R2 +30 / -10% = Q +50 / -10% = T
Radial:
Long Lead = LL
6,3x11,5 = 0611 = CB
= CC
CD 261X = QX
Cut 5,0mm
Cut ,mm
45x100 = 45100
= QM 10 000 = 103 = BK = PH = LL = XY = GC = QL = BZ = BW = BC = KC = BB = PG
Cut 4,0mm Cut 3,5mm Cut 3,0mm
= CD = CE = CF
10,0mm = 10 12,5mm = 12
on request: alternative lead forms (axial, 90 - angle, others)
Snap-In: 4,0mm Pin Length Soldering Pin preferred = T4 = S4 2 Pin 3 Pin 4 Pin 5 Pin = P2 = P3 = P4 = P5
6,mm Pin Length = T6
CD 29D = HR CD 29H = QH CD 29L HCP HPM HVC
= QL = CP = PM = VC
Technical Specification SMD Type
Dimensions
O DxL x , x , 6, x, 6,x 7,7 8 x 10, 8 x 11,8 10x10, 10x12,7
A B C E L W
1,8 4,3 4,3 1,0 5,4
2,1 5,3 5,3 1,3 5,4
2,4 6,6 6,6 2,2 5,4
2,5 6,6 6,6 2,2 7,7
2,9 8,3 8,3 3,1 10,5
2,9 8,4 8,4 3,1 11,8
3,2 10,3 10,3 4,5 10,5
3,2 10,4 10,4 4,5 12,7 in mm
0,5 - 0,8
0,7 - 1,1
Taping Dimensions
Size (DxL) w 0, A 0,2 B 0,2 P 0,1 t2 0,2 F 0,1 t1 0,1
4 x 5,4 5 x 5,4 6,3 x 5,4 6,3 x 7,7 8 x 10,5 8 x 11,8 10 x 10,5 10 x 12,7
12,0 12,0 16,0 16,0 24,0 24,0 24,0 24,0
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
8,0 12,0 12,0 12,0 16,0 16,0 16,0 16,0
5,8 5,8 5,8 8,4 11,0 12,3 11,0 14,0
5,5 5,5 7,5 7,5 11,5 11,5 11,5 11,5
0,4 0,4 0,4 0,4 0,5 0,5 0,5 0,5 in mm
Soldering Profile (Aluminium Electrolytic Capacitors)
Diameter
w
D
4; 5 6,3 8; 10 Polymer
14 1 18 1 25 1 25 1
50 1 50 1 50 1 80 1 in mm
Allowable Range of Peak Temperature
Size T (C) t (second) t 1 (second)
O 4 ~ 6,3 O 8 x 10,5 O 10 x 10,5
250 240 235
90 90 60
40 30 30
For more details or Soldering Profiles of Radials or Polymer-Capacitors please contact our local Sales Offices. v2006.2
8
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
Part Number System
Technical Specification Snap-In Type
Pin Type: Snap-In Order Code: T6, T4 T6, T4 Pin Type: Soldering Order Code: S4 S4
Terminal
Pin Length T
T6 6,3
T 4,0
Snap-In Terminal Order Code: P2, P3, P4 P2 P3
Negative Terminal
Soldering Terminal Order Code: P5 P4
Positive
P5
Negative Negative
Mounting Holes
P3 only T4 Terminal
Mounting Holes
Mounting Holes
Order Code Screw Type
EC
Technology
G
Terminal Type
1C
BP
101
Capacitance Code
M
Capacitance Tolerance
20% = M Bolt
B
Mounting =B =N
E
Diameter
160
Length 53 = 053 65 = 065 96 = 096
A61
For Terminal Code see tables below
JExxxxx
for Specials only
Rated Voltage Series Code Code
CD 1 = BP 100 = 101 EC = Electrolytic Screw = G For coding Capacitor please refer CD 16 = PK 1 000 = 102 to the pages CD 17 = PX 10 000 = 103 of ratings CD 18 = PC CD 19 = BL
36 = A 40 = B 51 = C
10%
= K No double sleeve
+30 / -10% = Q 2 stoppers bracket+double sleeve* = I +20 / -0% = R 3 stoppers bracket+double sleeve* = Y +50 / -10% = T No bracket, but double sleeve* preferred =D * Double sleeve for diameter 51 only
64 = D 100 = 100 77 = E 115 = 115 90 = F 236 = 236 101 = G
Technical Specification Screw Type
Dimensions Standard Housing Order Code: I, Y, D, N Bolt Housing Order Code: B
OD O 36 O 51
Od M8 M12
l 12 16 in mm
10
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


▲Up To Search▲   

 
Price & Availability of CD29DHR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X