Part Number Hot Search : 
AN311 V674ME08 LL2012 00BGI 1602H SS100 CSNB2 2N608
Product Description
Full Text Search
 

To Download CD296KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD 296 KC Series
5 000 at 105C
* Long Life at High Temperature * High Ripple Current * Professional Power Supplies
CD 294 BW
105C longer life
CD 29H QH
highest current
CD 299 PG
longest life higher current
CD 296 KC
longer life
CD 297 BB
CD 293 BZ
Item Operating Temperature Range (C) Voltage Range (V) Capacitance Range (F) Capacitance Tolerance (20C, 120Hz) Leakage Current (A) -40 ~ +105 16 ~ 100
Characteristics -25 ~ +105 160 ~ 450 56 ~ 47 000 20% After 5 minutes at 20C application of rated voltage, leakage current is not more than 0,01CV or 1,5mA, whichever is smaller C: Nominal Capacitance (F) V: Rated Voltage (V) Rated Voltage (V)
16 2 0 6~100 160~00 0
Dissipation Factor (20C, 120Hz)
Tan (max) Rated Voltage (V)
0,50
0,40
0,35
0,30
0,20
0,15
0,20
16~100
160~200
20~00
Stability at Low Temperature (Impedance Ratio at 120Hz)
Z -25C / Z +20C Z -40C / Z +20C
15
4 -
Snap-In
Useful Life Lifetime Leakage Current Capacity Change Dissipation Factor Condition: Applied Voltage Applied Current Applied Temperature Failure Rate Level 000h >200 000h
Load Life 3 000h
Endurance Test 4 000h 1 000h
Shelf Life
Not more than specified value Within 30% of initial value Not more than 300% of specified value
Not more than specified Not more than specified value value Within 20% of initial value Not more than 200% of specified value Within 20% of initial value Not more than 130% of specified value
Not more than specified value Within 20% of initial value Not more than 200% of specified value
UR IR 105C 1% Failure Rate
UR 1,4 x IR 40C
UR IR 105C
UR IR = 0 105C
UR = 0 IR = 0 105C
1% Failure Rate guaranteed
After test: UR to be applied for 30min >24h before measurement
Multiplier for Ripple Current
Frequency Coefficient
3.0
Lifetime Diagram
Frequency Rated Voltage (V) 100 160 ~ 250 350 50Hz 120Hz 1kHz 10kHz 20kHz 100kHz
--- 2.5
IA
CD 296 KC Series
IR
0,95 0,87 0,80 1,00 1,00 1,00 1,10 1,11 1,14 1,15 1,18 1,14 1,15 1,20 1,20 1,20 1,40 1,60
2.0 1.5 1.0
X32
0.5 0.0 40
X16
X8
X4
X2
X1
Lifetime Multiplier
50 60 70 80 90 100 110
TA (C)
IA = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 105C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
2
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
CD 296 KC Series
Ratings for CD 296 KC Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 6 800 8 200 10 000 12 000 15 000 16 (20) 1C 18 000 22 000 27 000 33 000 39 000 47 000 4 700 5 600 6 800 8 200 10 000 25 (32) 1E 12 000 Max ESR 20C, 120Hz (m) 98 81 67 67 56 56 56 45 45 37 37 37 37 31 31 25 25 25 21 21 17 17 15 113 95 79 79 65 65 65 54 54 45 45 45 45 36 36 36 30 30 25 25 20 17 141 120 99 83 83 83 69 69 57 57 57 57 47 47 39 39 39 31 31 26 22 222 181 148 148 121 121 103 103 103 85 85 85 72 72 72 59 59 59 Typ ESR 20C, 120Hz (m) 69 57 47 47 39 39 39 31 31 26 26 26 26 22 22 18 18 18 15 15 12 12 10 80 67 55 55 46 46 46 38 38 31 31 31 31 25 25 25 21 21 17 17 14 12 99 84 70 59 59 59 48 48 40 40 40 40 33 33 28 28 28 22 22 19 15 155 127 104 104 85 85 72 72 72 60 60 60 50 50 50 41 41 41 Max Ripple Current 105C, 120Hz (Arms) 1,60 1,80 1,99 1,99 2,28 2,30 2,38 2,64 2,68 2,98 3,04 3,00 3,10 3,40 3,39 3,81 3,83 3,74 4,30 4,24 4,74 4,72 5,27 1,55 1,70 1,91 1,91 2,14 2,16 2,25 2,40 2,44 2,69 2,74 2,70 2,80 3,15 3,13 3,22 3,54 3,54 4,24 3,96 4,75 5,39 1,43 1,65 1,78 2,02 2,04 2,12 2,28 2,31 2,67 2,60 2,56 2,78 2,92 2,92 3,26 3,28 3,20 3,74 3,69 4,16 4,92 1,31 1,45 1,70 1,70 1,98 2,00 2,25 2,28 2,22 2,56 2,58 2,67 2,89 2,81 2,95 3,37 3,39 3,31 Size O DxL (mm) 22 x 25 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 45 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 45 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 30 x 45 35 x 35 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 30 x 30 35 x 25 22 x 50 25 x 40 30 x 35 25 x 50 30 x 40 35 x 30 VDC (Surge Voltage) Code (V) 50 (63) 1H Rated Capacitance (F) 8 200 10 000 12 000 1 200 1 500 1 800 2 200 2 700 Max ESR 20C, 120Hz (m) 49 49 40 40 34 222 177 148 148 121 121 99 99 99 81 81 81 81 69 69 57 57 57 48 48 40 40 33 27 324 266 222 222 177 177 148 148 121 121 121 121 99 99 81 81 81 69 69 57 57 48 40 474 391 324 324 266 266 222 222 222 177 177 177 177 148 148 121 121 121 99 99 81 81 68 57 603 511 424 424 356 356 Typ ESR 20C, 120Hz (m) 34 34 28 28 24 155 124 104 104 85 85 69 69 69 57 57 57 57 48 48 40 40 40 34 34 28 28 23 19 227 186 155 155 124 124 104 104 85 85 85 85 69 69 57 57 57 48 48 40 40 34 28 332 274 227 227 186 186 155 155 155 124 124 124 124 104 104 85 85 85 69 69 57 57 48 40 423 358 297 297 249 249 Max Ripple Current 105C, 120Hz (Arms) 3,71 3,66 4,09 4,07 4,50 1,25 1,25 1,52 1,52 1,73 1,75 1,97 1,99 1,93 2,32 2,27 2,24 2,41 2,54 2,55 2,88 2,90 2,83 3,28 3,24 3,73 3,71 4,16 4,69 1,11 1,20 1,39 1,39 1,61 1,62 1,83 1,81 2,09 2,01 2,10 2,17 2,43 2,43 2,76 2,78 2,71 3,12 3,07 3,56 3,50 3,87 4,19 1,07 1,20 1,35 1,35 1,54 1,56 1,74 1,76 1,71 1,99 2,03 2,00 2,07 2,28 2,27 2,57 2,59 2,52 2,94 2,90 3,32 3,31 3,69 4,14 1,16 1,43 1,52 1,55 1,62 1,73 Size O DxL (mm) 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 30 x 25 22 x 45 25 x 35 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 35 25 x 25 22 x 40 25 x 30
63 (79) 1J
3 300 3 900 4 700 5 600 6 800 8 200 10 000 820 1 000 1 200 1 500 1 800 2 200 2 700 3 300 3 900 4 700 5 600 6 800 560 680 820 1 000 1 200
15 000 18 000 22 000 27 000 33 000 3 300 3 900 4 700 5 600 6 800 35 (44) 1V 8 200 10 000 12 000 15 000 18 000 22 000 1 800 2 200 2 700 3 300 50 (63) 1H 3 900 4 700 5 600 6 800
80 (100) 1K
100 (125) 2A
1 500 1 800 2 200 2 700 3 300 3 900 4 700 330 390 470 560
160 (200) 2C
Custom products are available on request. Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
Snap-In
CD 296 KC Series
Ratings for CD 296 KC Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 680 Max ESR 20C, 120Hz (m) 293 293 293 243 243 243 243 199 199 166 166 166 133 133 111 91 737 603 511 424 424 356 356 356 293 293 293 293 243 243 199 199 199 166 166 133 133 111 905 603 603 511 424 424 424 356 356 293 293 293 293 243 243 243 199 199 166 166 133 111 1 106 905 905 737 603 603 603 511 511 424 424 424 424 356 356 356 293 293 243 243 199 199 166 Typ ESR 20C, 120Hz (m) 205 205 205 170 170 170 170 140 140 117 117 117 93 93 78 64 516 423 358 297 297 249 249 249 205 205 205 205 170 170 140 140 140 117 117 93 93 78 634 423 423 358 297 297 297 249 249 205 205 205 205 170 170 170 140 140 117 117 93 78 774 634 634 516 423 423 423 358 358 297 297 297 297 249 249 249 205 205 170 170 140 140 117 Max Ripple Current 105C, 120Hz (Arms) 1,70 1,81 1,82 1,81 1,98 1,98 1,93 2,04 2,14 2,12 2,22 2,40 2,46 2,53 2,98 3,10 1,08 1,30 1,35 1,50 1,62 1,62 1,69 1,67 1,76 1,72 1,74 1,92 1,78 1,85 1,91 2,01 2,16 2,19 2,34 2,36 2,56 2,67 1,08 1,30 1,35 1,41 1,50 1,47 1,56 1,58 1,65 1,68 1,80 1,82 1,96 1,87 1,99 2,07 2,17 2,22 2,22 2,42 2,59 2,70 0,94 1,10 1,15 1,13 1,20 1,30 1,30 1,26 1,41 1,37 1,52 1,36 1,40 1,59 1,57 1,56 1,66 1,76 1,83 1,82 1,87 1,99 2,10 Size O DxL (mm) 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 VDC (Surge Voltage) Code (V) Rated Capacitance (F) 68 100 120 150 180 350 (400) 2V 220 270 330 390 470 560 68 82 100 120 150 400 (450) 2G 180 220 270 330 390 470 560 56 68 82 100 120 450 (500) 2W 150 180 220 270 330 390 470 Max ESR 20C, 120Hz (m) 2 926 1 990 1 990 1 658 1 327 1 327 1 327 1 106 1 106 1 106 905 905 905 737 737 737 603 603 511 511 424 356 2 926 2 427 2 427 1 990 1 658 1 658 1 658 1 327 1 327 1 106 1 106 1 106 1 106 905 905 737 737 737 603 603 511 511 424 356 4 737 3 901 3 901 3 235 2 653 2 653 2 653 2 211 2 211 1 769 1 769 1 769 1 769 1 474 1 474 1 206 1 206 1 206 983 983 804 804 681 565 Typ ESR 20C, 120Hz (m) 1 610 1 095 1 095 912 730 730 730 608 608 608 498 498 498 406 406 406 332 332 281 281 233 196 1 522 1 262 1 262 1 035 863 863 863 690 690 575 575 575 575 471 471 384 384 384 314 314 266 266 221 185 2 369 1 951 1 951 1 618 1 327 1 327 1 327 1 106 1 106 885 885 885 885 737 737 603 603 603 492 492 402 402 341 283 Max Ripple Current 105C, 120Hz (Arms) 0,56 0,70 0,70 0,73 0,79 0,82 0,82 0,81 0,89 0,90 0,93 0,97 0,98 1,01 1,05 1,01 1,16 1,16 1,26 1,26 1,35 1,51 0,47 0,56 0,65 0,60 0,64 0,70 0,78 0,70 0,73 0,78 0,82 0,83 0,86 0,87 0,86 0,94 0,95 0,91 1,11 1,13 1,15 1,26 1,31 1,50 0,47 0,56 0,65 0,64 0,70 0,70 0,78 0,73 0,73 0,78 0,82 0,83 0,86 0,87 0,86 0,94 0,95 0,91 1,11 1,13 1,15 1,26 1,31 1,50 Size O DxL (mm) 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 35 x 25 25 x 50 30 x 35 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50
820 160 (200) 2C 1 000 1 200 1 500 1 800 2 200 270 330 390 470 560
180 (225) 2K
680 820 1 000 1 200 1 500 1 800 220 330 390 470 560
Snap-In
200 (250) 2D
680
820 1 000 1 200 1 500 1 800 180 220 270 330 390 250 (300) 2E 470
560 680 820 1 000 1 200
Custom products are available on request.
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
Part Number System
Order Code SMD, Radial, Snap-In
EC
Technology EC = Electrolytic Capacitor PC = Polymer Capacitor
R
Terminal Type SMD Radial =V =R
1C
Rated Voltage Code
For coding please refer to the pages of ratings
PT
Series Code
CD VS CD VH CD VZ CD 261 CD 262 CD 26 CD 269 CD 281 CD 28 CD 287 CD 28L CD 29 CD 29 CD 29 CD 296 CD 297 CD 299
101
Capacitance Code (in F) 1,0 = 010 100 = 101 1 000 = 102
M
Capacitance Tolerance = M SMD: =K
Taped
FF
Lead Form
2
Terminal/ Pitch Size
= FF
0611
Dimension 4x7 = 0407 = 0511 = 3580
JE xxxxx
for Specials only
= BS = VH = VZ = LK
0,47 = R47 20% 10%
Terminal = T2 2,0mm 2,5mm 3,5mm 5,0mm 7,5mm = 20 = 25 = 35 = 50 = 75
5x11,5 35x80
Snap-In = S
2,2 = 2R2 +30 / -10% = Q +50 / -10% = T
Radial:
Long Lead = LL
6,3x11,5 = 0611 = CB
= CC
CD 261X = QX
Cut 5,0mm
Cut ,mm
45x100 = 45100
= QM 10 000 = 103 = BK = PH = LL = XY = GC = QL = BZ = BW = BC = KC = BB = PG
Cut 4,0mm Cut 3,5mm Cut 3,0mm
= CD = CE = CF
10,0mm = 10 12,5mm = 12
on request: alternative lead forms (axial, 90 - angle, others)
Snap-In: 4,0mm Pin Length Soldering Pin preferred = T4 = S4 2 Pin 3 Pin 4 Pin 5 Pin = P2 = P3 = P4 = P5
6,mm Pin Length = T6
CD 29D = HR CD 29H = QH CD 29L HCP HPM HVC
= QL = CP = PM = VC
Technical Specification SMD Type
Dimensions
O DxL x , x , 6, x, 6,x 7,7 8 x 10, 8 x 11,8 10x10, 10x12,7
A B C E L W
1,8 4,3 4,3 1,0 5,4
2,1 5,3 5,3 1,3 5,4
2,4 6,6 6,6 2,2 5,4
2,5 6,6 6,6 2,2 7,7
2,9 8,3 8,3 3,1 10,5
2,9 8,4 8,4 3,1 11,8
3,2 10,3 10,3 4,5 10,5
3,2 10,4 10,4 4,5 12,7 in mm
0,5 - 0,8
0,7 - 1,1
Taping Dimensions
Size (DxL) w 0, A 0,2 B 0,2 P 0,1 t2 0,2 F 0,1 t1 0,1
4 x 5,4 5 x 5,4 6,3 x 5,4 6,3 x 7,7 8 x 10,5 8 x 11,8 10 x 10,5 10 x 12,7
12,0 12,0 16,0 16,0 24,0 24,0 24,0 24,0
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
8,0 12,0 12,0 12,0 16,0 16,0 16,0 16,0
5,8 5,8 5,8 8,4 11,0 12,3 11,0 14,0
5,5 5,5 7,5 7,5 11,5 11,5 11,5 11,5
0,4 0,4 0,4 0,4 0,5 0,5 0,5 0,5 in mm
Soldering Profile (Aluminium Electrolytic Capacitors)
Diameter
w
D
4; 5 6,3 8; 10 Polymer
14 1 18 1 25 1 25 1
50 1 50 1 50 1 80 1 in mm
Allowable Range of Peak Temperature
Size T (C) t (second) t 1 (second)
O 4 ~ 6,3 O 8 x 10,5 O 10 x 10,5
250 240 235
90 90 60
40 30 30
For more details or Soldering Profiles of Radials or Polymer-Capacitors please contact our local Sales Offices. v2006.2
8
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
Part Number System
Technical Specification Snap-In Type
Pin Type: Snap-In Order Code: T6, T4 T6, T4 Pin Type: Soldering Order Code: S4 S4
Terminal
Pin Length T
T6 6,3
T 4,0
Snap-In Terminal Order Code: P2, P3, P4 P2 P3
Negative Terminal
Soldering Terminal Order Code: P5 P4
Positive
P5
Negative Negative
Mounting Holes
P3 only T4 Terminal
Mounting Holes
Mounting Holes
Order Code Screw Type
EC
Technology
G
Terminal Type
1C
BP
101
Capacitance Code
M
Capacitance Tolerance
20% = M Bolt
B
Mounting =B =N
E
Diameter
160
Length 53 = 053 65 = 065 96 = 096
A61
For Terminal Code see tables below
JExxxxx
for Specials only
Rated Voltage Series Code Code
CD 1 = BP 100 = 101 EC = Electrolytic Screw = G For coding Capacitor please refer CD 16 = PK 1 000 = 102 to the pages CD 17 = PX 10 000 = 103 of ratings CD 18 = PC CD 19 = BL
36 = A 40 = B 51 = C
10%
= K No double sleeve
+30 / -10% = Q 2 stoppers bracket+double sleeve* = I +20 / -0% = R 3 stoppers bracket+double sleeve* = Y +50 / -10% = T No bracket, but double sleeve* preferred =D * Double sleeve for diameter 51 only
64 = D 100 = 100 77 = E 115 = 115 90 = F 236 = 236 101 = G
Technical Specification Screw Type
Dimensions Standard Housing Order Code: I, Y, D, N Bolt Housing Order Code: B
OD O 36 O 51
Od M8 M12
l 12 16 in mm
10
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


▲Up To Search▲   

 
Price & Availability of CD296KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X