Part Number Hot Search : 
EN29F080 MBZ5230 E28F320 190AX352 HYB31 MB5005 AAT5101 APED3
Product Description
Full Text Search
 

To Download CD295BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD 29 BC Series
6 000h at 85C
CD 296 KC
105C
* Long Life at 85C * High Ripple Current * Long Life General Industrial Electronics
CD 293 BZ
longer life
CD 295 BC
larger size higher current
higher current
CD 29D HR
CD 29L QL
Item Operating Temperature Range (C) Voltage Range (V) Capacitance Range (F) Capacitance Tolerance (20C, 120Hz) Leakage Current (A) -40 ~ +85 10 ~ 400
Characteristics -25 ~ +85 450 68 ~ 22 000 20% After 5 minutes at 20C application of rated voltage, leakage current is not more than 0,01CV or 1,5mA, whichever is smaller C: Nominal Capacitance (F) V: Rated Voltage (V) Rated Voltage (V)
10 16 2 0 6~100 160~20 1~0
Dissipation Factor (20C, 120Hz)
Tan (max) Rated Voltage (V)
0,80
10
0,60
0,50
0,40
0,30
0,20
0
0,15
0,15
16~ 0~100 160~200 20~00
Stability at Low Temperature (Impedance Ratio at 120Hz)
Z -25C / Z +20C Z -40C / Z +20C
5 18
4 15 10
3 6 8
4 -
Useful Life Lifetime Leakage Current Capacity Change Dissipation Factor Condition: Applied Voltage Applied Current Applied Temperature Failure Rate Level 6 000h >100 000h
Load Life 5 000h
Endurance Test 5 000h 1 000h
Shelf Life
Not more than specified value Within 30% of initial value Not more than 300% of specified value
Not more than specified Not more than specified value value Within 20% of initial value Not more than 200% of specified value UR IR 85C Within 20% of initial value Not more than 130% of specified value UR IR = 0 85C
Not more than specified value Within 20% of initial value Not more than 200% of specified value UR = 0 IR = 0 85C
After test: UR to be applied for 30min >24h before measurement
UR IR 85C 1% Failure Rate
UR 1,2 x IR 40C
1% Failure Rate guaranteed
Multiplier for Ripple Current
Frequency Coefficient
2.5
Lifetime Diagram UR < 160V
2.5
Lifetime Diagram UR 160V
IA
--- 2.0
Frequency Rated Voltage (V) 50 63 ~ 100 160 50Hz 120Hz 1kHz 10kHz 100kHz
IA
--- 2.0
CD 295 BC Series
CD 295 BC Series
IR
1.5
IR
1.5
0,95 0,95 0,90
1,00 1,00 1,00
1,10 1,16 1,20
1,15 1,30 1,50
1,15 1,33
1.0
1.0
0.5
X32
Lifetime Multiplier
X16
X8
X4
X2
X1
0.5
X32
Lifetime Multiplier
X16
X8
X4
X2
X1
1,55
0.0 20
30
40
50
60
70
80
90
0.0 20
30
40
50
60
70
80
90
IA = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85C
TA (C)
IA = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85C
TA (C)
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
9
Snap-In
CD 29 BC Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 10 000 12 000 10 (13) 1A 15 000 18 000 22 000 8 200 10 000 12 000 16 (20) 1C 15 000 18 000 22 000 5 600 6 800 8 200 10 000 25 (32) 1E Max ESR 20C, 120Hz (m) 107 89 71 71 59 59 49 49 49 98 80 80 67 54 54 54 45 45 37 37 37 37 119 98 98 81 67 67 67 56 56 56 45 45 37 37 37 31 31 161 137 113 95 95 79 79 79 65 65 65 65 54 54 45 45 45 36 36 30 30 25 181 148 148 121 103 103 103 85 85 72 72 72 72 59 59 49 49 49 40 40 34 34 27 Typ ESR 20C, 120Hz (m) 75 62 50 50 42 42 34 34 34 68 56 56 47 38 38 38 31 31 26 26 26 26 83 69 69 57 47 47 47 39 39 39 31 31 26 26 26 22 22 113 96 80 67 67 55 55 55 46 46 46 46 38 38 31 31 31 25 25 21 21 17 127 104 104 85 72 72 72 60 60 50 50 50 50 41 41 34 34 34 28 28 24 24 19 Max Ripple Current 85C, 120Hz (Arms) 2,5 2,7 3,2 3,1 3,6 3,6 4,0 4,1 4,1 2,2 2,6 2,6 2,9 3,3 3,3 3,4 3,8 3,7 4,2 4,2 4,2 4,4 2,0 2,3 2,3 2,6 2,9 2,8 3,0 3,3 3,2 3,4 3,7 3,9 4,3 4,2 4,4 4,8 5,0 1,8 2,1 2,2 2,3 2,3 2,9 2,6 2,7 2,8 2,8 2,8 2,9 3,1 3,2 3,5 3,5 3,6 4,1 4,1 4,6 4,7 5,3 1,7 1,9 1,9 2,0 2,1 2,1 2,4 2,4 2,4 2,5 2,5 2,5 2,6 2,8 2,8 3,2 3,0 3,0 3,4 3,4 3,8 3,8 4,5 Size O DxL (mm) 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 25 x 40 35 x 25 25 x 50 30 x 35 35 x 30 30 x 40 35 x 35 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 25 x 25 25 x 30 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 VDC (Surge Voltage) Code (V) Rated Capacitance (F) 1 500 1 800 2 200 2 700 3 300 63 (79) 1J Max ESR 20C, 120Hz (m) 177 148 121 121 99 99 81 81 81 68 68 68 68 57 48 48 48 40 40 33 33 27 23 266 222 177 148 148 121 121 121 99 99 99 99 81 81 68 68 68 57 57 48 48 39 391 324 266 222 222 177 177 177 148 148 148 148 121 121 121 99 99 81 81 68 68 57 905 737 603 511 511 424 356 356 356 293 293 243 243 243 243 199 199 199 Typ ESR 20C, 120Hz (m) 124 104 85 85 69 69 57 57 57 48 48 48 48 40 34 34 34 28 28 23 23 19 16 186 155 124 104 104 85 85 85 69 69 69 69 57 57 48 48 48 40 40 34 34 28 274 227 186 155 155 124 124 124 104 104 104 104 85 85 85 69 69 57 57 48 48 40 634 516 423 358 358 297 249 249 249 205 205 170 170 170 170 140 140 140 Max Ripple Current 85C, 120Hz (Arms) 1,6 1,8 2,0 2,0 2,2 2,3 2,3 2,3 2,3 2,5 2,6 2,6 2,7 2,9 3,1 3,2 3,3 3,6 3,7 3,7 3,8 4,3 4,8 1,3 1,5 1,7 1,9 1,9 2,1 2,2 2,2 2,5 2,5 2,5 2,5 2,8 2,8 3,1 3,2 3,2 3,6 3,6 3,8 3,8 4,1 1,1 1,2 1,4 1,6 1,6 1,8 1,7 1,8 2,1 2,0 2,1 2,2 2,2 2,3 2,5 2,6 2,7 3,0 3,1 3,4 3,4 4,0 1,0 1,1 1,3 1,5 1,5 1,7 1,9 1,9 2,0 2,1 2,2 2,5 2,4 2,5 2,4 2,7 2,8 2,7 Size O DxL (mm) 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25 30 x 30 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 22 x 25 22 x 25 22 x 25 22 x 30 25 x 25 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30
3 900 4 700 5 600 6 800 8 200 10 000 12 000 1 000 1 200 1 500 1 800 2 200
12 000 15 000 18 000 22 000 3 300 3 900 4 700 5 600 6 800
Snap-In
80 (100) 1K
2 700
3 300 3 900 4 700 5 600 6 800 680 820 1 000 1 200 1 500
35 (44) 1V
8 200 10 000 12 000 15 000 18 000 22 000 2 200 2 700 3 300 3 900 4 700
100 (125) 2A
1 800
2 200 2 700 3 300 3 900 4 700 220 270 330 390 470 160 (200) 2C 560 680 820
50 (63) 1H
5 600 6 800 8 200 10 000 12 000 15 000
1 000
0
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
CD 29 BC Series
Ratings for CD 295 BC Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 1 200 160 (200) 2C 1 500 1 800 2 200 270 330 390 470 560 180 (225) 2K 680 Max ESR 20C, 120Hz (m) 166 166 166 133 133 111 91 737 603 511 424 424 424 356 356 293 293 293 293 243 243 243 199 199 166 166 133 111 905 737 603 603 511 511 424 424 356 356 356 356 293 293 243 243 243 199 199 166 166 133 1 990 1 106 905 905 737 603 603 603 511 511 424 424 424 424 356 356 293 293 243 243 199 166 1 990 1 658 1 327 1 327 1 106 1 106 905 905 905 737 737 737 737 Typ ESR 20C, 120Hz (m) 117 117 117 93 93 78 64 516 423 358 297 297 297 249 249 205 205 205 205 170 170 170 140 140 117 117 93 78 634 516 423 423 358 358 297 297 249 249 249 249 205 205 170 170 170 140 140 117 117 93 1 393 774 634 634 516 423 423 423 358 358 297 297 297 297 249 249 205 205 170 170 140 117 1 393 1 161 929 929 774 774 634 634 634 516 516 516 516 Max Ripple Current 85C, 120Hz (Arms) 3,1 3,2 3,0 3,7 3,5 3,9 4,5 1,2 1,4 1,5 1,7 1,7 1,8 1,9 2,0 2,3 2,2 2,3 2,2 2,5 2,6 2,5 2,9 2,9 3,3 3,1 3,6 4,1 1,1 1,2 1,4 1,4 1,6 1,6 1,8 1,9 2,0 2,0 2,1 2,0 2,3 2,4 2,6 2,7 2,5 3,1 2,8 3,4 3,2 3,8 0,72 0,94 1,1 1,1 1,2 1,4 1,4 1,5 1,6 1,6 1,8 1,8 1,8 1,9 2,0 2,0 2,3 2,4 2,6 2,6 3,0 3,4 0,67 0,75 0,85 0,85 0,96 0,96 1,1 1,1 1,1 1,2 1,3 1,3 1,3 Size O DxL (mm) 25 x 50 30 x 40 35 x 35 30 x 45 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 30 x 45 35 x 35 35 x 45 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 30 x 25 22 x 45 25 x 35 30 x 30 35 x 25 25 x 40 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 45 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25 VDC (Surge Voltage) Code (V) Rated Capacitance (F) 330 315 (365) 2F 390 470 560 680 82 100 120 150 180 220 Max ESR 20C, 120Hz (m) 603 603 511 511 511 424 424 356 356 293 2 427 1 990 1 658 1 658 1 327 1 327 1 106 1 106 905 905 905 905 737 737 603 603 511 511 424 424 356 293 243 2 926 2 427 1 990 1 990 1 658 1 327 1 327 1 327 1 106 1 106 1 106 1 106 905 905 905 737 737 737 603 603 511 511 424 356 2 926 2 427 1 990 1 990 1 658 1 658 1 327 1 327 1 327 1 106 1 106 1 106 905 905 905 737 737 603 511 424 Typ ESR 20C, 120Hz (m) 423 423 358 358 358 297 297 249 249 205 1 699 1 393 1 161 1 161 929 929 774 774 634 634 634 634 516 516 423 423 358 358 297 297 249 205 170 2 048 1 699 1 393 1 393 1 161 929 929 929 774 774 774 774 634 634 634 516 516 516 423 423 358 358 297 249 2 048 1 699 1 393 1 393 1 161 1 161 929 929 929 774 774 774 634 634 634 516 516 423 358 297 Max Ripple Current 85C, 120Hz (Arms) 1,4 1,4 1,6 1,6 1,6 1,8 1,8 2,0 2,0 2,3 0,64 0,72 0,82 0,81 0,94 0,94 1,1 1,1 1,2 1,2 1,2 1,3 1,4 1,4 1,6 1,6 1,7 1,8 2,0 2,0 2,3 2,6 2,8 0,55 0,60 0,70 0,70 0,79 0,90 0,89 0,95 1,0 1,0 1,1 1,2 1,1 1,2 1,2 1,3 1,4 1,6 1,6 1,7 1,8 1,8 2,1 2,3 0,57 0,64 0,72 0,73 0,80 0,83 0,95 0,95 0,98 1,1 1,1 1,2 1,2 1,3 1,3 1,4 1,5 1,7 1,9 2,2 Size O DxL (mm) 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 30 x 25 22 x 45 25 x 35 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 35 x 30 30 x 40 35 x 35 30 x 45 35 x 40 35 x 45 35 x 50 35 x 60 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 35 x 25 22 x 50 25 x 40 30 x 35 25 x 45 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 30 22 x 35 22 x 35 25 x 30 22 x 40 25 x 35 22 x 50 25 x 40 30 x 30 25 x 45 30 x 35 35 x 25 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 45 35 x 50
820 1 000 1 200 1 500 1 800 220 270 330 390 470 200 (250) 2D 560 680 820 1 000 1 200 1 500 100 180 220 270 330 390 250 (300) 2E 470 560 680 820 1 000 1 200 100 120 150 315 (365) 2F 180 220
350 (400) 2V
270 330 390 470 560 680 820 68 82 100 120 150
180 400 (450) 2G
220
270 330 390 470 560 68 82 100 120 150 450 (500) 2W 180 220 270 330 390 470
270
Custom products are available on request. Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
1
Snap-In
Part Number System
Order Code SMD, Radial, Snap-In
EC
Technology EC = Electrolytic Capacitor PC = Polymer Capacitor
R
Terminal Type SMD Radial =V =R
1C
Rated Voltage Code
For coding please refer to the pages of ratings
PT
Series Code
CD VS CD VH CD VZ CD 261 CD 262 CD 26 CD 269 CD 281 CD 28 CD 287 CD 28L CD 29 CD 29 CD 29 CD 296 CD 297 CD 299
101
Capacitance Code (in F) 1,0 = 010 100 = 101 1 000 = 102
M
Capacitance Tolerance = M SMD: =K
Taped
FF
Lead Form
2
Terminal/ Pitch Size
= FF
0611
Dimension 4x7 = 0407 = 0511 = 3580
JE xxxxx
for Specials only
= BS = VH = VZ = LK
0,47 = R47 20% 10%
Terminal = T2 2,0mm 2,5mm 3,5mm 5,0mm 7,5mm = 20 = 25 = 35 = 50 = 75
5x11,5 35x80
Snap-In = S
2,2 = 2R2 +30 / -10% = Q +50 / -10% = T
Radial:
Long Lead = LL
6,3x11,5 = 0611 = CB
= CC
CD 261X = QX
Cut 5,0mm
Cut ,mm
45x100 = 45100
= QM 10 000 = 103 = BK = PH = LL = XY = GC = QL = BZ = BW = BC = KC = BB = PG
Cut 4,0mm Cut 3,5mm Cut 3,0mm
= CD = CE = CF
10,0mm = 10 12,5mm = 12
on request: alternative lead forms (axial, 90 - angle, others)
Snap-In: 4,0mm Pin Length Soldering Pin preferred = T4 = S4 2 Pin 3 Pin 4 Pin 5 Pin = P2 = P3 = P4 = P5
6,mm Pin Length = T6
CD 29D = HR CD 29H = QH CD 29L HCP HPM HVC
= QL = CP = PM = VC
Technical Specification SMD Type
Dimensions
O DxL x , x , 6, x, 6,x 7,7 8 x 10, 8 x 11,8 10x10, 10x12,7
A B C E L W
1,8 4,3 4,3 1,0 5,4
2,1 5,3 5,3 1,3 5,4
2,4 6,6 6,6 2,2 5,4
2,5 6,6 6,6 2,2 7,7
2,9 8,3 8,3 3,1 10,5
2,9 8,4 8,4 3,1 11,8
3,2 10,3 10,3 4,5 10,5
3,2 10,4 10,4 4,5 12,7 in mm
0,5 - 0,8
0,7 - 1,1
Taping Dimensions
Size (DxL) w 0, A 0,2 B 0,2 P 0,1 t2 0,2 F 0,1 t1 0,1
4 x 5,4 5 x 5,4 6,3 x 5,4 6,3 x 7,7 8 x 10,5 8 x 11,8 10 x 10,5 10 x 12,7
12,0 12,0 16,0 16,0 24,0 24,0 24,0 24,0
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
8,0 12,0 12,0 12,0 16,0 16,0 16,0 16,0
5,8 5,8 5,8 8,4 11,0 12,3 11,0 14,0
5,5 5,5 7,5 7,5 11,5 11,5 11,5 11,5
0,4 0,4 0,4 0,4 0,5 0,5 0,5 0,5 in mm
Soldering Profile (Aluminium Electrolytic Capacitors)
Diameter
w
D
4; 5 6,3 8; 10 Polymer
14 1 18 1 25 1 25 1
50 1 50 1 50 1 80 1 in mm
Allowable Range of Peak Temperature
Size T (C) t (second) t 1 (second)
O 4 ~ 6,3 O 8 x 10,5 O 10 x 10,5
250 240 235
90 90 60
40 30 30
For more details or Soldering Profiles of Radials or Polymer-Capacitors please contact our local Sales Offices. v2006.2
8
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
Part Number System
Technical Specification Snap-In Type
Pin Type: Snap-In Order Code: T6, T4 T6, T4 Pin Type: Soldering Order Code: S4 S4
Terminal
Pin Length T
T6 6,3
T 4,0
Snap-In Terminal Order Code: P2, P3, P4 P2 P3
Negative Terminal
Soldering Terminal Order Code: P5 P4
Positive
P5
Negative Negative
Mounting Holes
P3 only T4 Terminal
Mounting Holes
Mounting Holes
Order Code Screw Type
EC
Technology
G
Terminal Type
1C
BP
101
Capacitance Code
M
Capacitance Tolerance
20% = M Bolt
B
Mounting =B =N
E
Diameter
160
Length 53 = 053 65 = 065 96 = 096
A61
For Terminal Code see tables below
JExxxxx
for Specials only
Rated Voltage Series Code Code
CD 1 = BP 100 = 101 EC = Electrolytic Screw = G For coding Capacitor please refer CD 16 = PK 1 000 = 102 to the pages CD 17 = PX 10 000 = 103 of ratings CD 18 = PC CD 19 = BL
36 = A 40 = B 51 = C
10%
= K No double sleeve
+30 / -10% = Q 2 stoppers bracket+double sleeve* = I +20 / -0% = R 3 stoppers bracket+double sleeve* = Y +50 / -10% = T No bracket, but double sleeve* preferred =D * Double sleeve for diameter 51 only
64 = D 100 = 100 77 = E 115 = 115 90 = F 236 = 236 101 = G
Technical Specification Screw Type
Dimensions Standard Housing Order Code: I, Y, D, N Bolt Housing Order Code: B
OD O 36 O 51
Od M8 M12
l 12 16 in mm
10
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


▲Up To Search▲   

 
Price & Availability of CD295BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X