Part Number Hot Search : 
M67799M M62383FP DB151 MAX110 PRODUC F1508 2SD25 FA41GDPS
Product Description
Full Text Search
 

To Download CD263BK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD 26 BK Series
2 000 - 3 000h at 105C
* Standard 105C
CD 269 PH CD 11G GW
125C longer life
CD 110 PT
105C
CD 263 BK
lower ESR
CD 287 GC CD 261 LK
Item Operating Temperature Range (C) Voltage Range (V) Capacitance Range (F) Capacitance Tolerance (20C, 120Hz)
Rated Voltage (V)
Characteristics -55 ~ +105 6,3 ~ 100 0,1 ~ 15 000 20%
6, ~ 100
After 2 minutes at 20C application of rated voltage, leakage current is not more than 0,01CV or 3, whichever is greater. C: Nominal Capacitance (F)
-40 ~ +105 160 ~ 450
160 ~ 0
After 1 minute at 20C application of rated voltage, leakage current is not more than: CV 1.000 : 0,1 CV + 40 CV > 1.000 : 0,04 CV + 100
Leakage Current (A)
Radial
ILeakage (A)
V: Rated Voltage (V)
Rated Voltage (V)
6,
10
16
2
0
6
100
160
200
20
0
00
0
Dissipation Factor (20C, 120Hz)
Tan (max)
0,22
0,19
0,16
0,14
0,12
0,10
0,09
0,08
0,15
0,20
When nominal capacitance is over 1 000F tan shall be added 0,02 to the listed value with increase of every 1 000F
Rated Voltage (V) 6,
10
16
2
0
6
100
160
200
20
0
00
0
Stability at Low Temperature (Impedance Ratio at 120Hz)
Z -25C / Z +20C Z -40C / Z +20C
4 8
3 6 4
2 3 8
3 6
Useful Life Lifetime Leakage Current Capacity Change Dissipation Factor Condition: Applied Voltage Applied Current Applied Temperature Failure Rate Level O 8 : 2 000h O 10 : 3 000h >100 000h
Load Life O = 8 : 1 000h O 10 : 2 000h
Not more than specified value Within 20% of initial value Not more than 200% of specified value
Endurance Test 2 000h
Not more than specified value Within 20% of initial value Not more than 150% of specified value
Shelf Life 1 000h
Not more than specified value Within 20% of initial value Not more than 200% of specified value
Not more than specified value Within 30% of initial value Not more than 300% of specified value
UR IR 105C 1% Failure Rate
UR 1,4 x IR 40C 1% Failure Rate
UR IR 105C guaranteed
UR IR = 0 105C
UR = 0 IR = 0 105C
After test: UR to be applied for 30min >24h before measurement
Multiplier for Ripple Current
Frequency Coefficient
2.5
Lifetime Diagram 6,3 ~ 100V
2.5
Lifetime Diagram 160 ~ 450V
IA
CD 263 BK Series
Frequency Rated Voltage (V) Capacitance (F) 0,1 ~ 4,7 10 ~ 47 6,3 ~ 100 100 ~ 220 330 ~ 1 000 2 200 ~ 15 000 160 ~ 450 0,47 ~ 220 50Hz 120Hz 1kHz 10kHz 100kHz
IA
--- 2.0
CD 263 BK Series
--- 2.0
IR
1.5
IR
1.5 1.0
0,80
0,40 0,50 0,70 0,80 0,90 1,00
0,70 0,80 0,90 0,90 1,00 1,30
0,80 0,90 0,90 1,00 1,00 1,40
1,00
1.0
1,00
0.5
X32 Lifetime Multiplier
50
X16
X8
X4
X2
X1
0.5 0.0 40
X32 Lifetime Multiplier
50
X16
X8
X4
X2
X1
1,00 1,00 1,00 1,60
0.0 40
60
70
80
90
100
110
60
70
80
90
100
110
TA (C)
TA (C)
IA = actual ripple current at 100kHz, IR = rated ripple current at 100kHz, 105C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
IA = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 105C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
26
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
CD 26 BK Series
Ratings for CD 263 BK Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 33 47 100
220 330 470 1 000
Max ESR Max Imp 20C, 20C, 120Hz 100kHz () 8,9 6,3 3,0 1,4 1,4 0,89 0,63 0,63 0,30 0,30 0,15 0,15 0,11 0,11 0,080 0,080 0,063 0,063 0,054 0,054 0,045 0,045 11,5 7,7 5,4 2,6 1,2 0,77 0,77 0,54 0,26 0,26 0,13 0,13 0,10 0,10 0,071 0,071 0,057 0,057 0,050 0,050 21,3 9,7 6,5 4,6 2,2 2,2 1,0 1,0 0,65 0,46 0,46 0,22 0,22 0,11 0,11 0,081 0,081 0,063 0,063 0,051 0,051 39,6 18,6 8,5 5,7 4,0 1,9 0,85 0,57 0,40 0,40 0,19 0,19 0,10 0,10 0,073 0,073 0,057 0,057 () 2,5 1,5 1,2 1,2 0,87 0,58 0,55 0,39 0,37 0,23 0,14 0,095 0,12 0,090 0,090 0,061 0,090 0,056 0,061 0,045 0,042 0,036 2,5 1,9 1,5 1,2 0,58 0,54 0,47 0,39 0,25 0,18 0,17 0,090 0,086 0,068 0,068 0,056 0,056 0,045 0,042 0,036 2,5 1,9 1,5 1,2 1,2 0,58 0,54 0,47 0,39 0,66 0,23 0,21 0,12 0,095 0,068 0,068 0,056 0,052 0,045 0,042 0,036 3,0 2,5 1,9 1,5 1,2 0,58 0,39 0,23 0,21 0,18 0,12 0,090 0,068 0,056 0,056 0,045 0,050 0,036
Max Imp -10C, 100kHz () 5,0 3,0 2,4 2,4 1,74 1,16 1,10 0,78 0,74 0,46 0,28 0,19 0,24 0,18 0,18 0,122 0,180 0,112 0,122 0,090 0,084 0,072 5,0 3,8 3,0 2,4 1,16 1,08 0,94 0,78 0,50 0,36 0,34 0,180 0,172 0,136 0,136 0,112 0,112 0,090 0,084 0,072 5,0 3,8 3,0 2,4 2,4 1,16 1,08 0,94 0,78 1,32 0,46 0,42 0,24 0,19 0,136 0,136 0,112 0,104 0,090 0,084 0,072 6,0 5,0 3,8 3,0 2,4 1,16 0,78 0,46 0,42 0,36 0,24 0,18 0,136 0,112 0,112 0,090 0,100 0,072
Max Ripple Current 105C, 100kHz (mArms) 105 120 130 180 180 220 250 315 435 500 720 1 000 882 1 050 1 120 1 670 1 380 1 740 1 750 2 110 2 040 2 580 92 105 120 130 220 230 265 315 500 615 761 1 050 1 010 1 300 1 250 1 740 1 570 2 110 1 910 2 580 92 105 120 130 150 220 250 290 315 350 500 610 825 961 1 300 1 200 1 740 1 490 2 110 1 830 2 580 85 92 105 120 130 220 315 500 429 615 705 1 050 1 180 1 740 1 440 2 110 1 880 2 580
Size ODxL
VDC (Surge Voltage) Code (V)
Rated Capacitance (F) 4,7 10 22 33
47 100
Max ESR Max Imp 20C, 20C, 120Hz 100kHz () 33,9 16,0 7,3 4,9 3,4 3,4 1,6 1,6 0,73 0,49 0,49 0,34 0,34 0,16 0,16 0,085 0,085 0,065 0,065 0,051 1327 603 402 283 133 60,3 40,2 28,3 13,3 6,1 4,1 4,1 2,9 1,4 0,61 0,61 0,41 0,41 0,29 0,14 0,14 0,073 0,073 25,4 12,0 5,5 3,7 2,6 2,6 1,2 0,55 0,55 0,37 0,37 0,26 0,26 0,12 0,12 1 060 483 322 226 107 48,3 32,2 22,6 10,7 4,9 4,9 3,3 3,3 2,3 2,3 1,1 1,1 0,49 0,49 0,33 0,23 0,23 () 2,5 1,8 1,5 1,5 1,7 0,58 0,80 0,39 0,23 0,25 0,18 0,21 0,12 0,095 0,068 0,056 0,045 0,042 0,036 0,036 18,0 13,0 10,0 7,0 4,9 4,2 3,9 3,6 2,7 1,9 1,9 1,1 0,90 0,50 0,38 0,27 0,27 0,18 0,12 0,12 0,076 0,065 0,050 5,8 3,6 2,1 1,7 1,8 1,2 0,65 0,48 0,32 0,32 0,22 0,22 0,16 0,13 0,098 25,0 21,0 18,0 13,0 11,0 9,2 7,2 6,3 3,3 3,5 1,4 1,5 0,94 1,1 0,68 0,50 0,28 0,22 0,16 0,13 0,15 0,11
Max Imp -10C, 100kHz () 5,0 3,6 3,0 3,0 3,4 1,16 1,60 0,78 0,46 0,50 0,36 0,42 0,24 0,190 0,136 0,112 0,090 0,084 0,072 0,072 45,0 32,5 25,0 17,5 12,3 10,5 9,8 9,0 6,8 4,8 4,8 2,8 2,3 1,3 0,95 0,68 0,68 0,45 0,30 0,30 0,190 0,163 0,125 17,4 10,8 6,3 5,1 5,4 3,6 1,95 1,44 0,96 0,96 0,66 0,66 0,48 0,39 0,30 100 84,0 72,0 52,0 44,0 36,8 28,8 25,2 13,2 14,0 5,6 6,0 3,8 4,4 2,72 2,00 1,12 0,88 0,64 0,52 0,60 0,44
Max Ripple Current 105C, 100kHz (mArms) 92 105 120 130 90 220 151 315 500 384 615 470 825 857 1 300 1 380 2 110 1 780 2 580 2 120 10 15 18 23 35 53 65 82 100 125 90 195 245 385 314 505 421 675 895 1 000 1 495 1 660 2 190 74 95 130 160 120 305 395 335 505 510 660 640 850 930 1 430 1,5 3,4 5,0 30 45 60 67 75 110 93 165 130 305 165 320 265 585 440 1 120 1 290 715 1 350
Size ODxL
6,3 (7,2) 0J
2 200 3 300 4 700 6 800 10 000 15 000 22 33 47 100 220 330 470
10 (13) 1A
1 000 2 200 3 300 4 700 6 800 10 000 10 22 33 47 100 220 330
16 (20) 1C
470 1 000 2 200 3 300 4 700 6 800 4,7 10 22 33 47 100 220 330 470 1 000 2 200 3 300 4 700
25 (32) 1E
(mm) 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 20 12,5 x 20 10 x 20 12,5 x 20 12,5 x 20 16 x 25 12,5 x 20 16 x 25 16 x 25 16 x 31,5 16 x 35,5 18 x 35,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 12,5 x 20 12,5 x 25 12,5 x 25 16 x 25 16 x 25 16 x 31,5 16 x 35,5 18 x 35,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 12,5 x 25 12,5 x 25 16 x 25 16 x 25 16 x 31,5 16 x 35,5 18 x 35,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 12,5 x 25 16 x 25 16 x 25 16 x 31,5 16 x 31,5 18 x 35,5
35 (44) 1V
220 330 470 1 000 2 200 3 300 4 700 0,1 0,22 0,33 0,47 1 2,2 3,3 4,7 10 22
50 (63) 1H
33 47 100 220 330 470 1 000 2 200 4,7 10 22 33 47
63 (79) 1J
100 220 330 470 1 000 0,1 0,22 0,33 0,47 1 2,2 3,3 4,7 10
100 (125) 2A
22 33 47 100 220 330 470
(mm) 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 16 10 x 20 12,5 x 20 12,5 x 25 16 x 25 16 x 31,5 16 x 35,5 18 x 35,5 18 x 35,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 10 x 12,5 10 x 16 10 x 16 10 x 20 12,5 x 20 12,5 x 25 16 x 25 16 x 35,5 18 x 35,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 10 x 12,5 10 x 16 10 x 20 10 x 20 12,5 x 20 12,5 x 20 12,5 x 25 16 x 25 16 x 31,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 5 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 12,5 x 25 16 x 25 16 x 25 16 x 25 16 x 31,5
Custom products are available on request. Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
27
Radial
CD 26 BK Series
Ratings for CD 263 BK Series
VDC (Surge Voltage) Code (V) Rated Capacitance Max ESR 20C, 120Hz Max Ripple Current 105C, 120Hz (mArms) 12 18 26 28 37 34 44 58 75 107 135 143 175 230 299 330 554 764 12 18 26 28 37 40 50 66 80 135 160 190 188 230 342 360 624 12 18 23 30 34 43 40 50 74 90 130 155 190 205 225 374 Size ODxL VDC (Surge Voltage) Code (V) Rated Capacitance Max ESR 20C, 120Hz Max Ripple Current 105C, 120Hz (mArms) 11 16 27 36 45 47 79 130 160 234 16 18 27 30 38 40 38 52 79 140 130 196 256 18 19 31 42 54 87 160 215 Size ODxL
(F) 0,47 1 2,2 3,3 4,7
() 424 199 90,5 60,3 60,3 42,4 42,4 19,9 19,9 9,1 9,1 6,1 6,1 4,3 2,0 2,0 1,0 0,61 424 199 90,5 60,3 60,3 42,4 42,4 19,9 19,9 9,1 6,1 6,1 4,3 4,3 2,0 2,0 1,0 424 199 90,5 90,5 60,3 60,3 42,4 42,4 19,9 19,9 9,1 9,1 6,1 4,3 4,3 2,0
(mm) 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 16 10 x 20 10 x 20 12,5 x 20 12,5 x 25 12,5 x 25 16 x 25 16 x 31,5 18 x 35,5 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 12,5 x 25 12,5 x 20 12,5 x 25 16 x 25 16 x 31,5 18 x 35,5 6,3 x 11,5 6,3 x 11,5 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 8 x 11,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 12,5 x 25 12,5 x 25 12,5 x 25 16 x 25 16 x 31,5
(F) 0,47 1 2,2 3,3 4,7 10 22 33 47 1 2,2
() 424 266 121 80,4 56,5 56,5 26,6 12,1 8,1 5,7 266 266 121 121 80,4 80,4 56,5 56,5 26,6 12,1 12,1 8,1 5,7 266 266 121 80,4 56,5 26,6 12,1 8,1
(mm) 6,3 x 11,5 6,3 x 11,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 20 12,5 x 25 16 x 25 16 x 25 6,3 x 11,5 8 x 11,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 16 10 x 20 12,5 x 20 12,5 x 25 16 x 25 16 x 25 16 x 31,5 8 x 11,5 10 x 12,5 10 x 12,5 10 x 16 10 x 20 12,5 x 20 16 x 25 16 x 31,5
350 (400) 2V
160 (200) 2C
10 22 33 47 100 220 330 0,47 1 2,2 3,3 4,7
400 (450) 2G
3,3 4,7 10 22 33 47 1
Radial
200 (250) 2D
10 22 33 47 100 220 0,47 1 2,2 3,3
450 (500) 2W
2,2 3,3 4,7 10 22 33
250 (300) 2V
4,7 10 22 33 47 100
Custom products are available on request.
28
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
Part Number System
Order Code SMD, Radial, Snap-In
EC
Technology EC = Electrolytic Capacitor PC = Polymer Capacitor
R
Terminal Type SMD Radial =V =R
1C
Rated Voltage Code
For coding please refer to the pages of ratings
PT
Series Code
CD VS CD VH CD VZ CD 261 CD 262 CD 26 CD 269 CD 281 CD 28 CD 287 CD 28L CD 29 CD 29 CD 29 CD 296 CD 297 CD 299
101
Capacitance Code (in F) 1,0 = 010 100 = 101 1 000 = 102
M
Capacitance Tolerance = M SMD: =K
Taped
FF
Lead Form
2
Terminal/ Pitch Size
= FF
0611
Dimension 4x7 = 0407 = 0511 = 3580
JE xxxxx
for Specials only
= BS = VH = VZ = LK
0,47 = R47 20% 10%
Terminal = T2 2,0mm 2,5mm 3,5mm 5,0mm 7,5mm = 20 = 25 = 35 = 50 = 75
5x11,5 35x80
Snap-In = S
2,2 = 2R2 +30 / -10% = Q +50 / -10% = T
Radial:
Long Lead = LL
6,3x11,5 = 0611 = CB
= CC
CD 261X = QX
Cut 5,0mm
Cut ,mm
45x100 = 45100
= QM 10 000 = 103 = BK = PH = LL = XY = GC = QL = BZ = BW = BC = KC = BB = PG
Cut 4,0mm Cut 3,5mm Cut 3,0mm
= CD = CE = CF
10,0mm = 10 12,5mm = 12
on request: alternative lead forms (axial, 90 - angle, others)
Snap-In: 4,0mm Pin Length Soldering Pin preferred = T4 = S4 2 Pin 3 Pin 4 Pin 5 Pin = P2 = P3 = P4 = P5
6,mm Pin Length = T6
CD 29D = HR CD 29H = QH CD 29L HCP HPM HVC
= QL = CP = PM = VC
Technical Specification SMD Type
Dimensions
O DxL x , x , 6, x, 6,x 7,7 8 x 10, 8 x 11,8 10x10, 10x12,7
A B C E L W
1,8 4,3 4,3 1,0 5,4
2,1 5,3 5,3 1,3 5,4
2,4 6,6 6,6 2,2 5,4
2,5 6,6 6,6 2,2 7,7
2,9 8,3 8,3 3,1 10,5
2,9 8,4 8,4 3,1 11,8
3,2 10,3 10,3 4,5 10,5
3,2 10,4 10,4 4,5 12,7 in mm
0,5 - 0,8
0,7 - 1,1
Taping Dimensions
Size (DxL) w 0, A 0,2 B 0,2 P 0,1 t2 0,2 F 0,1 t1 0,1
4 x 5,4 5 x 5,4 6,3 x 5,4 6,3 x 7,7 8 x 10,5 8 x 11,8 10 x 10,5 10 x 12,7
12,0 12,0 16,0 16,0 24,0 24,0 24,0 24,0
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
8,0 12,0 12,0 12,0 16,0 16,0 16,0 16,0
5,8 5,8 5,8 8,4 11,0 12,3 11,0 14,0
5,5 5,5 7,5 7,5 11,5 11,5 11,5 11,5
0,4 0,4 0,4 0,4 0,5 0,5 0,5 0,5 in mm
Soldering Profile (Aluminium Electrolytic Capacitors)
Diameter
w
D
4; 5 6,3 8; 10 Polymer
14 1 18 1 25 1 25 1
50 1 50 1 50 1 80 1 in mm
Allowable Range of Peak Temperature
Size T (C) t (second) t 1 (second)
O 4 ~ 6,3 O 8 x 10,5 O 10 x 10,5
250 240 235
90 90 60
40 30 30
For more details or Soldering Profiles of Radials or Polymer-Capacitors please contact our local Sales Offices. v2006.2
8
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
Part Number System
Technical Specification Radial Type
Dimensions for loose, long-lead type, (bulk) Order Code: LL
L
OD F
L7
L 11
3 1
4 1,5
5 2,0 1,0
6,3 2,5 0,45
8 3,5
5 2,0
6,3 2,5 0,5
8 3,5
10 12,5 16 5,0 0,6 2,0 7,5 0,8
18
20
22 1,0
25 12,5
10,0
O d 0,4 aMax
in mm
Dimensions for Ammopack taping Order Code: FF (FD)
Code Case Range OD 4~6 Dimensions F 0,5 2,5 P 0,1 12,7 A 8 13 18,5 3,5 12,7
Form
L (max) H 0,75 Ho 0,5 13 18,5 -
Ammopack Form A
4~8
7
17,5 Form B
FF
5 ~ 6,3
13
18,5
16 12,7
B
8
22
20,0 5
10
22
18,5
A Form C
12,5
27
18,5
-
15,0
FD
12,5
27
18,5
-
25,4 C
FF
16 ~ 18
27
18,5
-
7,5
30,0 in mm
Dimensions for loose, short cut leads, (bulk) Order Code: CC (CB,CD,CE,CF)
Straight Lead Bended Lead
2.5max
Code
I
preferred
CB
5,0 0,5
CC
4,5 0,5
CD
4,0 0,5
CE
3,5 0,5
CF
3,0 0,5
in mm
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
9


▲Up To Search▲   

 
Price & Availability of CD263BK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X