Part Number Hot Search : 
CZRF36VB CFRM105 H838602 15S12 SML1016 2815S CZRF36VB CFRM105
Product Description
Full Text Search
 

To Download CD214C-T50CALF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH VE S CO AV R M AI SIO PL LA N IA BL S NT E
Features

Lead free versions available RoHS compliant (lead free version)* Surface Mount SMB package Standoff Voltage: 5.0 to 170 volts Power Dissipation: 600 watts
*R
CD214B Transient Voltage Suppressor Diode Series
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AA (SMB) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away.
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Symbol
(Note 1,2)
Value
Unit
Minimum Peak Pulse Power Dissipation (TP = 1 ms) Peak Forward Surge Current 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Steady State Power Dissipation @ TL = 75 C Maximum Instantaneous Forward Voltage @ IPP = 50 A (For Unidirectional Units Only) Operating Temperature Range Storage Temperature Range
1. 2. 3. 4. 5.
PPK IFSM PM(AV) VF TJ TSTG
600 100 5.0
(Note 5)
Watts Amps Watts Volts C C
-55 to +150 -55 to +175
Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 C per Pulse Derating Curve. Thermal Resistance Junction to Lead. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %. VF = 3.5 V on CD214B-T5.0A through CD214B-T90A and VF = 5.0 V on CD214B-T100A through CD214B-T170A.
How To Order
CD 214B - T 5.0 CA __
Common Code Chip Diode Package 214A = SMA/DO-214AC 214B = SMB/DO-214AA 214C = SMC/DO-214AB Model T = Transient Voltage Suppressor Series
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) 170 = 170 VRWM (Volts) Suffix A = 5 % Tolerance Device CA = 5 % Tolerance Bidirectional Device
Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214B Transient Voltage Suppressor Diode Series
Electrical Characteristics (@TA = 25 C unless otherwise noted)
Maximum Reverse Leakage @ VRWM IR (uA) Maximum Reverse Voltage @IRSM VRSM (Volts) Maximum Reverse Surge Current IRSM (Amps)
Unidirectional Device Part Number Part Marking
Bidirectional Device Part Number Part Marking Breakdown Voltage VBR (Volts) Min. Max. @ IT (mA)
Working Peak Reverse Voltage VRWM (Volts)
CD214B-T5.0A CD214B-T6.0A CD214B-T6.5A CD214B-T7.0A CD214B-T7.5A CD214B-T8.0A CD214B-T8.5A CD214B-T9.0A CD214B-T10A CD214B-T11A CD214B-T12A CD214B-T13A CD214B-T14A CD214B-T15A CD214B-T16A CD214B-T17A CD214B-T18A CD214B-T20A CD214B-T22A CD214B-T24A CD214B-T26A CD214B-T28A CD214B-T30A CD214B-T33A CD214B-T36A CD214B-T40A CD214B-T43A CD214B-T45A CD214B-T48A CD214B-T51A CD214B-T54A CD214B-T58A CD214B-T60A CD214B-T64A CD214B-T70A CD214B-T75A CD214B-T78A CD214B-T85A CD214B-T90A CD214B-T100A CD214B-T110A CD214B-T120A CD214B-T130A CD214B-T150A CD214B-T160A CD214B-T170A
KE KG KK KM KP KR KT KV KX KZ LE LG LK LM LP LR LT LV LX LZ ME MG MK MM MP MR MT MV MX MZ NE NG NK NM NP NR NT NV NX NZ PE PG PK PM PP PR
CD214B-T5.0CA CD214B-T6.0CA CD214B-T6.5CA CD214B-T7.0CA CD214B-T7.5CA CD214B-T8.0CA CD214B-T8.5CA CD214B-T9.0CA CD214B-T10CA CD214B-T11CA CD214B-T12CA CD214B-T13CA CD214B-T14CA CD214B-T15CA CD214B-T16CA CD214B-T17CA CD214B-T18CA CD214B-T20CA CD214B-T22CA CD214B-T24CA CD214B-T26CA CD214B-T28CA CD214B-T30CA CD214B-T33CA CD214B-T36CA CD214B-T40CA CD214B-T43CA CD214B-T45CA CD214B-T48CA CD214B-T51CA CD214B-T54CA CD214B-T58CA CD214B-T60CA CD214B-T64CA CD214B-T70CA CD214B-T75CA CD214B-T78CA CD214B-T85CA CD214B-T90CA CD214B-T100CA CD214B-T110CA CD214B-T120CA CD214B-T130CA CD214B-T150CA CD214B-T160CA CD214B-T170CA
AE AG AK AM AP AR AT AV AX AZ BE BG BK BM BP BR BT BV BX BZ CE CG CK CM CP CR CT CV CX CZ DE DG DK DM DP DR DT DV DX DZ EE EG EK EM EP ER
6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189
7.25 7.67 8.30 8.95 9.58 10.2 10.8 11.5 12.8 14.4 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28.0 30.7 32.2 35.8 38.3 42.2 46.0 51.1 54.9 57.5 61.3 65.2 69 74.6 76.7 81.8 89.5 95.8 99.7 109 116 128 140 153 165 192 205 218
10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
800 800 500 200 100 50 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
65.2 58.3 53.6 50.0 46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.8 24.0 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.7 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2
Notes: 1. Suffix `A' denotes a 5 % tolerance device. 2. Suffix `CA' denotes a 5 % tolerance bidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double. 4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave of 8.3 ms Pulse Width.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214B Transient Voltage Suppressor Diode Series
Product Dimensions
A
Recommended Pad Layout
A
B
C
B
C G
Dimension A (Max.)
H F E D
B (Min.) C (Min.)
Dimension A B C D E F G H
SMB (DO-214AA) 4.06 - 4.57 (0.160 - 0.180) 3.30 - 3.94 (0.130 - 0.155) 1.96 - 2.21 (0.077 - 0.087) 0.15 - 0.31 (0.006 - 0.112) 5.21 - 5.59 (0.205 - 0.220) 0.05 - 0.20 (0.002 - 0.008) 2.01 - 2.62 (0.080 - 0.103) 0.76 - 1.52 (0.030 - 0.060)
MM (INCHES)
SMB (DO-214AA) 2.69 (0.106) 2.10 (0.083) 1.27 (0.050)
MM (INCHES)
DIMENSIONS:
Physical Specifications Case ............................................Molded plastic per UL Class 94V-0 Polarity ........................Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ....................................................0.003 ounces / 0.093 grams
DIMENSIONS:
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214B Transient Voltage Suppressor Diode Series
Rating and Characteristic Curves Pulse Derating Curve
100 Peak Forward Surge Current (Amps) Peak Pulse Derating in Percent of Peak Power or Current
Maximum Non-Repetitive Surge Current
120 100 80 60 40 20 0 1 2 5 10 20 50 100 Number of Cycles at 60 Hz Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method)
75
50
25 10 x 1000 Waveform as Defined by R.E.A. 0 0 25 50 75 100 125 150 175 200 Ambient Temperature (C)
Pulse Waveform
Typical Junction Capacitance
10000 TA = 25 C Unidirectional Capacitance (pF) 1000 Bidirectional
TR=10 s 100 IP, Peak Pulse Current (%) Peak value (IRSM) Half value= IRSM 2 Pulse width (TP) is defined as that point where the peak current decays to 50 % of IPSM. TA=25 C TP 10 x 1000 waveform as defined by R.E.A.
50
100
0 0 1.0 2.0 T, Time (ms) 3.0 4.0
0 0 10 100 Standoff Voltage (Volts) 1000
Pulse Rating Curve
100 TA = 25 C Non-repetitive Pulse Waveform Shown in Pulse Waveform Graph
Steady State Power Derating Curve
5.0 RM(AV) Steady State Power Dissipation (W)
4.0
PP, Peak Power (KW)
10
3.0
2.0
1.0 5.0 mm Lead Areas
1.0 60 Hz Resistive or Inductive Load 0.0 0 25 50 75 100 125 150 175 200 TL, Lead Temperature (C) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
TP, Pulse Width
CD214B Transient Voltage Suppressor Diode Series
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
P 0 P 1 E Index Hole 120 F W B D2 D1 D T
d
P Trailer
A Device
C Leader W1 Start DIMENSIONS: MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. Symbol A B C d D D1 D2 E F P P0 P1 T W W1 -SMB (DO-214AA) 4.94 0.10 (0.194 - 0.004) 5.57 0.10 (0.210 - 0.004) 2.36 0.10 (0.093 - 0.004) 1.55 0.05 (0.061 - 0.002) 330 (12.992) 50.0 MIN. (1.969) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004)) 5.50 0.05 (0.217 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.30 0.10 (0.012 - 0.004) 12.00 0.20 (0.472 - 0.008) 18.4 MAX. (0.724) 3,000
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
REV. 04/06


▲Up To Search▲   

 
Price & Availability of CD214C-T50CALF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X