Part Number Hot Search : 
DTC113Z C74VC HA0051E BA3834F MC9S0 WEJ7806 2ATTD SDA10000
Product Description
Full Text Search
 

To Download CCHD-950X-50-100000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9X14 mm SMD, 3.3V, CMOS
Frequency Range: Frequency Stability: Temperature Range: (Option M) (Option X) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Logic: Load: Output current: Jitter: 12KHz to 80MHz Phase Noise Floor: Sub-Harmonics: Aging:
CCHD-950 Model
ree dF ea oHS nt L R plia m Co
50MHz to 125MHz 20ppm, 25ppm, 50ppm 0C to 70C (20ppm, 25ppm, 50ppm) -20C to 70C (25ppm, 50ppm) -40C to 85C (25ppm, 50ppm) -55C to 120C 3.3V 0.3V 15mA Typ, 25mA Max CMOS 45/55% Max @ 50% Vdd 3ns Max @ 20% to 80% Vdd "0" = 10% Vdd Max "1" = 90% Vdd Min 15pF 24mA Max 0.5psec Typ., 1psec RMS Max -160dBc Typ., -155dBc Max Guaranteed None <3ppm 1st/yr, <1ppm every year thereafter
Ultra-Low Phase Noise Clock Oscillator
The CCHD-950 was designed specifically for applications requiring Ultra-Low Phase Noise. Also available in VCXO version. Available on tape and reel in quantities of 100, 250 and 500pcs.
Part Number Example: CCHD-950-20-100.000 = 3.3V, 45/55, 20ppm, 0/70C, 100.000 MHz CCHD-950M-25-100.000 = 3.3V, 45/55, 25ppm, -20/70C, 100.000 MHz CCHD-950X-50-100.000 = 3.3V, 45/55, 50ppm, -40/85C, 100.000 MHz
SUGGESTED PAD LAYOUT
0.560 (14.2) 0.040 (1.01) 0.560 (14.2) 0.210 (5.3) 0.050 (1.27)
0.360 (9.14)
CRYSTEK P/N Frequency Date Code
1 4
0.200 (5.08)
2 3
0.070 (1.77) 0.090 (2.28) 0.280 (7.11)
0.200 (5.08)
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
80MHz Phase Noise Plot
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
Pad 1 2 3 4
Connection N/C GND OUT Vdd
Specifications subject to change without notice.
TD-030603 Rev. C


▲Up To Search▲   

 
Price & Availability of CCHD-950X-50-100000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X