Part Number Hot Search : 
CW0805 GBP201 CS4804 PIC12 MC33394 TQ150 L032A C3508
Product Description
Full Text Search
 

To Download CBT16213DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
CBT16213 24-bit bus exchange switch with 12-bit output enables
Objective specification 2001 Jan 19
Philips Semiconductors
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
FEATURES
* 5 switch connection between two ports * TTL compatible control input levels * Package options include plastic shrink small outline (SSOP) and
thin shrink small outline (TSSOP)
DESCRIPTION
The CBT16213 provides 24 bits of high-speed TTL-compatible bus switching or exchanging. The low on-state resistance of the switch allows connections to be made with minimal propagation delay. The CBT16213 operates as 24-bit bus switch or a 12-bit bus exchanger, which provides data exchanging between the four signal ports via the data-select (S0-S2) terminals. The CBT16213 is characterized for operation from -40 to +85 C.
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ PARAMETER Propagation delay An to Yn Input capacitance Output capacitance Total supply current CONDITIONS Tamb = 25 C; GND = 0 V CL = 50 pF; VCC = 5 V VI = 0 V or VCC Outputs disabled; VO = 0 V or VCC Outputs disabled; VCC = 5.5 V TYPICAL 0.25 4.5 11.5 3 UNIT ns pF pF A
ORDERING INFORMATION
PACKAGES 56-Pin Plastic SSOP Type III 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40 to +85 C -40 to +85 C OUTSIDE NORTH AMERICA CBT16213DL CBT16213DGG NORTH AMERICA CBT16213DL CBT16213DGG DWG NUMBER SOT371-1 SOT364-1
FUNCTION TABLE
S2 L L L L H H H H S1 L L H H L L H H S0 L H L H L H L H A1 Z B1 B2 Z Z A2 & B2 B1 B2 A2 Z Z Z B1 B2 A1 & B2 B2 B1 FUNCTION Disconnect A1 = B1 A1 = B2 A2 = B1 A2 = B2 A1 = A2 = B2 A1 = B1, A2 = B2 A1 = B2, A2 = B1
LOGIC SYMBOL
1A1 2
1 of 12 Channels
54 1B1
H = High voltage level L = Low voltage level Z = High impedance "off " state
1A2
3
53
1B2
FLOW CONTROL S0 S1 S2 1 56 55
SA00512
2001 Jan 19
2
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
PIN CONFIGURATION
PIN DESCRIPTION
PIN NUMBER SYMBOL S0, S1, S2 1A1-12A1 1A2-12A2 1B1, 12B1 1B2, 12B2 GND VCC NAME AND FUNCTION Data select A1 channel A2 channel B1 channel B2 channel Ground (0 V) Positive supply voltage 1, 56, 55 2, 4, 6, 9, 11, 13, 15, 18, 21, 23, 25, 27 3, 5, 7, 10, 12, 14, 16, 20, 22, 24, 26, 28 54, 52, 50, 47, 45, 43, 41, 39, 36, 34, 32, 30 53, 51, 48, 46, 44, 42, 40, 37, 35, 33, 31, 29 8, 19, 38, 49 17
S0 1A1 1A2 2A1 2A2 3A1 3A2 GND 4A1
1 2 3 4 5 6 7 8 9
56 S1 55 S2 54 1B1 53 1B2 52 2B1 51 2B2 50 3B1 49 GND 48 3B2 47 4B1 46 4B2 45 5B1 44 5B2 43 6B1 42 6B2 41 7B1 40 7B2 39 8B1 38 GND 37 8B2 36 9B1 35 9B2 34 10B1 33 10B2 32 11B1 31 11B2 30 12B1 29 12B2
4A2 10 5A1 11 5A2 12 6A1 13 6A2 14 7A1 15 7A2 16 VCC 17 8A1 18 GND 19 8A2 20 9A1 21 9A2 22 10A1 23 10A2 24 11A1 25 11A2 26 12A1 27 12A2 28
SA00511
2001 Jan 19
3
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 voltage3 output in Off or High state output in Low state VI < 0 CONDITIONS RATING -0.5 to +7.0 -50 -0.5 to +7.0 -0.5 to +5.5 128 -65 to +150 UNIT V mA V V mA C
DC output
DC output current Storage temperature range
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL Tamb DC supply voltage High-level input voltage Low-level Input voltage Operating free-air temperature range PARAMETER Min 4.0 2.0 -- -40 Max 5.5 -- 0.8 +85 V V V C UNIT
2001 Jan 19
4
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = -40 C to +85 C Min VIK II ICC ICC CI Input clamp voltage Input leakage current Quiescent supply current2 Additional supply current per input pin2 Control pins Power-off leakage current, B port Power-off leakage current, A port VCC = 4.5 V; II = -18 mA VCC = 0 V; VI = 5.5 V VCC = 5.5 V; VI = GND or 5.5 V VCC = 5.5 V; IO = 0 V, VI = VCC or GND VCC = 5.5 V, one input at 2.7 V, other inputs at VCC or GND VI= 3 V or 0 V -- -- -- -- -- -- -- VO = 3 V or 0 V; S0 S1 or S2 = VCC S0, S1, -- VCC = 4.0 V; V1 = 2.4 V; II = 15 mA A to B or B to A ron3 VCC = 4.5 V; V1 = 0 V; II = 64 mA VCC = 4.5 V; V1 = 0 V; II = 30 mA VCC = 4.5 V; V1 = 2.4 V; II = 15 mA VCC = 4.0 V; V1 = 2.4 V; II = 15 mA A1 to A2 VCC = 4.5 V; V1 = 0 V; II = 64 mA VCC = 4.5 V; V1 = 0 V; II = 30 mA VCC = 4.5 V; V1 = 2.4 V; II = 15 mA -- -- -- -- -- -- -- -- 11.5 14 5 5 8 22 10 10 16 -- 21 7 7 15 33 14 14 22 pF Typ1 -- -- -- -- -- 4.5 11.5 Max -1.2 10 1 3 2.5 -- -- V A A mA pF pF UNIT
CIO(OFF) O(O )
NOTES: 1. All typical values are at VCC = 5 V, Tamb = 25 C 2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. 3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is determined by the lowest voltage of the two (A or B) terminals.
AC CHARACTERISTICS
GND = 0 V; tR; CL = 50 pF VCC = +5.0 V 0.5 V VCC = 4.0 V
SYMBOL
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
Min tpd Propagation delay1 A or B A1 Output enable time to High and Low level Output disable time from High and Low level S S0 S S0 B or A A2 A or B A2 and B2 A or B A2 and B2 -- -- 3.2 4 2.3 5.7
Max 0.25 0.5 11.1 10.9 11.9 12
Min -- -- -- -- -- --
Max 0.25 0.5 12.4 13.3 12.4 12.8 ns ns ns ns ns ns
ten
tdis
NOTES: 1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
2001 Jan 19
5
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V
3V 1.5 V INPUT 0V tPLH tPHL VOH 1.5 V OUTPUT VOL 1.5 V 1.5 V
TEST CIRCUIT AND WAVEFORMS
7V From Output Under Test CL = 50 pF 500 S1 Open GND 500
Load Circuit
TEST tpd tPLZ/tPZL tPHZ/tPZH
S1 open 7V open
SA00028
Waveform 1. Input (An) to Output (Yn) Propagation Delays
DEFINITIONS Load capacitance includes jig and probe capacitance; CL = see AC CHARACTERISTICS for value. 3V Output Control (Low-level enabling tPZL Output Waveform 1 S1 at 7 V (see Note) tPZH Output Waveform 2 S1 at Open (see Note) 1.5 V 1.5 V 0V 3.5 V 1.5 V tPHZ VOH - 0.3 V 1.5 V 0V Note: Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
SA00012
tPLZ
VOL + 0.3 V VOL VOH
SA00029
Waveform 2. 3-State Output Enable and Disable Times
2001 Jan 19
6
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
SSOP56: plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1
2001 Jan 19
7
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
2001 Jan 19
8
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
NOTES
2001 Jan 19
9
Philips Semiconductors
Objective specification
24-bit bus exchange switch with 12-bit output enables
CBT16213
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 2001 All rights reserved. Printed in U.S.A. Date of release: 01-01 Document order number:
Philips Semiconductors
2001 Jan 19 10


▲Up To Search▲   

 
Price & Availability of CBT16213DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X