Part Number Hot Search : 
2SC60 A43L1632 1485815 7109M IN74H C1573A 1N4736A TSM7401
Product Description
Full Text Search
 

To Download CAT1321ZD2I-45TSSOP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT1320, CAT1321
Supervisory Circuits with I2C Serial 32K CMOS EEPROM FEATURES
I Precision power supply voltage monitor I 3.0V to 5.5V operation I Low power CMOS technology I 64-Byte page write buffer I 1,000,000 Program/Erase cycles I 100 year data retention
H
GEN FR ALO
EE
LE
A D F R E ETM
-- 5V, 3.3V and 3V systems - +5.0V (+/- 5%, +/- 10%) - +3.3V (+/- 5%, +/- 10%) - +3.0V (+/- 10%)
I Active low reset, CAT1320 I Active high reset, CAT1321 I Valid reset guaranteed at VCC=1V I 400kHz I2C bus
I 8-pin DIP, SOIC, TSSOP and TDFN packages I Industrial temperature range
DESCRIPTION
The CAT1320 and CAT1321 are complete memory and supervisory solutions for microcontroller-based systems. A 32kbit serial EEPROM memory and a system power supervisor with brown-out protection are integrated together in low power CMOS technology. Memory interface is via a 400kHz I2C bus. active, preventing the system microcontroller, ASIC or peripherals from operating. Reset signals become inactive typically 200 ms after the supply voltage exceeds the reset threshold level. With both active high and low reset options, interface to microcontrollers and other ICs is simple. In addition, the RESET (CAT1320) pin can be used as an input for push-button manual reset capability.
The CAT1320 provides a precision VCC sense circuit and drives an open drain output, RESET low whenever The CAT1320/21 memory features a 64-byte page. In addition, hardware data protection is provided by a VCC VCC falls below the reset threshold voltage. sense circuit that prevents writes to memory whenever VCC The CAT1321 provides a precision VCC sense circuit falls below the reset threshold or until VCC reaches the reset that drives an open drain output, RESET high whenever threshold during power up. VCC falls below the reset threshold voltage. Available packages include an 8-pin DIP, SOIC, TSSOP The power supply monitor and reset circuit protect and 4.9 x 3mm TDFN. memory and system controllers during power up/down and against brownout conditions. Five reset threshold voltages support 5V, 3.3V and 3V systems. If power supply voltages are out of tolerance reset signals become
PIN CONFIGURATION
PDIP (P, L) SOIC (J, W)
A0 1 A1 2 A2 3 VSS 4
A0 1 A1 2 A2 3 VSS 4 CAT1321
TSSOP (U, Y)
A0 1 A1 2 A2 3 VSS 4 CAT1320 8 VCC 7 RESET 6 SCL 5 SDA
TDFN PACKAGE: 4.9MM X 3MM (RD2, ZD2)
A0 A1 A2 VSS
1 2 3 4 8 7
CAT1320
8 VCC 7 RESET 6 SCL 5 SDA
VCC RESET SCL SDA
CAT1320
6 5
8 VCC 7 RESET 6 SCL 5 SDA
A0 1 A1 2 A2 3 VSS 4 CAT1321
8 VCC 7 RESET 6 SCL 5 SDA
A0 A1 A2 VSS
1 2 3 4
8 7
VCC RESET SCL SDA
CAT1321
6 5
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 20585, Rev. 00
CAT1320, CAT1321
Advance Information
BLOCK DIAGRAM -- CAT1320, CAT1321
EXTERNAL LOAD DOUT ACK VCC VSS WORD ADDRESS BUFFERS COLUMN DECODERS SENSE AMPS SHIFT REGISTERS
Threshold Voltage Options
Part Dash Minimum Number Threshold
-45 -42 -30 -28 -25 4.50 4.25 3.00 2.85 2.55
Maximum Threshold
4.75 4.50 3.15 3.00 2.70
SDA
START/STOP LOGIC 32kbit EEPROM
XDEC CONTROL LOGIC
OPERATING TEMPERATURE RANGE
Industrial -40C to 85C
DATA IN STORAGE
HIGH VOLTAGE/ TIMING CONTROL RESET Controller Precision
Vcc Monitor
STATE COUNTERS SLAVE ADDRESS COMPARATORS
SCL A0 A1 A2
RESET (CAT1320) RESET (CAT1321)
PIN FUNCTIONS Pin Name
RESET VSS SDA SCL RESET VCC
Function
Active Low Reset Input/Output (CAT1320) Ground Serial Data/Address Clock Input Active High Reset Output (CAT1321) Power Supply
PIN DESCRIPTION
RESET RESET/RESET RESET: RESET OUTPUTS These are open-drain pins and RESET can also be used as a manual reset trigger input. By forcing a reset condition on the pin the device will initiate and maintain a reset condition. The RESET pin must be connected through a pull-down resistor and the RESET pin must be connected through a pull-up resistor. SDA: SERIAL DATA ADDRESS The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. SCL: SERIAL CLOCK Serial clock input. A0, A1, A2: DEVICE ADDRESS INPUTS When hardwired, up to eight CAT1320/21 devices may be addressed on a single bus system (refer to Device Addressing). When the pins are left unconnected, the default values are zeros.
Doc. No. 25085, Rev. 00
2
Advance Information
CAT1320, CAT1321
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Note: (1) Output shorted for no more than one second. No more than one output shorted at a time.
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias .................... -40C to +85C Storage Temperature ........................ -65C to +105C Voltage on any Pin with Respect to Ground(1) ............. -0.5V to +VCC +2.0V VCC with Respect to Ground ................ -0.5V to +7.0V Package Power Dissipation Capability (TA = 25C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(1) ........................ 100 mA
D.C. OPERATING CHARACTERISTICS
VCC = +3.0V to +5.5V and over the recommended temperature conditions unless otherwise specified.
Symbol ILI ILO ICC1 ICC2 ISB VIL2 VIH
2
Parameter Input Leakage Current Output Leakage Current Power Supply Current (Write) Power Supply Current (Read) Standby Current Input Low Voltage Input High Voltage Output Low Voltage (SDA, RESET) Output High Voltage (RESET)
Test Conditions VIN = GND to Vcc VIN = GND to Vcc fSCL = 400kHz VCC = 5.5V fSCL = 400kHz VCC = 5.5V Vcc = 5.5V, VIN = GND or Vcc
Min -2 -10
Typ
Max 10 10 3 1 40
Units A A mA mA A V V V V
-0.5 0.7 x Vcc IOL = 3mA VCC = 3.0V IOH = -0.4mA VCC = 3.0V CAT132x-45 (VCC = 5V) CAT132x-42 (VCC = 5V) Vcc 0.75 4.50 4.25 3.00 2.85 2.55 1.00 15
0.3 x Vcc Vcc + 0.5 0.4
VOL VOH
4.75 4.50 3.15 3.00 2.70 V mV V
VTH
Reset Threshold
CAT132x-30 (VCC = 3.3V) CAT132x-28 (VCC = 3.3V) CAT132x-25 (VCC = 3V)
VRVALID1 VRT1
Reset Output Valid VCC Voltage Reset Threshold Hysteresis
Notes: 1. This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested. 2. VIL min and VIH max are reference values only and are not tested.
3
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Advance Information
CAPACITANCE
TA = 25C, f = 1.0 MHz, VCC = 5V Symbol COUT
(1)
Test Output Capacitance Input Capacitance
Test Conditions VOUT = 0V VIN = 0V
Max 8 6
Units pF pF
CIN(1)
A.C. CHARACTERISTICS
VCC = 3.0V to 5.5V and over the recommended temperature conditions, unless otherwise specified.
Memory Read & Write Cycle2
Symbol fSCL tSP1 tLOW tHIGH tR
1
Parameter Clock Frequency Input Filter Spike Suppression (SDA, SCL) Clock Low Period Clock High Period SDA and SCL Rise Time SDA and SCL Fall Time Start Condition Hold Time Start Condition Setup Time (for a Repeated Start) Data Input Hold Time Data Input Setup Time Stop Condition Setup Time SCL Low to Data Out Valid Data Out Hold Time Time the Bus must be Free Before a New Transmission Can Start Write Cycle Time (Byte or Page)
Min
Max 400 100
Units kHz ns s s
1.3 0.6 300 300 0.6 0.6 0 100 0.6 900 50 1.3 5
ns ns s s ns ns s ns ns s ms
tF1 tHD;STA tSU;STA tHD;DAT tSU;DAT tSU;STO t AA tDH tBUF1 tWC3
Notes: 1. This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. 2. Test Conditions according to "AC Test Conditions" table. 3. The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not respond to its slave address.
Doc. No. 25085, Rev. 00
4
Advance Information
CAT1320, CAT1321
RESET CIRCUIT A.C. CHARACTERISTICS
Symbol tPURST tRPD tGLITCH MR Glitch tMRW Parameter Reset Timeout VTH to RESET output Delay VCC Glitch Reject Pulse Width Manual Reset Glitch Immunity MR Pulse Width Test Conditions Note 2 Note 3 Note 4, 5 Note 5 Note 5 5 Min 130 Typ 200 Max 270 5 30 100 Units ms s ns ns s
POWER-UP TIMING5,6
Symbol tPUR tPUW Parameter Power-Up to Read Operation Power-Up to Write Operation Test Conditions Min Typ Max 270 270 Units ms ms
Notes: 1. Test Conditions according to "AC Test Conditions" table. 2. Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to "AC Test Conditions" Table 3. Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to "AC Test Conditions" Table 4. VCC Glitch Reference Voltage = VTHmin; Based on characterization data 5. This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. 6. tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated.
AC TEST CONDITIONS Input pulse voltages Input rise and fall times Input reference voltages Output reference voltages Output Load 0.2VCC to 0.8VCC 10 ns 0.3VCC, 0.7VCC 0.5VCC Current Source: IOL = 3mA; CL = 100pF
RELIABILITY CHARACTERISTICS
Symbol NEND
(1)
Parameter Endurance Data Retention ESD Susceptibility Latch-Up
Reference Test Method
Min
Max
Units Cycles/Byte Years Volts mA
MIL-STD-883, Test Method 1033 1,000,000 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17 100 2000 100
TDR(1) VZAP
(1)
ILTH(1)(2)
Notes: 1. This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested. 2. Latch-up protection is provided for stresses up to 100mA on input and output pins from -1V to VCC + 1V.
5
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Advance Information
DEVICE OPERATION
Reset Controller Description The CAT1320/21 precision Reset controllers ensure correct system operation during brownout and power up/down conditions. They are configured with opendrain RESET/RESET outputs. During power-up, the RESET/RESET output remains active until VCC reaches the VTH threshold and will continue driving the outputs for approximately 200ms (tPURST) after reaching VTH. After the tPURST timeout interval, the device will cease to drive the reset output. At this point the reset output will be pulled up or down by their respective pull up/down resistors. During power-down, the RESET/RESET output will be active when VCC falls below VTH. The RESET/RESET output will be valid so long as VCC is >1.0V (VRVALID). The device is designed to ignore the fast negative going VCC transient pulses (glitches). Reset output timing is shown in Figure 1. Manual Reset Operation The RESET pin can operate as reset output and manual reset input. The input is edge triggered; that is, the RESET input will initiate a reset timeout after detecting a high to low transition. When RESET I/O is driven to the active state, the 200 msec timer will begin to time the reset interval. If external reset is shorter than 200 ms, Reset outputs will remain active at least 200 ms. Glitches shorter than 100 ns on RESET input will not generate a reset pulse. Hardware Data Protection The CAT1320/21 family has been designed to solve many of the data corruption issues that have long been associated with serial EEPROMs. Data corruption occurs when incorrect data is stored in a memory location which is assumed to hold correct data. Whenever the device is in a Reset condition, the embedded EEPROM is disabled for all operations, including write operations. If the Reset output is active, in progress communications to the EEPROM are aborted and no new communications are allowed. In this condition an internal write cycle to the memory can not be started, but an in progress internal non-volatile memory write cycle can not be aborted. An internal write cycle initiated before the Reset condition can be successfully finished if there is enough time (5ms) before VCC reaches the minimum value of 2V.
Figure 1. RESET/RESET Output Timing
t
GLITCH
VTH VRVALID VCC t PURST t RPD t PURST t RPD
RESET
RESET
Doc. No. 25085, Rev. 00
6
Advance Information
Figure 2. RESET as Manual Reset Input Operation and Timing
CAT1320, CAT1321
t MRW RESET (Input)
t PURST RESET (Output)
Figure 3. Bus Timing
tF tLOW SCL tSU:STA tHD:STA tHD:DAT tSU:DAT tSU:STO tHIGH tLOW tR
SDA IN tAA SDA OUT tDH tBUF
7
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Advance Information
EMBEDDED EEPROM OPERATION
The CAT1320 and CAT1321 feature a 32kbit embedded serial EEPROM that supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated. I2C Bus Protocol The features of the I2C bus protocol are defined as follows: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition. START Condition The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT1320/21 monitors the SDA and SCL lines and will not respond until this condition is met. STOP Condition A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a START condition. The Master sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are programmable in metal and the default is 1010. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT1320/21 monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT1320/21 then performs a Read or Write operation depending on the R/W bit.
Figure 4. Write Cycle Timing
SCL
SDA
8TH BIT BYTE n
ACK tWR STOP CONDITION START CONDITION ADDRESS
Doc. No. 25085, Rev. 00
8
Advance Information
CAT1320, CAT1321
ACKNOWLEDGE
After a successful data transfer, each receiving device is required to generate an acknowledge. The acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT1320/21 responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8bit byte. When the CAT1320/21 begins a READ mode it transmits 8 bits of data, releases the SDA line and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT1320/21 will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition.
WRITE OPERATIONS
Byte Write In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends two 8-bit address bytes that are to be written into the address pointers of the device. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the addressed memory location. The CAT1320/ 21 acknowledges once more and the Master generates the STOP condition. At this time, the device begins an internal programming cycle to non-volatile memory. While the cycle is in progress, the device will not respond to any request from the Master device.
Figure 5. Start/Stop Timing
SDA
SCL START BIT STOP BIT
Figure 6. Acknowledge Timing
SCL FROM MASTER 1 8 9
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
Figure 7. Slave Address Bits Default Configuration CAT
1
0
1
0
A2
A1
A0
R/W
9
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Page Write The CAT1320/21 writes up to 64 bytes of data in a single write cycle, using the Page Write operation. The page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the Master is allowed to send up to additional 63 bytes. After each byte has been transmitted, the CAT1320/21 will respond with an acknowledge and internally increment the lower order address bits by one. The high order bits remain unchanged.
Advance Information
If the Master transmits more than 64 bytes before sending the STOP condition, the address counter `wraps around,' and previously transmitted data will be overwritten. When all 64 bytes are received, and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the CAT1320/21 in a single write cycle.
Figure 8. Byte Write Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0
DATA
S T O P P
A C K
*=Don't Care Bit
** * *
A C K
A C K
A C K
Figure 9. Page Write Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0
DATA
DATA n
DATA n+63
S T O P P
****
A C K A C K A C K A C K A C K A C K A C K
*=Don't Care Bit
Doc. No. 25085, Rev. 00
10
Advance Information
Acknowledge Polling Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write opration, the CAT1320/21 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the device is still busy with the write operation, no ACK will be returned. If a write operation has completed, an ACK will be returned and the host can then proceed with the next read or write operation. Read Operations
CAT1320, CAT1321
The READ operation for the CAT1320/21 is initiated in the same manner as the write operation with one exception, that R/W bit is set to one. Three different READ operations are possible: Immediate/Current Address READ, Selective/Random READ and Sequential READ.
Figure 10. Immediate Address Read Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
S T O P P A C K DATA N O A C K
SCL
8
9
SDA
8TH BIT DATA OUT NO ACK STOP
11
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Immediate/Current Address Read The CAT1320 and CAT1321 address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. For all devices, N=E=4,095. The counter will wrap around to Zero and continue to clock out valid data. After the CAT1320 and CAT1321 receives its slave address information (with the R/W bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte addresses of the location it wishes to read. After the CAT1320 and CAT1321 acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W bit set to one. The CAT1320 and CAT1321 then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Sequential Read
Advance Information
The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT1320 and CAT1321 sends the inital 8-bit byte requested, the Master will responds with an acknowledge which tells the device it requires more data. The CAT1320 and CAT1321 will continue to output an 8-bit byte for each acknowledge, thus sending the STOP condition. The data being transmitted from the CAT1320 and CAT1321 is sent sequentially with the data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT1320 and CAT1321 address bits so that the entire memory array can be read during one operation.
Figure 11. Selective Read Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0
S T A R T S
SLAVE ADDRESS
DATA
S T O P P
****
A C K A C K A C K
A C K
N O A C K
*=Don't Care Bit
Figure 12. Sequential Read Timing
BUS ACTIVITY: MASTER SDA LINE A C K A C K A C K A C K N O A C K SLAVE ADDRESS DATA n DATA n+1 DATA n+2 DATA n+x S T O P P
Doc. No. 25085, Rev. 00
12
Advance Information
CAT1320, CAT1321
PACKAGE OUTLINES 8-LEAD PDIP (P, L)
0.245 (6.17) 0.295 (7.49)
D
0.120 (3.05) 0.150 (3.81) 0.180 (4.57) MAX
0.300 (7.62) 0.325 (8.26)
0.015 (0.38) -- 0.100 (2.54) BSC 0.045 (1.14) 0.060 (1.52) 0.014 (0.36) 0.022 (0.56)
0.110 (2.79) 0.150 (3.81) 0.310 (7.87) 0.380 (9.65)
Dimension D Pkg 8L Min 0.355 (9.02) Max 0.400 (10.16)
Notes: 1. Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent. 2. All linear dimensions are in inches and parenthetically in millimeters.
13
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Advance Information
PACKAGE OUTLINES 8-LEAD SOIC (J, W)
0.1497 (3.80) 0.2284 (5.80) 0.1574 (4.00) 0.2440 (6.20)
0.1890 (4.80) 0.1968 (5.00) 0.0532 (1.35) 0.0688 (1.75) 0.050 (1.27) BSC 0.013 (0.33) 0.020 (0.51)
0.0040 (0.10) 0.0098 (0.25)
0.0099 (0.25) x 46 0.0196 (0.50) 0.0075 (0.19) 0.0098 (0.25) 0 - 8 0.016 (0.40) 0.050 (1.27)
Dimension D Pkg 8L Min 0.1890(4.80) Max 0.1968(5.00)
Notes: 1. Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent. 2. All linear dimensions are in inches and parenthetically in millimeters. 3. Lead coplanarity is 0.004" (0.102mm) maximum.
Doc. No. 25085, Rev. 00
14
Advance Information
CAT1320, CAT1321
PACKAGE OUTLINES 8-LEAD TSSOP (U, Y)
15
Doc No. 25085, Rev. 00
CAT1320, CAT1321
Advance Information
PACKAGE OUTLINES 8-PAD TDFN 4.9X3MM PACKAGE (RD2, ZD2)
8 5 A B 5 8
4.90 + 0.10 (5)
3.00 + 0.15
2.00 + 0.15
0.10
0.15 0.20
0.60 + 0.10 (8X)
2x
PIN 1 ID
d 0.15 c 1 PIN 1 INDEX AREA 3.00 + 0.10 (S) 4
2x d 0.15 c
4 0.30 + 0.05 (8X) 8x j 0.10m C A B
1 0.65 TYP. (6x) 1.95 REF. (2x) 0.75 + 0.05
f 0.10 c 8x d 0.08 c C 0.20 REF.
NOTE: 1. ALL DIMENSION ARE IN mm. ANGLES IN DEGREES. 2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. COPLANARITY SHALL NOT EXCEED 0.08mm. 3. WARPAGE SHALL NOT EXCEED 0.10mm. 4. PACKAGE LENGTH / PACKAGE WIDTH ARE CONSIDERED AS SPECIAL CHARACTERISTIC(S). 5. REFER TO JEDEC MO-229, FOOTPRINTS ARE COMPATIBLE TO 8 MSOP. 0.0-0.05
Doc. No. 25085, Rev. 00
16
0.25
Advance Information
CAT1320, CAT1321
Ordering Information
Prefix CAT Device # 1320 Suffix J I -30 TE13
Optional Company ID
Product Number 1320: 32K 1321: 32K
Temperature Range I = Industrial (-40C to 85C)
Tape & Reel TE13: 2000/Reel SOIC: 2000/Reel TSSOP: 2000/Reel TDFN: 2000/Reel Reset Threshold Voltage 45: 4.5-4.75V 42: 4.25-4.5V 30: 3.0-3.15V 28: 2.85-3.0V 25: 2.55-2.7V
Package P: PDIP J: SOIC U: TSSOP RD2: 8-pad TDFN (4.9mmx3mm) L: PDIP (Lead free, Halogen free) W: SOIC, JEDEC (Lead free, Halogen free) Y: TSSOP (Lead free, Halogen free) ZD2: TDFN 4.9x3mm (Lead free, Halogen free)
Note: (1) The device used in the above example is a CAT1320JI-30TE13 (Supervisory circuit with I2C serial 32k CMOS EEPROM, SOIC, Industrial Temperature, 3.0-3.15V Reset Threshold Voltage, Tape and Reel).
17
Doc No. 25085, Rev. 00
REVISION HISTORY
Date 1/25/2005 Rev. 00 Reason Initial issue
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION and SPECIFICALLY DISCLAIMS ANY and ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.catalyst-semiconductor.com
Publication #: Revison: Issue date:
25085 00 1/25/05


▲Up To Search▲   

 
Price & Availability of CAT1321ZD2I-45TSSOP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X