Part Number Hot Search : 
Y7C680 25100CT LC66E5 0R299CP 9018G SMCJ26 PC150 842128
Product Description
Full Text Search
 

To Download CAM-B67 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Detach Connectors
CAM-B67, B68
Connectors
FEATURES
1. Due to these connectors, the front panel can be removed or mounted for preventing the car audio from being stolen. They are also suitable for connecting the circuit between various electronic units. 2. These connectors can absorb a fitting play by setting the fitting port size. 3. Since each socket connector can directly be mounted to the main PCB of the set, VA of the set is possible. A metallic cover is mounted for preventing static electricity.
CAM-B67(Plug) CAM-B68(Socket)
HOW TO ORDER
1. CAM-B67 (Plug) 2. CAM-B68 (Socket)
B67-015-02 0-A G G A A
1 2 3 4 5 6 7 89 1 Series No. (B67) 2 No. of contacts (015 : 15pins) 3 Housing Material (02 : PBT resin) 4 UL grade of housing (0 : UL94V-0) 5 Contact plating (A : Gold) 6 Contact pin plating thickness (G : 0.3m) 7 Contact pin lead profile (G : Angle SMT) 8 Attachment on connector fitting side (A : None) 9 Attachment on connector PCB side (A : None)
B68-015-02 0-A G B A G
1 2 3 4 5 6 7 89 1 Series No. (B68) 2 No. of contacts (015 : 15pins) 3 Housing Material (02 : PBT resin) 4 UL grade of housing (0 : UL94V-0) 5 Contact plating (A : Gold) 6 Contact pin plating thickness (G : 0.3m) 7 Contact pin lead profile (B : Angle) 8 Attachment on connector fitting side (A : None) 9 Attachment on connector PCB side (A : Guide pin)
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS Rated Voltage Rated Current Withstanding Voltage Insulation Resistance Contact Resistance 14V DC 1A 500V AC (rms) 1minute 100M min. (at 500V DC) 70m max.
MITSUMI
Detach Connectors
MECHANICAL CHARACTERISTICS Life (Matching Cycle) Total Insertion Force Using Temperature Range 10,000 times 14.7N (1.5kgf ) max. -30~+85C
*Contact : 15 pins
MATERIAL & FINISH
Component Parts Housing CAM-B67 Contact Housing Contact CAM-B68 Cover Guide Pin Material Glass filled PBT resin Copper Alloy Glass filled PBT resin Copper Alloy Copper Alloy Copper Alloy Copper Alloy Finish ---- Gold plating ---- Gold plating Tin reflow plating Black nickel plating Gold flash plating
DIMENSIONS
CAM-B67
CAM-B68
Unit : mm


▲Up To Search▲   

 
Price & Availability of CAM-B67

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X