Part Number Hot Search : 
M54HC112 SM8S15 M3005 DL4756 TFS400H 0100A 30010 23100
Product Description
Full Text Search
 

To Download C9118-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTODIODE
Driver circuit for photodiode array with amplifier
C9118 series
Compact, easy-to-use driver circuit
C9118 series CMOS driver circuit is designed for S8865 series photodiode array with amplifier. C9118 series operates a linear image sensor by just inputting two signals (M-CLK and M-RESET) and a signal +5 V supply. C9118 series is assembled on a compact board measuring 48 x 56 mm and allows downsizing of the measurement equipment. C9118 is intended for single use or parallel connections, while C9118-01 is suitable for cascade connections. C9118 series does not include S8865 series photodiode array with amplifier, so select the desired photodiode array and order it separately.
Features
Applications
l Single power supply (+5 V) operation l Operation with two input signals (M-CLK and M-RESET) l Compact: 48 x 56 mm l Assembled with low profile components
l Various types of image acquisition l Optical detection equipment
s Absolute maximum ratings (Ta=25 C)
Parameter Supply voltage Digital input voltage Operating temperature Storage temperature *1: No condensation Symbol Vcc Topr Tstg Value +7 V 0 to 50 *1 0 to 70 *1 Unit V V C C
s Specifications (Ta=25 C)
Parameter Rated voltage Current consumption High level Digital input Low level M-RESET pulse width (Low level) M-CLK frequency Digital rise/fall times Data rate Offset output VIDEO saturation output *2 *2: From offset value. Symbol +Is VIH VIL TpwstRESET1 fCLK tTLH/ tTHL fV Voffset Vast Min. 4.9 2.0 0 10 40 1 Typ. 5.0 65 20 0.5 4.0 Max. 5.2 75 V 0.8 4000 30 1000 Unit V mA V V s kHz ns kHz V V
PRELIMINARY DATA Jan. 2003
1
Driver circuit for photodiode array with amplifier
s Block diagram
+Vcc S8865 SERIES +Vcc SW1 CN1 CLK RESET Trig EOS EXTSP Vms Vg Vdd GND Video Vref Vp 1 2 1: TOP 2: END +Vcc CN2 M-CLK M-RESET TRIGGER L-EOS IN-START GAIN +5 V GND VIDEO GND CN3 M-CLK M-RESET TRIGGER L-EOS EXTSP2 GAIN +5 V GND VIDEO GND C9118-01 ONLY
KACCC0187EA
C9118 series
CONTROLLER
+Vcc
+Vp
VR1 +Vcc
SW2
+
+ + +Vcc REF
+Vp
+
s Timing chart
Timing chart of first stage sensor when used singly or in cascade connection 1 M-CLK M-RESET TRIGGER L-EOS VIDEO Last stage sensor signal is output when used in cascade connection. Timing chart of second and subsequent stage sensors when used in cascade connection M-CLK M-RESET IN-START VIDEO signal is output right after EXTSP2 signal input from previous stage TRIGGER L-EOS VIDEO Last stage sensor signal is output when used in cascade connection
KACCC0188EA
2
3
14 15 16 17 18 19 20
2
Driver circuit for photodiode array with amplifier
s Connection examples Single or parallel readout example (C9118)
Simultaneous integration/output (effective for high-speed processing)
S8865 SERIES C9118 CN2 SCAN DIRECTION S8865 SERIES S8865 SERIES EXTERNAL CONTROLLER EXTERNAL CONTROLLER
C9118 series
Cascade readout example (C9118-01)
Simultaneous integration/serial output (Simplifies external processing circuit)
S8865 SERIES C9118-01 CN2 CN3 EXTERNAL CONTROLLER
ACCESSORY CABLE C9118-01 CN2 CN3
C9118 CN2
SCAN DIRECTION S8865 SERIES S8865 SERIES EXTERNAL CONTROLLER
C9118 CN2
C9118-01 CN2 CN3
SCAN DIRECTION
SCAN DIRECTION
KACCC0189EA
KACCC0190EA
s Dimensional outline (unit: mm)
56 25 3 2 38 2 4 x (2 x) R1.2
SCAN DIRECTION
CN1
1
CN2
51.2
42
CN3
12
6
8
32
8
CN3 is installed only for C9118-01.
Component mounting height: 3.6 mm
3.6
2.5
2.5
s Accessory
* Connectorized cable This cable is for hooking up an external unit (power supply, pulse generator, etc.) to the CN2 connector of C9118 driver circuit. Pin No. and cable color coding are shown in the table at the right. Connector: DF-13-10S-1.25C (Hirose Electric) Terminal: DF13-2630SCFA (gold plating) Cable: Conforms to UL1007 AWG28. Pin connection (CN2) Pin No. Color Brown Red Orange Yellow Green
1.6
48
KACCA0124EA
Pin No.
Color Blue Purple Gray White Black
100 mm
KACCC0198EA
3
Driver circuit for photodiode array with amplifier
s Pin assignment of I/O connector

C9118 series
For connection to S8865 photodiode array Connector type: 801-93-012-20-001 PRECI-DIP (made by DURTAL) or equivalent
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Terminal Name RESET CLK Trig EXTST Vms Vdd GND EOS Video Vref Vgain Vpd I/O O O I O O O I I O O O Description Sensor scan start signal. Pulse width at High level nearly equals sensor integration time. Sensor scan sync signal. Sensor starts scanning in synchronization with this signal. For A/D conversion timing signals. Positive logic High level at first stage during parallel or serial readout. At second and subsequent stages during serial readout, this outputs the EOS pulse of preceding stage. High level at first stage during parallel or serial readout. At second and subsequent stages, this sets to Low level. Sensor supply voltage Sensor GND EOS (end of scan) signal of sensor. Negative logic Video output signal. Positive polarity Reference voltage Sensor gain switching H: high gain, L: low gain Photodiode voltage
Used to connect the first stage to an external I/O during parallel readout or serial readout For the second and subsequent stages during serial readout, CN2 is used to connect to CN3 at preceding stage. Note 1) CN3 is installed only for C9118-01 (for serial readout). Connector type: DF13-10P-1.25H (50) (made by Hirose Electric) Pin No. Terminal Name I/O Description Sensor scan start signal. Pulse width at High level nearly equals sensor integration 1 M-RESET I time. Sensor scan sync signal. Sensor and circuit start operating in synchronization with this 2 M-CLK I signal. 3 TRIGGER O For A/D conversion timing signals. Positive logic 4 L-EOS O EOS (end of scan) signal of all sensors during parallel or serial readout. Negative logic NC (no connection) at first stage during parallel or serial readout. At second and 5 IN-START I subsequent stages during serial readout, this receives the EOS pulse of preceding stage. 6 GAIN I External setting for sensor gain H: high gain, L: low gain 7 GND Circuit GND 8 +5 V I +5 V power supply 9 VIDEO O Video output signal. Positive polarity 10 A.GND O Video GND
4
Driver circuit for photodiode array with amplifier
C9118 series
Used to connect to CN2 at next stage during serial readout. (CN3 is installed only for C9118-01.) Note 2) CN3 is installed only for serial readout. Note 3) Pin No. 1 to 4 and 6 to 10 connect to the same pin No. of CN2 as common lines. Connector type: DF13-11P-1.25H (50) (made by Hirose Electric) Pin No. Terminal Name I/O Description Sensor scan start signal. Pulse width at High level nearly equals sensor integration 1 M-RESET I time. 2 M-CLK I Sensor scan sync signal. Sensor starts scanning in synchronization with this signal. 3 TRIGGER O For A/D conversion timing signals. Positive logic 4 L-EOS O EOS (end of scan) signal of all sensors during parallel or serial readout. Negative logic 5 EXTSP2 O Video signal scan start signal at second stage during serial readout. Negative logic 6 GAIN I External setting for sensor gain H: high gain, L: low gain 7 GND Circuit GND 8 +5 V I +5 V power supply 9 VIDEO O Video output signal. Positive polarity 10 A.GND O Video GND 11 NC No connection
s Parallel readout and serial readout settings
ON
1
2
3
4
Set SW1 and SW2 to OFF as shown at left. (SW3 and SW4 have no connection)
ON
1
2
3
4
Set SW1 to OFF and SW2 to ON as shown at left. (SW3 and SW4 have no connection)
ON
1
2
3
4
Set SW1 and SW2 to ON as shown at left. (SW3 and SW4 have no connection)
ON
1
2
3
4
Set SW1 to ON and SW2 to OFF as shown at left. (SW3 and SW4 have no connection)
KACCC0191EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2003 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Cat. No. KACC1087E02 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Jul. 2003 DN
5


▲Up To Search▲   

 
Price & Availability of C9118-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X