Part Number Hot Search : 
74AC24 TR300 LP295 B9422 CGRC507 MM1100 6ESRFC3 1N5248
Product Description
Full Text Search
 

To Download C8051F122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F122
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
High-Speed 8051 C Core
-
-
1 LSB INL; no missing codes Programmable throughput up to 100 ksps 8 external inputs; programmable as single-ended or differential programmable amplifier gain: 16, 8, 4, 2, 1, 0.5 Data-dependent windowed interrupt generator Built-in temperature sensor (3 C) 1 LSB INL; no missing codes Programmable throughput up to 500 ksps 8 external inputs Programmable amplifier gain: 4, 2, 1, 0.5 Can synchronize outputs to timers for jitter-free waveform generation
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 100 MIPS throughput with 100 MHz system clock 16 x 16 multiply/accumulate engine (2-cycle) 8448 bytes data RAM 128 kB Flash; in-system programmable in 1024-byte sectors (1024 bytes are reserved) External parallel data memory interface 64 port I/O; all are 5 V tolerant Hardware SMBusTM (I2CTM compatible), SPITM, and two UART serial ports available concurrently Programmable 16-bit counter/timer array with six capture/compare modules 5 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Real-time clock mode using Timer 3 or PCA Internal oscillator: 24.5 MHz, 2% accuracy supports UART operation On-chip programmable PLL: up to 100 MHz External oscillator: Crystal, RC, C, or Clock Typical operating current: 50 mA at 100 MHz Typical stop mode current: 0.4 uA
Memory
8-Bit ADC
Digital Peripherals
Two 12-Bit DACs Two Comparators Internal Voltage Reference VDD Monitor/Brown-out Detector
On-Chip JTAG Debug & Boundary Scan
-
On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) Provides breakpoints, single stepping, watchpoints, stack monitor Inspect/modify memory and registers Superior performance to emulation systems using ICE-chips, target pods, and sockets IEEE1149.1 compliant boundary scan
Clock Sources
Supply Voltage: 3.0 to 3.6 V
100-Pin TQFP Temperature Range: -40 to +85 C
VDD VDD VDD DGND DGND DGND AV+ AV+ AGND AGND TCK TMS TDI TDO /RST
Digital Power
Analog Power
JTAG Logic
Boundary Scan Debug HW
Reset
8 0 5 1 C o r e
SFR Bus
256 Byte Branch Target Buffer Prefetch HW
32
UART0 UART1 SMBus SPI Bus 6 Chnl PCA Timers 0, 1, 2, 4 Timer 3 P0, P1, P2, P3 Latches
P0 Drv
P0.0 P0.7
8
MONEN
VDD Monitor External Oscillator Circuit Internal 2% Oscillator
WDT
128 kB FLASH 256 byte RAM 8 kB XRAM External Data Memory Bus
C R O S S B A R
P1 Drv
P1.0/AIN1.0 P1.7/AIN1.7
P2 Drv
P2.0 P2.7
P3 Drv
P3.0 P3.7
XTAL1 XTAL2
System Clock
VREF1
N/M PLL
VREF DAC1 (12-Bit) DAC0 (12-Bit)
ADC 500 ksps (8-Bit)
Prog Gain
VREF VREFD DAC1
A M U X
8:1
P4.0
Bus Control
DAC0 VREF0 AIN0.0 AIN0.1 AIN0.2 AIN0.3 AIN0.4 AIN0.5 AIN0.6 AIN0.7 CP0+ CP0CP1+ CP1-
16 x 16 Mult/Acc (2-cycle)
Address Bus
C T L
P4 Latch
P4 DRV
P4.4 P4.5/ALE P4.6/RD P4.7/WR P5.0/A8 P5.7/A15 P6.0/A0 P6.7/A7 P7.0/D0 P7.7/D7
A M U X
Prog Gain
ADC 100 ksps (10-Bit)
A d d r D a t a
P5 Latch P6 Latch
P5 DRV P6 DRV
TEMP SENSOR
Data Bus
P7 Latch
CP0 CP1
P7 DRV
Precision Mixed Signal
Copyright (c) 2004 by Silicon Laboratories
10.6.2004
C8051F122
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 3.0 V unless otherwise specified)
PARAMETER CONDITIONS GLOBAL CHARACTERISTICS Supply Voltage Supply Current Clock = 100 MHz (CPU active) Clock = 1 MHz Clock = 32 kHz Supply Current Oscillator off; VDD Monitor Enabled (shutdown) Oscillator off; VDD Monitor Disabled Clock Frequency Range INTERNAL CLOCKS Oscillator Frequency PLL Frequency A/D CONVERTER Resolution Integral Nonlinearity Differential Nonlinearity Guaranteed Monotonic Signal-to-Noise Plus Distortion Throughput Rate D/A CONVERTERS Resolution Differential Nonlinearity Guaranteed Monotonic Output Settling Time
MIN 3.0
TYP
MAX 3.6
UNITS V mA mA A A A MHz MHz MHz bits LSB LSB dB ksps bits LSB S
50 0.6 16 10 0.4 DC 24.0 96 24.5 98 10 1 1 59 100 12 1 10 100 25.0 100
Package Information
D D1
C8051F120DK Development Kit
MIN NOM MAX (mm) (mm) (mm) A 1.20 0.15
A1 0.05
A2 0.95 1.00 1.05 b D
E1 E
0.17 0.22 0.27 16.00 14.00 0.50 16.00 14.00 -
D1 e E E1
100 PIN 1 DESIGNATOR
1 e A b A1
A2
Precision Mixed Signal
Copyright (c) 2004 by Silicon Laboratories
10.6.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X