Part Number Hot Search : 
DTRPBF M38510 P75N06 SDR4430 EL5364IS BPC350 2SPBF 15045
Product Description
Full Text Search
 

To Download C8051F022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F022
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
High-Speed 8051 C Core
-
-
1 LSB INL; no missing codes Programmable throughput up to 100 ksps 8 external inputs; programmable as single-ended or differential Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5 Data-dependent windowed interrupt generator Built-in temperature sensor (3 C) 1 LSB INL; no missing codes Programmable throughput up to 500 ksps 8 external inputs Programmable amplifier gain: 4, 2, 1, 0.5 Can synchronize outputs to timers for jitter-free waveform generation
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 25 MIPS throughput with 25 MHz system clock 22 vectored interrupt sources 4352 bytes data RAM 64 kB Flash; in-system programmable in 512-byte sectors (512 bytes are reserved) External parallel data memory interface 64 port I/O; all are 5 V tolerant Hardware SMBusTM (I2CTM compatible), SPITM, and two UART serial ports available concurrently Programmable 16-bit counter/timer array with 5 capture/compare modules 5 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Real-time clock mode using Timer 3 or PCA Internal programmable oscillator: 2-16 MHz External oscillator: Crystal, RC, C, or Clock Can switch between clock sources on-the-fly Typical operating current: 10 mA at 25 MHz Multiple power saving sleep and shutdown modes
Memory
8-Bit ADC
Digital Peripherals
Two 12-Bit DACs Two Comparators Internal Voltage Reference VDD Monitor/Brown-out Detector
On-Chip JTAG Debug & Boundary Scan
-
On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) Provides breakpoints, single stepping, watchpoints, stack monitor Inspect/modify memory and registers Superior performance to emulation systems using ICE-chips, target pods, and sockets IEEE1149.1 compliant boundary scan
Clock Sources
Supply Voltage: 2.7 to 3.6 V
100-Pin TQFP Temperature Range: -40 to +85 C
VDD VDD VDD DGND DGND DGND AV+ AV+ AGND AGND TCK TMS TDI TDO RST
Digital Power
Port I/O Config.
Analog Power
JTAG Logic
Boundary Scan Debug HW
Reset
8 0 5 1 C o r e
UART0 UART1 SMBus SPI Bus PCA
P0 Drv
P0.0 P0.7
SFR Bus
64 kB FLASH 256 Byte RAM 4 kB RAM External Data Memory Bus
Timers 0, 1, 2, 4 Timer 3/ RTC P0, P1, P2, P3 Latches Crossbar Config.
ADC 500 ksps (8-Bit)
MONEN
VDD Monitor External Oscillator Circuit Internal Oscillator
WDT
C R O S S B A R
P1 Drv
P1.0/AIN1.0 P1.7/AIN1.7
P2 Drv
P2.0 P2.7
P3 Drv
P3.0 P3.7
XTAL1 XTAL2
System Clock
VREF1
Prog Gain
VREF VREFD DAC1
VREF DAC1 (12-Bit) DAC0 (12-Bit)
A M U X
8:1
P4.0
Bus Control
DAC0 VREF0 AIN0.0 AIN0.1 AIN0.2 AIN0.3 AIN0.4 AIN0.5 AIN0.6 AIN0.7 CP0+ CP0CP1+ CP1-
C T L
P4 Latch
P4 DRV
P4.4 P4.5/ALE P4.6/RD P4.7/WR P5.0/A0 P5.7/A7 P6.0/A8 P6.7/A15
A M U X
Prog Gain
ADC 100 ksps (10-Bit)
Address Bus
A d d r D a t a
P5 Latch P6 Latch
P5 DRV P6 DRV
TEMP SENSOR
Data Bus
P7 Latch
CP0 CP1
P7 DRV
P7.0/D0 P7.7/D7
Precision Mixed Signal
Copyright (c) 2004 by Silicon Laboratories
6.15.2004
C8051F022
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 2.7 V unless otherwise specified)
PARAMETER CONDITIONS GLOBAL CHARACTERISTICS Digital Supply Voltage Digital Supply Current Clock = 25 MHz with CPU active Clock = 1 MHz (VDD = 2.7 V) Clock = 32 kHz; VDD Monitor Disabled Digital Supply Current Oscillator not running; VDD Monitor (shutdown) Enabled Oscillator not running; VDD Monitor Disabled Digital Supply RAM Data Retention Voltage CPU & DIGITAL I/O PORTS Clock Frequency Range Port Output High Voltage IOH = -3 mA, Port I/O push-pull Port Output Low Voltage IOL = 8.5 mA Input High Voltage Input Low Voltage A/D CONVERTER Resolution Integral Nonlinearity Differential Nonlinearity Guaranteed Monotonic Signal-to-Noise Plus Distortion Throughput Rate Input Voltage Range COMPARATORS Response Time | (CP+) - (CP-) | = 100 mV Input Voltage Range Input Bias Current Input Offset Voltage MIN 2.7 10 0.8 20 10 0.1 1.5 DC VDD - 0.7 0.7 x VDD 0.3 x VDD 10 1 1 59 0 4 -0.25 -5 -10 0.001 VDD + 0.25 +5 +10 100 VREF 25 0.6 TYP MAX 3.6 UNITS V mA mA A A A V MHz V V V V bits LSB LSB dB ksps V s V nA mV
Package Information
D D1
C8051F020DK Development Kit
MIN NOM MAX (mm) (mm) (mm) A 1.20 0.15
A1 0.05
A2 0.95 1.00 1.05 b D
E1 E
0.17 0.22 0.27 16.00 14.00 0.50 16.00 14.00 -
D1 e E E1
100 PIN 1 DESIGNATOR
1 e A b A1
A2
Precision Mixed Signal
Copyright (c) 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X