Part Number Hot Search : 
1PMT4107 LUR81D PM7205 1H330 NJM2527 LTC4352 KSC3502E 100FC
Product Description
Full Text Search
 

To Download C8051F018-GQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F018
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
High-Speed 8051 C Core
-
-
1 LSB INL; no missing codes Programmable throughput up to 100 ksps 8 external inputs; programmable as single-ended or differential Data-dependent windowed interrupt generator Built-in temperature sensor (3 C) 16 programmable hysteresis values Configurable to generate interrupts or reset
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 25 MIPS throughput with 25 MHz system clock Expanded interrupt handler 1280 bytes data RAM 16 kB Flash; in system programmamble in 512-byte sectors (512 bytes are reserved) 32 port I/O; all are 5 V tolerant Hardware SMBusTM (I2CTM compatible), SPITM, and UART serial ports available concurrently Programmable 16-bit counter/timer array with five capture/compare modules 4 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Internal programmable oscillator: 2-16 MHz External oscillator: Crystal, RC, C, or Clock Can switch between clock sources on-the-fly 64-pin TQFP (standard lead and lead-free packages) Lead-free package: C8051F018-GQ Standard package: C8051F018
Memory
Two Comparators
Internal Voltage Reference VDD Monitor/Brown-out Detector
Digital Peripherals
On-Chip JTAG Debug & Boundary Scan
-
On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) Provides breakpoints, single stepping, watchpoints, stack monitor Inspect/modify memory and registers Superior performance to emulation systems using ICE-chips, target pods, and sockets IEEE1149.1 compliant boundary scan Typical operating current: 12.5 mA at 25 MHz Multiple power saving sleep and shutdown modes
Clock Sources
Supply Voltage: 2.8 to 3.6 V Temperature Range: -40 to +85 C
Package Ordering Part Numbers
VDD VDD VDD DGND DGND DGND A V+ A V+ A GND A GND TCK TMS TDI TDO RST
Digital Power
UART SMBus SPI Bus
Analog Power
5-Chnl PCA Boundary Scan Debug HW
Reset
JTAG Logic
VDD Monitor
XTAL1 XTAL2
WDT
8 0 5 1 C o r e
16 kB FLASH 256 Byte RAM 1024 Byte XRAM
Timers 0,1,2 Timer 3 Port 0 Latch Port 1 Latch Port 2 Latch
C R O S S B A R S W I T C H
P 0 D r v P 1 D r v P 2 D r v P 3 D r v
P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7
External Oscillator Circuit Internal Oscillator
System Clock
SFR Bus
Port 3 Latch
VREF
VREF
AIN0.0 AIN0.1 AIN0.2 AIN0.3 AIN0.4 AIN0.5 AIN0.6 AIN0.7 CP0+ CP0CP1+ CP1-
A M U X
TEMP SENSOR
ADC 100 ksps (10-Bit)
NC NC
CP0 CP1
Precision Mixed Signal
Copyright (c) 2005 by Silicon Laboratories
5.5.2005
C8051F018
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 2.8 V unless otherwise specified)
PARAMETER CONDITIONS GLOBAL CHARACTERISTICS Supply Voltage Supply Current Clock = 25 MHz (CPU active) Clock = 1 MHz Clock = 32 kHz Supply Current Oscillator not running (shutdown) Clock Frequency Range A/D CONVERTER Resolution Integral Nonlinearity Differential Nonlinearity Guaranteed Monotonic Signal-to-Noise Plus Distortion Throughput Rate Input Voltage Range COMPARATORS Supply Current (each Comparator) Response Time | (CP+) - (CP-) | = 100 mV MIN 2.8 12.5 0.5 20 10 DC 10 1/2 1/2 61 25 1 1 100 VREF 1.3 4 TYP MAX 3.6 UNITS V mA mA A A MHz bits LSB LSB dB ksps V A s
59 0
Package Information
D D1
C8051F005DK Development Kit
MIN NOM MAX (mm) (mm) (mm)
A
-
-
1.20 0.15 1.05
A1 0.05
E1 E
A2 0.95 b
0.17 0.22 0.27 12.00 10.00 0.50 12.00 10.00 -
64 PIN 1 DESIGNATOR 1 A2 e A b A1
D D1 e E E1
Precision Mixed Signal
Copyright (c) 2005 by Silicon Laboratories
5.5.2005
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F018-GQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X