Part Number Hot Search : 
E003750 02228 121002 SL611 00050 2N1768 1200224 BA340
Product Description
Full Text Search
 

To Download C67078-A4404-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUP 401
IGBT Preliminary data * Low forward voltage drop * High switching speed * Low tail current * Latch-up free * Avalanche rated Pin 1 G Type BUP 401 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 600 600 Unit V Pin 2 C Ordering Code C67078-A4404-A2 Pin 3 E
VCE
600V
IC
29A
Package TO-220 AB
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 29 18
TC = 25 C TC = 90 C
Pulsed collector current, tp = 1 ms
ICpuls
56 34
TC = 25 C TC = 90 C
Avalanche energy, single pulse
EAS
24
mJ
IC = 15 A, VCC = 50 V, RGE = 25 L = 200 H, Tj = 25 C
Power dissipation
Ptot
125
W -55 ... + 150 -55 ... + 150 C
TC = 25 C
Chip or operating temperature Storage temperature
Tj Tstg
Semiconductor Group
1
Jul-31-1996
BUP 401
Maximum Ratings Parameter DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal Resistance Thermal resistance, chip case Symbol Values E 55 / 150 / 56 Unit -
RthJC
1
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.1 2.2 3 3.3 6.5 2.7 2.8 -
V
VGE = VCE, IC = 0.35 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 15 A, Tj = 25 C VGE = 15 V, IC = 15 A, Tj = 125 C VGE = 15 V, IC = 30 A, Tj = 25 C VGE = 15 V, IC = 30 A, Tj = 125 C
Zero gate voltage collector current
ICES
100
A nA 100
VCE = 600 V, VGE = 0 V, Tj = 25 C
Gate-emitter leakage current
IGES
VGE = 25 V, VCE = 0 V
AC Characteristics Transconductance
gfs
3 800 85 52 -
S pF 1100 130 80
VCE = 20 V, IC = 15 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Jul-31-1996
BUP 401
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time td(on) Values typ. max. Unit
ns 40 60
VCC = 300 V, VGE = 15 V, IC = 15 A RGon = 68
Rise time -
tr
60 90
VCC = 300 V, VGE = 15 V, IC = 15 A RGon = 68
Turn-off delay time
td(off)
250 470
VCC = 300 V, VGE = -15 V, IC = 15 A RGoff = 68
Fall time
tf
500 680
VCC = 300 V, VGE = -15 V, IC = 15 A RGoff = 68
Semiconductor Group
3
Jul-31-1996
BUP 401
Power dissipation Ptot = (TC) parameter: Tj 150 C
130 W 110
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
30 A 26
Ptot
100 90
IC
24 22 20
80 70 60 50 40 30
18 16 14 12 10 8 6
20 10 0 0 20 40 60 80 100 120 C 160
4 2 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 2
t = 21.0s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
IGBT
K/W A
IC
100 s
ZthJC
10 1
10 0
10 -1 D = 0.50
1 ms
0.20 0.10 10 -2 0.05 0.02
10 0
10 ms
single pulse DC 10 -1 0 10
1 2 3
0.01
10
10
V 10
10 -3 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
VCE
tp
Semiconductor Group
4
Jul-31-1996
BUP 401
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 s, Tj = 25 C
30 A 26 17V 15V 13V 11V 9V 7V
IC = f (VCE)
parameter: tp = 80 s, Tj = 125 C
30 A 26 17V 15V 13V 11V 9V 7V
IC
24 22 20 18 16 14 12 10 8 6 4 2 0 0
IC
24 22 20 18 16 14 12 10 8 6 4 2 0 0
1
2
3
V
5
1
2
3
V
5
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 s, VCE = 20 V
30 A 26
IC
24 22 20 18 16 14 12 10 8 6 4 2 0 0
2
4
6
8
10
V 14 VGE
Semiconductor Group
5
Jul-31-1996
BUP 401
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 68
10 3
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, IC = 15 A
10 3
tf t t ns tdoff ns
tf tdoff
10 2
tr
10 2
tr tdon
tdon
10 1 0
5
10
15
20
25
30
A IC
40
10 1 0
20
40
60
80 100 120 140 160
RG
200
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 68
3.0
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 300V, VGE = 15 V, IC = 15 A
3.0
mWs E
Eoff E
mWs
2.0
Eon 2.0
1.5
1.5 Eoff Eon
1.0
1.0
0.5
0.5
0.0 0 5 10 15 20 25 30 A IC 40
0.0 0 20 40 60 80 100 120 140 160
RG
200
Semiconductor Group
6
Jul-31-1996
BUP 401
Typ. gate charge VGE = (QGate) parameter: IC puls = 15 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 1
nF
VGE
16 14 12 10 8
C
100 V
300 V
10 0 Ciss
10 -1 6 4 2 0 0 10 -2 0 Coss Crss
10
20
30
40
50
60
70
nC
90
5
10
15
20
25
30
Q Gate
V 40 VCE
Short circuit safe operating area
Reverse biased safe operating area
ICsc = f (VCE) , Tj = 150C parameter: VGE = 15 V, tsc 10 s, L < 50 nH
10
ICpuls = f (VCE) , Tj = 150C parameter: VGE = 15 V
2.5
I Csc/I C(90C)
I Cpuls/I C
6
1.5
4
1.0
2
0.5
0 0 100 200 300 400 500 600 V 800 VCE
0.0 0 100 200 300 400 500 600 V 800 VCE
Semiconductor Group
7
Jul-31-1996
BUP 401
Package Outlines Dimensions in mm Weight:
Semiconductor Group
8
Jul-31-1996


▲Up To Search▲   

 
Price & Availability of C67078-A4404-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X