Part Number Hot Search : 
TND020 3296Y503 TND020 SST25VF0 XZMR65WA OP470 1EJHS1 TDA5737
Product Description
Full Text Search
 

To Download C67040-A4424-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUP 410
IGBT Preliminary data * Low forward voltage drop * High switching speed * Low tail current * Latch-up free * Avalanche rated Pin 1 G Type BUP 410 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 600 600 Unit V Pin 2 C Ordering Code C67040-A4424-A2 Pin 3 E
VCE
600V
IC
13A
Package TO-220 AB
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 13 8
TC = 25 C TC = 90 C
Pulsed collector current, tp = 1 ms
ICpuls
26 16
TC = 25 C TC = 90 C
Avalanche energy, single pulse
EAS
9
mJ
IC = 6 A, VCC = 50 V, RGE = 25 L = 500 H, Tj = 25 C
Power dissipation
Ptot
50
W -55 ... + 150 -55 ... + 150 C
TC = 25 C
Chip or operating temperature Storage temperature
Tj Tstg
Semiconductor Group
1
Jul-31-1996
BUP 410
Maximum Ratings Parameter DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal Resistance Thermal resistance, chip case Symbol Values E 55 / 150 / 56 Unit -
RthJC
2.5
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.1 2.2 3 3.3 6.5 2.8 2.9 -
V
VGE = VCE, IC = 0.2 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 6 A, Tj = 25 C VGE = 15 V, IC = 6 A, Tj = 125 C VGE = 15 V, IC = 12 A, Tj = 25 C VGE = 15 V, IC = 12 A, Tj = 125 C
Zero gate voltage collector current
ICES
20
A nA 100
VCE = 600 V, VGE = 0 V, Tj = 25 C
Gate-emitter leakage current
IGES
VGE = 25 V, VCE = 0 V
AC Characteristics Transconductance
gfs
2 320 40 25 -
S pF 430 60 40
VCE = 20 V, IC = 6 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Jul-31-1996
BUP 410
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time td(on) Values typ. max. Unit
ns 20 35
VCC = 300 V, VGE = 15 V, IC = 6 A RGon = 100
Rise time -
tr
45 70
VCC = 300 V, VGE = 15 V, IC = 6 A RGon = 100
Turn-off delay time
td(off)
175 240
VCC = 300 V, VGE = -15 V, IC = 6 A RGoff = 100
Fall time
tf
160 220
VCC = 300 V, VGE = -15 V, IC = 6 A RGoff = 100
Semiconductor Group
3
Jul-31-1996
BUP 410
Power dissipation Ptot = (TC) parameter: Tj 150 C
55 W
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
13 A 11
Ptot
45 40 35 30 25 20 15
IC
10 9 8 7 6 5 4 3
10 5 0 0 20 40 60 80 100 120 C 160
2 1 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 2
t = 1.4s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
IGBT
A
K/W
IC
10 1
10 s
ZthJC
10 0
100 s
10 0
1 ms
D = 0.50
10 ms
0.20 10 -1 0.10 0.05
10 -1 DC single pulse
0.02 0.01
10 -2 0 10
10
1
10
2
V 10
3
10 -2 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
VCE
tp
Semiconductor Group
4
Jul-31-1996
BUP 410
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 s, Tj = 25 C
12 A 10 17V 15V 13V 11V 9V 7V
IC = f (VCE)
parameter: tp = 80 s, Tj = 125 C
12 A 10 17V 15V 13V 11V 9V 7V
IC
9 8 7 6 5 4 3 2 1 0 0
IC
9 8 7 6 5 4 3 2 1
1
2
3
V
5
0 0
1
2
3
V
5
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 s, VCE = 20 V
12 A 10
IC
9 8 7 6 5 4 3 2 1 0 0 2 4 6 8 10 V 14 VGE
Semiconductor Group
5
Jul-31-1996
BUP 410
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 100
10 3
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, IC = 6 A
10 3
t
t ns
ns
tdoff
tf tdoff 10 2 tr tf 10 2 tr
tdon
tdon
10 1 0
3
6
9
A
15
10 1 0
50
100
150
200
300
IC
RG
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 100
1.0
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 300V, VGE = 15 V, IC = 6 A
0.5
E
mWs
E
mWs Eoff
0.6
Eoff Eon 0.3 Eon
0.4
0.2
0.2
0.1
0.0 0 3 6 9 A 15
0.0
IC
0
50
100
150
200
300
RG
Semiconductor Group
6
Jul-31-1996
BUP 410
Typ. gate charge VGE = (QGate) parameter: IC puls = 6 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 1
nF
VGE
16 14 12 10 8
C
100 V
300 V
10 0
Ciss
10 -1 6 4 2 0 0 10 -2 0
Coss Crss
4
8
12
16
20
26
5
10
15
20
25
30
Q Gate
V 40 VCE
Short circuit safe operating area
Reverse biased safe operating area
ICsc = f (VCE) , Tj = 150C parameter: VGE = 15 V, tsc 10 s, L < 50 nH
10
ICpuls = f (VCE) , Tj = 150C parameter: VGE = 15 V
2.5
I Csc/I C(90C)
I Cpuls/I C
6
1.5
4
1.0
2
0.5
0 0 100 200 300 400 500 600 V 800 VCE
0.0 0 100 200 300 400 500 600 V 800 VCE
Semiconductor Group
7
Jul-31-1996
BUP 410
Package Outlines Dimensions in mm Weight:
Semiconductor Group
8
Jul-31-1996


▲Up To Search▲   

 
Price & Availability of C67040-A4424-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X