Part Number Hot Search : 
E003979 BPC25 TM162 C3241 B55NE06 DLQ5222B B2300 B2300
Product Description
Full Text Search
 

To Download C6386 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULE
Photosensor amplifier
C6386
Light-to-voltage conversion amplifier with optical fiber
Features
Built-in photodiode allows easy detection of light just by connecting to a voltmeter. l Optical fiber light input Measures light at a narrow detection point. Separating the amplifier from the detection point allows measurement in unusual environments and achieves low noise. l Three sensitivity ranges
Applications
l Easy handling
l Optical power meters l Laser monitors l Precision photometry l Various light detection (sparks inside equipment, etc.)
Range Conversion impedance (V/A) Cut-off frequency (MHz) H M L 105 10 103
4
1 3 10
l High-speed response
s Absolute maximum ratings
Parameter Supply voltage Current consumption Output short-circuit time Operating temperature
Symbol Condition Vs Is Dark state Topr No condensation
Value 18 7 Continuous 0 to +40
Unit V mA C
s Recommended operating range
Parameter Supply voltage Symbol Vs
Condition
Min. 6
Typ. -
Max. 15
Unit V
s Specifications (Ta=25 C, Vs=15 V, 9 V using integrated dry batteries)
Parameter Photo sensitivity opening diameter Numerical aperture Photo sensitivity *1 Output resistance Output voltage amplitude Output noise Frequency bandwidth * Battery lifetime H M L Symbol H M L S VFS Vn f Vs=15 V, RL=2 k Vs=9 V, RL=2 k Dark state, all bandwidth -3 dB With dry batteries dark state, RL > 10 k Including batteries =830 nm Measured when light is input to the optical fiber end. Condition Min. +10 +5 DC DC DC -
Typ. 2.0 0.56 30 3 0.3 200 90 460
Max. 10 1 3 10 -
Unit mm mV/W V mVp-p MHz hr g
Weight *1: Refer to spectral response *2: Refer to frequency response
Photosensor amplifier
s Spectral response
100
1.8 V
C6386
s Operation example
H RANGE
10 W L2791 PARALLEL LIGHT
PHOTO SENSITIVITY (mV/ W)
10 M RANGE
300 mm
l=880 nm
FIBER STRAIGHT
C6386 (WITH DRY BATTERIES) RANGE: H
VOLTMETER TYPE NO. : 195A (KEITHLEY) OUTPUT VOLTAGE: 2.0 V
KACCC0029EA
Po=1.3 mW IF=30 mA
1 L RANGE
s Dimensional outlines (unit: mm)
INPUT (1/4-36UNS) OUTPUT (BNC-R) EXTERNAL POWER SUPPLY INPUT
0.1
0.01 300 400 500 600 700 800 900 1000 1100 1200
WAVELENGTH (nm)
KACCB0041EB
s Frequency response
10
6
105
H RANGE
OUTPUT (V/A)
104
M RANGE
PILOT LAMP POWER SUPPLY SWITCH ZERO ADJUSTMENT CONTROL
Rf CHANGE SWITCH
103
L RANGE
114
10 100 kHz
2
1 MHz
10 MHz
100 MHz
39
KACCB0042EB
FREQUENCY
90
(Typ. Ta=25 C)
KACCA0020EA

3.9
SMA TYPE CONNECTOR PVC TUBE (1/4-36UNS) (AWG-9 BLACK)
TIP PART (ALUMINUM ALLOY)
5.0
17 1000
20
2.0
KACCA0057EA
Accessories: Optical fiber (with SMA type connector) Plug for external power supply input HR10-7P-4S (HIROSE) Lead: AWG#24 (length: approx. 500 mm) color: red (+Vs), blue (-Vs), black (GND)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KACC1029E02 Apr. 2001 DN


▲Up To Search▲   

 
Price & Availability of C6386

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X