Part Number Hot Search : 
BZ5258 H266AWK PHP6N60E 300BZ EHS6B1 SMCJ5 KA278R12 AX100
Product Description
Full Text Search
 

To Download C62122-A132-B92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2-Line Filters SIFI-B Series
SIFI-B for enhanced insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A Construction
s Two-line filter s Metal case s Polyurethane potting (UL 94 V-0)
B84112
Features
s s s s s
Compact design Low leakage current All relevant approvals Cost-optimized construction Also for assembly on top-hat rails
Applications
s Switch-mode power supplies in
- industrial electronics - telecommunications - data systems - medical engineering Case styles and terminal styles Case style A Case style B Case style K Case style L Case style P Marking Marking on component: Manufacturer's logo, ordering code, rated voltage, rated current, date code Minimum marking on packaging: Manufacturer's logo, ordering code Tab connectors on face ends, lateral mounting tabs. Particularly suitable for mounting on a shielding wall. Tab connectors on face ends, mounting tabs on face ends. IEC connector as per IEC 60320 C 14 on line side, tab connectors on load side, mounting holes with metric thread. Litz wires on face ends Pins fitting PCB standard grid
147 03/01
2-Line Filters SIFI-B Series
Circuit diagram
LINE N LOAD N'
B84112
L
L'
SSB0525-W
Technical data Rated voltage V R Rated current IR Test voltage V P Leakage current lleak Discharge resistors 250 V~, 50/60 Hz Referred to 40 C ambient temperature 1414 V-, 2 s (line/line) 2700 V-, 2 s (lines/case) < 0,5 mA at 230 V~, 50 Hz The discharge resistors are rated such that one second after having disconnected the device from the power line, the voltage at the line connector should have dropped to 34 V. In accordance with EN 60068-1 25/085/21 (- 25 C/+ 85 C/21 days damp heat test)
EN 133221
Climatic category Approvals
148 03/01
2-Line Filters SIFI-B Series
Characteristics and ordering codes IR A 1 2 x 0,15 F (X2) 2 x 10 mH + 2 x 4700 pF (Y2) 2 x 0,15 F (X2) 2 x 10 mH + 2 x 4700 pF (Y2) 2 x 0,22 F (X2) 2 x 10 mH + 2 x 4700 pF (Y2) A B K L A B L A B K L P CR LR Case style Appr. Ordering code weight g 110 110 140 110 110 110 110 140 140 210 140 140 150 150 210 150 200 200 200 700 700 B84112-B-A10 B84112-B-B10 B84112-B-K10 B84112-B-L10 B84112-B-A20 B84112-B-B20 B84112-B-L20 B84112-B-A30 B84112-B-B30 B84112-B-K30 B84112-B-L30 B84112-B-P30 B84112-B-A60 B84112-B-B60 B84112-B-K60 B84112-B-L60 B84112-B-A110 B84112-B-B110 B84112-B-L110 B84112-B-A120 B84112-B-B120
B84112
Mounting plate for top-hat rail (ordering code) -- C62122-A132-B91 -- -- -- C62122-A132-B91 -- -- C62122-A132-B92 -- -- -- -- C62122-A132-B92 -- -- -- C62122-A132-B92 -- -- C62122-A132-B92
2
3
6
2 x 0,33 F (X2) 2 x 3,3 mH A + B 2 x 4700 pF (Y2) K L 2 x 0,47 F (X2) 2 x 1,8 mH A + B 2 x 4700 pF (Y2) L 2 x 0,68 F (X2) 2 x 1,8 mH A + B 2 x 4700 pF (Y2)
10
20
149 03/01
2-Line Filters SIFI-B Series
Case styles and dimensions Case style A B K L A B L A B K L P A B K L A B L A B Ordering code B84112-B-A10 -B-B10 -B-K10 -B-L10 -B-A20 -B-B20 -B-L20 -B-A30 -B-B30 -B-K30 -B-L30 -B-P30 -B-A60 -B-B60 -B-K60 -B-L60 -B-A110 -B-B110 -B-L110 -B-A120 -B-B120 Dimensions in mm b2 b3 b4 b1 45 45 51 45 45 45 45 50,8 50,8 50,8 50,8 50,8 50,8 50,8 50,8 26,5 26,5 -- -- 60,4 -- -- -- 70 -- -- --
B84112
l1 50 50 63,5 50 50 50 50
l2 -- 60,4 -- 60,4
l3 -- 70 -- 70
l4 76,5 76,5 -- --
h1 28,6 28,6 32 28,6
h2 20 20 -- --
Litz mm2 -- -- -- 0,82 -- -- 0,82 -- -- -- 0,82 -- -- -- 0,82 -- -- 1,35
Style 1015 -- -- -- AWG18 -- -- AWG18 -- -- -- AWG18 -- -- -- AWG18 -- -- AWG16
26,5 60,4 70 -- 26,5 -- -- -- -- 31,5 31,5 -- -- 31,5 31,5 -- -- 60,4 -- -- -- 60,4 -- -- -- 70 -- -- -- 70 -- -- --
-- -- 60,4 70 60,4 70
76,5 28,6 20 76,5 28,6 20 28,6 -- -- 20 20 -- -- 20 20 -- --
63,5 -- -- 89,5 28,6 63,5 74,7 84,5 89,5 28,6 79,5 -- -- -- 32 63,5 74,7 84,5 -- 28,6 see dimensional drawing 63,5 63,5 79,5 63,5 -- 74,7 -- 74,7 -- 84,5 -- 84,5 89,5 89,5 -- -- 28,6 28,6 32 28,6
50,8 31,5 60,4 70 50,8 31,5 -- -- 50,8 -- -- --
63,5 -- -- 89,5 38,1 28 63,5 74,7 84,5 89,5 38,1 28 63,5 74,7 84,5 -- 38,1 -- see dimensional drawing
150 03/01
2-Line Filters SIFI-B Series
Case style A B84112-B-A10 ... B84112-B-A110 Case style A B84112-B-A120
B84112
Tab connector
Tab connector
Case style B B84112-B-B10 ... B84112-B-B110
Case style B B84112-B-B120
Tab connector
Tab connector
151 03/01
2-Line Filters SIFI-B Series
Case style K Case style L
B84112
Tab connector BN BU
Mounting detail
BN GN/YE
BU
Case style P
Output Ground
Input
152 03/01
2-Line Filters SIFI-B Series
Insertion loss (typical values at Z = 50 ) unsymmetrical, adjacent branches terminated common mode, all branches in parallel (asymmetrical) differential mode (symmetrical) B84112-B-*10 B84112-B-*20
100
SSB0249-Q
B84112
B84112-B-*30
100
SSB0250-T
e
dB 80
e
dB 80
60
60
40
40
20
20
0
10 4
10 5
10 6
10 7
Hz 10 8 f
0
10 4
10 5
10 6
10 7
Hz 10 8 f
B84112-B-*60 B84112-B-*110
100
SSB0252-A
B84112-B-*120
100
SSB0251-2
e
dB 80
e
dB 80
60
60
40
40
20
20
0
10 4
10 5
10 6
10 7
Hz 10 8 f
0
10 4
10 5
10 6
10 7
Hz 10 8 f
153 03/01
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of C62122-A132-B92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X