Part Number Hot Search : 
SCOCXOS HMC40507 SST41 39000 HC147 GM9135 GMRX20D 16TTS
Product Description
Full Text Search
 

To Download C61157-A7-A56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3520
SAW Components Low Loss Filter for Automotive Telematics Data Sheet
B3520 1575,42 MHz
Ceramic package DCC6C
Features
s RF low-loss filter for GPS application s Package for Surface Mounted Technology
(SMT)
s Hermetically sealed ceramic package s No matching network required for operation
at 50
s Extended temperature range for
automotive application Terminals
s Ni, gold plated
Dimensions in mm, approx. weight 0,1 g Pin configuration 2 5 1,3,4,6 Input Output Ground
Type B3520
Ordering code B39162-B3520-U410
Marking and Package according to C61157-A7-A56
Packing according to F61074-V8070-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
TA Tstg VDC PS
-40/+105 -40/+105 0 0
C C V dBm
source impedance 50
2
Dec 17, 2004
SAW Components Low Loss Filter for Automotive Telematics Data Sheet
B3520 1575,42 MHz
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
TA = -40 ... +85 C ZS = 50 ZL = 50
min. Center frequency
typ. 1575,42
max. -- MHz
fc
--
Maximum insertion attenuation 1574,22 ...1576,62 MHz max Amplitude ripple (p-p) 1574,22 ...1576,62 MHz Relative attenuation (relative to max) 100,00 ...1450,00 1450,00 ...1520,00 1640,00 ...1710,00 1710,00 ...1750,00 1750,00 ...1910,00 1910,00 ...2000,00 rel MHz MHz MHz MHz MHz MHz
--
1,3
1,8
dB
--
0,1
1,0
dB
40 30 25 35 42 40
44 34 30 43 44 45 -30
-- -- -- -- -- -- --
dB dB dB dB dB dB ppm/K
Temperature coefficient of frequency
TCf
--
3
Dec 17, 2004
SAW Components Low Loss Filter for Automotive Telematics Data Sheet
B3520 1575,42 MHz
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
TA = -40 ... +105 C ZS = 50 ZL = 50
min. Center frequency
typ. 1575,42
max. -- MHz
fc
--
Maximum insertion attenuation 1574,22 ...1576,62 MHz max Amplitude ripple (p-p) 1574,22 ...1576,62 MHz Relative attenuation (relative to max) 100,00 ...1450,00 1450,00 ...1520,00 1640,00 ...1710,00 1710,00 ...1750,00 1750,00 ...1910,00 1910,00 ...2000,00 rel MHz MHz MHz MHz MHz MHz
--
1,3
2,0
dB
--
0,1
1,0
dB
40 30 25 35 42 40
44 34 30 43 44 45 -30
-- -- -- -- -- -- --
dB dB dB dB dB dB ppm/K
Temperature coefficient of frequency
TCf
--
4
Dec 17, 2004
SAW Components Low Loss Filter for Automotive Telematics Data Sheet
Transfer function
B3520 1575,42 MHz
Transfer function (wideband)
5
Dec 17, 2004
SAW Components Low Loss Filter for Automotive Telematics Data Sheet
B3520 1575,42 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE AE PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2004. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Dec 17, 2004


▲Up To Search▲   

 
Price & Availability of C61157-A7-A56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X