Part Number Hot Search : 
K100305 T518A HPM24AX 5248B HPLW212 04NT4G 00511 HPLW112
Product Description
Full Text Search
 

To Download C5658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULE
APD module
C5658
Detects optical signals at 1 GHz, with high sensitivity
APD module C5658 is a highly sensitive photodetector consisting of a Si APD (avalanche photodiode), a bias power supply and a low-noise amplifier, all integrated into a compact case. The APD used has an effective active area of 0.5 mm to allow efficient coupling to a light beam in applications such as spatial light transmission. The APD internally multiplies the photocurrent to produce an ample gain (set to 100 times for C5658) and also features high-speed response, achieving detection limits up to 1 GHz wideband and -48 dBm (16 nWr.m.s.) noise level in combination with the low-noise amplifier. C5658 also incorporates a thermosensor and a temperature-compensated bias power supply necessary for stable operation of the APD. Highly sensitive optical measurements can be made just by supplying +12 V to C5658.
Features
Applications
s Absolute maximum ratings
Parameter Supply voltage Maximum incident light level Operating temperature Storage temperature Parameter Spectral response range Active area Quantum efficiency
l High-speed response and high sensitivity l Flat frequency characteristics l Compact and lightweight l Single power supply operation
Condition Continuous input
l Laser radar l Spatial light transmission l Optical rangefinder
Value +13.5 10 0 to +50 -30 to +80 Typ. 400 to 1000 0.5 70 1 1 2.5 x 105 5.0 -48 50 1.5 3 Unit V mW C C Unit nm mm % GHz MHz V/W % dBm W
s Electrical and optical characteristics (Ta=25 C, Vcc=12 V, output terminated with 50 )
Condition
Cut-off frequency (-3 dB)
Detection sensitivity Gain stability Noise level Output impedance VSWR * Compression point at 1 dB * VSWR (Voltage Standing Wave Ratio) If internal matching of elements on a signal transmission line (matching between element input/output impedance and signal line impedance) is poor, signal reflections occur that generate standing waves on the signal line. The VSWR is the ratio of standing wave maximum amplitude (V Max.) to minimum amplitude (V Min.) and indicates how well the impedance is internally matched. When this internal matching is complete, no standing waves exit and the VSWR is 0 (zero).
=800 nm High band Low band =800 nm 25 C 10 C Dark state
s Signal connector
Parameter Signal output Power supply connector
Standard SMA D-sub 9 pin
s General specifications
Parameter Supply voltage Current consumption Dimensional outline Weight
Condition
Excluding projecting parts
Value +12 0.1 100 28 x 50 x 60 120
Unit V mA mm g
APD module
s Pulse response waveform
OUTPUT VOLTAGE (mV) 100 mV/div.
C5658
s Frequency response
+20
500
RELATIVE OUTPUT (dB)
0
-20
GND
-40 100 MHz
1 GHz
5 GHz
TIME 500 ps/div.
KACCB0050EA
FREQUENCY
KACCB0051EB
s Block diagram
GAIN 50 CUT-OFF FREQUENCY : -100 BAND: 1 GHz (HIGHBAND : 1 MHz LOW SIGNAL OUTPUT
THERMOSENSOR APD TEMPERATURECOMPENSATED BIAS VOLTAGE -200 V
s Dimensional outline (unit: mm)
ACTIVE AREA PHOTOSENSITIVE SURFACE 1.0
KACCC0135EA
s Pin connection
SIGNAL OUTPUT CONNECTOR (SMA)
1 6
2 7
3 8
4 9
5
KACCC0134EA
28.0
4.5 50.0 POWER SUPPLY CONNECTOR (D-SUB) MOUNTING THREADED HOLE M6 (DEPTH: 6)
KACCA0092EA
Pin No. 1 2 3 4 5 6 7 8 9
Signal +12 V NC GND NC NC NC NC NC NC
60.0
50.0
Mating connector (supplied): DE-9S (made by JAE) or equivalent
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KACC1023E01 Mar. 2001 DN


▲Up To Search▲   

 
Price & Availability of C5658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X