Part Number Hot Search : 
SNC538 HC14A 70063 2N7002 208GA EL5211 70063 83120
Product Description
Full Text Search
 

To Download C4710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C4710
Typical Applications
Test Equipment Frequency Synthesizers Position Location Satellite Communications
OCXO
Features
Low Phase Noise High Stability SC-Cut Crystal Standard 6012, MC886 Series, CO-714, C0-717, CO-718S
Previous Vectron Model Numbers Frequency range Standard frequencies Frequency stabilities1 [SC Cut Crystal
Parameter vs. operating temperature range (Referenced to +25C) Min -10 -20 -25 -30 Min -100 -2.0 -2.0 -1.0 -100 -50
5 MHz 10Mhz
20 MHz
Standard]
Typ Max. +10 +20 +25 +30 Max. +100 +2.0 +2.0 +1.0 +100 +50 5 Units ppb ppb ppb ppb Units ppb ppb ppb ppb ppb ppb minutes Operating temp range Ordering Code 0 +70C C108 -20 +70C D208 -40 +70C E258 -40 +85C F308 Condition at time of shipment, nominal EFC VS 5% Load 5% after 72 hours of operation after 72 hours of operation to 10ppb of final frequency (1 hour reading) @ +25C
Parameter Initial tolerance vs. supply voltage change vs. load change vs. aging /1 day vs aging /1 Year vs. aging / year (following Years) Warm-up Time
Typ
Supply voltage (Oven and Oscillator)
Parameter Supply voltage [Standard] Supply voltage [Option] Oscillator Power consumption Oven Power consumption Min 11.4 14.25 Typ 12.0 15.0 Max. 12.6 15.75 0.5 6.0 2.0 Units VDC VDC Watts Watts Watts during warm-up steady state @ +25C Condition Ordering Code SV120 SV150
RF output
Parameter Signal [Standard] Load Output Power Harmonics Signal [Option] Load Signal Level (Vol) Signal Level (Voh) Duty cycle Min Typ Max. Sinewave 50 +5.5 +8.0 -30 HCMOS 15 0.5 55 Units Condition Ordering Code RFS 50 Ohm load 50 Ohm load RFH pF VDC VDC %
+3.0
dBm dBc
4.5 45
@ (Voh-Vol)/2
Frequency Tuning (EFC)
Parameter Tuning Range Linearity Tuning Slope Control Voltage Range 0.0 2.5 Positive 5.0 VDC Min 0.75 Typ 1.25 Max. 2.0 20 Units ppm % Condition
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-08-25 * page 1 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C4710
Reference Voltage Output (Vref)
Parameter Reference Voltage Min 4.9 Typ 5.0 Max. 5.1 Units VDC Condition
OCXO
Enclosures
Type A
Package Codes: Code Height H A1 26.42 A2 20.00 Pin Length L 6.35 6.35 Code B1 B2
Type B
Height H 26.42 20.00 Pin Length L 6.35 6.35 Code C1 C2 C3
Type C
Height H 26.42 20.00 25.40 Pin Length L 6.35 6.35 6.35
Dimensions: inches [mm]
Dimensions: inches [mm]
Dimensions: inches [mm]
Pin Connections
1 2 3 4 5 6 7 Oven Return Supply Voltage Input Oscillator Electronic Frequency Control Input (EFC) Supply Voltage Input Oven RF Output Oscillator and Case Ground Ground (Case) 1 2 3 4 5
Pin Connections
Electronic Frequency Control Input (EFC) Reference Voltage Output RF Output Ground (Case) Supply Voltage Input (Vs) 1 2 3 4 5
Pin Connections
Electronic Frequency Control Input (EFC) Reference Voltage Output RF Output Ground (Case) Supply Voltage Input (Vs)
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-08-25 * page 2 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C4710
Additional parameters
Parameter 3 Phase Noise [Standard] @ 10 MHz Min Typ Max. -80 -120 -140 -145 -150 -95 -125 -150 -160 -165 100 Contact Factory Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g Condition 1 Hz 10 Hz 100 Hz 1 kHz 10 kHz 1 Hz 10 Hz 100 Hz 1 kHz 10 kHz
OCXO
Ordering Code PN1
Phase Noise [Option] @ 10 MHz
3
PN2
Weight Mechanical Frequency Adjust
Absolute Maximum Ratings
Parameter Supply voltage (Vs) Output Load Operable temperature range Storage temperature range Min Typ Max. 28.0 50 25 +85 +125 Units V pF Ohms C C Condition with HCMOS signal with Sinewave signal
-55 -55
How to Order this Product:
Step 1 Use this worksheet to forward the following information to your factory representative: Stability Code Supply Voltage Code RF Output Code Phase Noise Code Package Code Frequency
Model C4710
Example : C4710
D207
SV050
RFH
PN1
A1
10.000Mhz
Step 2
The factory representative will then respond with a Vectron Model Number in the following configuration: Model C4710 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number]
Typical P/N = C4710A1-0001
Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-08-25 * page 3 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C4710
OCXO
[ THIS PAGE INTENTIONALLY BLANK ]
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-08-25 * page 4 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax


▲Up To Search▲   

 
Price & Availability of C4710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X