Part Number Hot Search : 
231F12 BD9898 N1N2822B 2R350 T110041 ADM691A PC4004 STPS2045
Product Description
Full Text Search
 

To Download C4710-52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH VOLTAGE POWER SUPPLY UNIT
C4710 SERIES
The C4710 series are PC-board mountable high voltage supplies for photomultiplier tubes. The series has six standard versions.
FEATURES
Compact and Lightweight High Stability High Output Power Complete Fail-safe Functions Six-plane Metal Shielded
TACCF0113
SPECIFICATIONS
Parameter C4710 +15 1 95 260 C4710-01 +12 1 120 340 C4710 Series C4710-02 C4710-50 +24 1 +15 1 65 95 145 260 C4710-51 +12 1 120 340 Unit C4710-52 Vdc +24 1 65 mA (Typ.) 145 Vdc mA (Max.) % (Typ.) % (Typ.) % (Typ.) - k (Typ.) V ms (Typ.) %/ (Typ.)
Input Voltage Input Current at Maximum with no load Output Voltage with full load Specification Guaranteed -240 to -1500 +240 to +1500 Output Voltage Range 1 Output Current Input Regulation against 1V Input Change 0.015 0.015 0.02 0.02 0.015 0.01 Load Regulation against 0 to 100% 0.01 0.015 0.01 0.01 0.01 0.01 Load Change 0.005 Ripple / Noise (p-p) By external controlling voltage (+0.8 to +5 V) or external potentiometer (10 k ) Output Voltage Controlling Modes 40 56 Controlling Voltage Input Impedance (Controlling voltage 300) 0.5% Output Voltage Setting 100 Output Voltage Rise Time (0 100%) 0.01 Temperature Coefficient +5 to +40 Operating Temperature Range -10 to +60 Storage Temperature Range 65 27.5 45 Dimensions (W H D) 105 Weight Units protected against reversed power input, reversed/excessive controlling Protective Functions voltage input, continuous overloading/short circuit in output
mm g -
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. lnformation furnished by HAMAMATS U is believed to be reliabIe. However, no responsibility is assumed for possibIe inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c) 1995 Hamamatsu Photonics K.K.
HIGH VOLTAGE POWER SUPPLY UNIT C4710 SERIES
Figure 1: Output Voltage Controlling
BY EXTERNAL VOLTAGE +12/15/24 Vdc BY EXTERNAL POTENTIOMETER +12/15/24 Vdc
0 to +5 V* CW
NO CONNECTION
10 k
MIN. MAX.
LOAD
LOAD
* The ripple/noise in the external controlling voltage should be minimized as it directly affects the output voltage.
TACCC0052EB
Figure 2: Output Voltage Controlling Characteristics
(C4710, -01, -02) -1800
TACCB0009EB
Figure 3: Example of Ripple / Noise Reduction Circuit
(C4710-50, -51, -52) +1800
1 mH +12/15/24 Vdc 1 to 10 mH C4710 SERIES + 100 F (35 V) + HV OUTPUT
-1500
+1500
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
-1200
+1200
100 F (35 V)
0.47 to 1 (2 kV)
F
-900
+900
GND
GND
-600
+600
-300
+300
*The ripple/noise can be reduced to approx.1/10 by adding a choke coil and capacitor as illustrated above.
TACCC0053EB
0
0 0.43 +1
+2
+3
+4
+5 5.3
0 +6
CONTROLLING VOLTAGE
Figure 4: Dimensional outline (Unit: mm)
65 55 27.5 8 45
1 2 25 10 3 4 1
+12/15/24 Vdc IN COMMON HV ADJ HV OUT 5 5 35 45
TACCA0124EA
V REF OUT
2-MOUNTING THREADS (M2.3) (SIDE VIEW) (BOTTOM VIEW)
HAMAMATSU PHOTONICS K.K., Electoron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384 North Europe: Hamamatsu Photonics Norden AB: Faaroagatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95 TACC1003E04 Italy: Hamamatsu Photonics Italia: S.R.L.: Via Della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741 MAR. 1995 E
Printed in Japan


▲Up To Search▲   

 
Price & Availability of C4710-52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X