Part Number Hot Search : 
UPA1717G 3KP40CA CEU75A3 MAX1136 49000 6002D FD400A2B TPS20
Product Description
Full Text Search
 

To Download C2420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C2420
Typical Applications
PCS Base Stations Land Mobile Radio Cellular Telephony Radio in the Local Loop
Features
Wide Frequency range Mechanical control EFC Standard Standard Surface Mount Package STO150; STO150S3;
Previous Vectron Model Numbers Frequency range Standard frequencies Frequency stabilities1 [ Standard TCXO]
Parameter vs. operating temperature range (Referenced to +25C) Min -2.0 -1.0 -2.0 -1.0 -1.0 -0.5 Min - 1.0 - 0.2 - 0.2 - 1.0 Typ
10 MHz - 100 MHz 37.72102; 64.0; 67.584 MHz
Max. +2.0 +1.0 +2.0 +1.0 +1.0 +0.5 Max. +1.0 +0.2 +0.2 +1.0
Units ppm ppm ppm ppm ppm ppm Units ppm ppm ppm ppm
Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /1. Year
Typ
Operating temp Ordering Code5 range -40 ... +85C F206 -40 ... +85C F106 -20 ... +70C D206 -20 ... +70C D106 0 ... +50C B106 0 ... +50C B507 Condition at time of shipment, nominal EFC VS 5% Load 10%
Frequency stabilities1 [ Stratum 3 TCXO]
Parameter vs. operating temperature range (Referenced to +25C) Min -0.8 -0.28 -0.8 -0.28 -0.28 Min - 1.0 - 0.2 - 0.1 - 2.5 -4.6 Typ Max. +0.8 +0.28 +0.8 +0.28 +0.28 Max. +1.0 +0.2 +0.1 +2.5 +4.6 Units ppm ppm ppm ppm ppm Units ppm ppm ppm ppm ppm Operating temp Ordering Code5 range -40 ... +85C F807 -30 ... +85C G287 -20 ... +70C D807 -20 ... +70C D287 0 ... +50C B287 Condition at time of shipment, nominal EFC VS 5% Load 10% (*Stratum 3 per GR-1244-CORE: <4.6 ppm for all causes and 20 years aging,Holdover: <0.37 ppm over 24 hours (Code: D287 & B287)
Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /15 Years overall tolerance
Typ
Supply voltage (Vs)
Parameter Supply voltage [Standard] Supply voltage [Option] Current consumption Min 3.135 4.75 Typ 3.3 5 Max. 3.465 5.25 60 50 Units VDC VDC mA mA Condition Ordering Code5 SV033 SV050 steady state @ +25C & 3.3VDC steady state @ +25C & 5.0VDC
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-12-15 * page 1 of 6 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
C2420
RF output
Parameter Signal [Standard] Load Signal Level (Vol) Signal Level (Voh) Rise and Fall time Duty cycle Subharmonics Min 13.5 Typ HCMOS 15 16.5 0.5 0.3 pF VDC VDC VDC VDC ns % dBc Max. Units Condition Ordering Code5 RFH
4.5 3.0 40 -45 50 5 60
with Vs= 5.0V and 15pF load with Vs=3.3V and 15pF load with Vs= 5.0V and 15pF load with Vs=3.3V and 15pF load @ (Voh-Vol)/2
Frequency Tuning (EFC)
Parameter Mechanical (No EFC) Tuning Range Linearity Tuning Slope Control Voltage Range Freq. control input impedance 0.3 0.5 10 1.65 2.5 Min 3.0 8.0 5.0 Typ 14.0 12.0 Max. 20.0 20.0 10 3.0 4.5 Units ppm ppm % VDC VDC k Condition Standard Version S3 Version
Positive with Vs=3.3VDC with Vs=5.0VDC
Additional parameters
Parameter Phase Noise3 Min Typ -70 -105 -130 -145 -150 Max. Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g 10 100 1 10 100 Condition Hz @ 67.584MHz Hz kHz kHz kHz
Weight Processing & Packing
5 Handling & processing note
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-12-15 * page 2 of 6 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
C2420
Enclosures Type G200
Package Codes: Code Height "H" A1 5.1 Pin Length "L" NA
Dimensions: mm
Pin Connections
1 2 3 4 Voltage Control (Vc) GND, case RF output Supply Voltage (Vs) Outline Drawing: G200
Marking
C2420A1-xxxx Frequency * C AYYWW
Absolute Maximum Ratings
Parameter Supply voltage (Vs) Control Voltage Maximum output load @ CMOS Operable temperature range Storage temperature range Min 0 -40 -55 Typ Max. 6.0 Vs 40 +85 +125 Units V V pF C C Condition
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-12-15 * page 3 of 6 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
C2420
Typical measurement data Phase Noise and Jitter
C2420 @67.584MHz
Tuning Slope
C2420 @67.584MHz
15 Fre qu en cy de viatio n [pp m ] 10
5
0 0 0,5 1 1,5 2 2,5 3 3 ,5
-5
-1 0
-1 5 Tuning volta ge [V ]
frequency stability vs temp
C2420 @67.584MHz
0,40 Frequency deviation [ppm ] 0,30
0,20
0,10
0,00 -30,0 -20,0 -10,0 -0,10 0,0 10,0 20,0 30,0 40,0 50,0 60,0 70,0 80,0
-0,20
-0,30 Tem perature [C ]
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-12-15 * page 4 of 6 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
C2420
Standard Shipping Method
A X B P K
*bei W mm nur untere Lochreihe by W 24 mm only lower hole line
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3 Enclosure Type Tape width W [mm] G200 32
Quantity per meter 50
Quantity per reel 380
Dimension P 20
Recommended Reflow Profile
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-12-15 * page 5 of 6 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax
C2420
Pb-Free Assembly /Sn-Pb Assembly 3C/second max. 150c 200c 60-180 seconds 3C/second max. 217C 60-150 seconds max 260C Time within 5C of actual Peak Temperature (tp) Ramp-down Rate 20-40 seconds 6C/second max. Pb-Free Assembly /Sn-Pb Assembly 8 minutes max. 217C 60-150 seconds
Profile Feature Average ramp-up rate (TL to Tp) Preheat -Temperature Min Tsmin) -Temperature Min Tsmax) -Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintainted above - Temperature (TL) - Time (tL) Peak Temperature (Tp)
Profile Feature Time 25C to Peak Temperature Time maintainted above - Temperature (TL) - Time (tL)
Note: All temperatures refer to topside of the package, measured on the package body surface.
How to Order this Product:
Step 1 Use this worksheet to forward the following information to your factory representative: Model C2420
Example: C2420 D206 SV033 RFC A1 12.8MHz
Stability Code
Supply Voltage Code
RF Output Code
Package Code
Frequency
Step 2
The factory representative will then respond with a Vectron Model Number in the following Configuration: Model C2420 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number]
Typical P/N = C2420A1-0001
Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-12-15 * page 6 of 6 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax


▲Up To Search▲   

 
Price & Availability of C2420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X