|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
C2260 Typical Applications PCS Base Stations Land Mobile Radio Cellular Telephony Radio in the Local Loop TCXO Features EFC Standard Low Profile Small Size 100 % RoHS compliant Frequency range Standard frequencies Frequency stabilities1 Parameter vs. operating temperature range (Referenced to +25C) Min -2.5 -1.0 -1.0 -0.5 Min - 2.5 - 0.5 - 0.2 - 1.0 Typ 6.4 MHz - 52 MHz 10; 12.8; 19.44; 20MHz, 20.48MHz Operating temp Ordering Code5 range -20 ... +70C D256 -20 ... +70C D106 B106 0 ... +50C 0 ... +50C B507 Condition at time of shipment, nominal EFC VS 5% Load 10% Max. +2.5 +1.0 +1.0 +0.5 Max. +2.5 +0.5 +0.2 +1.0 Units ppm ppm ppm ppm Units ppm ppm ppm ppm Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /1. Year Typ Frequency stabilities1 [ Stratum 3 TCXO] < 32MHz Parameter vs. operating temperature range (Referenced to +25C) Min -0.8 -0.28 -0.28 -0.80 -0.28 -0.28 Min - 1.0 - 0.2 - 0.1 - 2.5 -4.6 Typ Typ Max. +0.8 +0.28 +0.28 +0.80 +0.28 -0.28 Max. +1.0 +0.2 +0.1 +2.5 -4.6 Units ppm ppm ppm ppm ppm ppm Units ppm ppm ppm ppm ppm Operating temp range -20 ... +70C 0 ... +50C -20 ... +70C -40 ... +85C -30 ... +85C -40 ... +85C Ordering Code5 D807 B287* D287* F807 G287 F287 Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /15 Years overall tolerance Condition at time of shipment, nominal EFC VS 5% Load 10% Note * Stratum 3 per GR-1244-CORE: <4.6 ppm for all causes and 20 years aging,Holdover: <0.37 ppm over 24 hours (Code: D287 & B287) Supply voltage (Vs) Parameter Supply voltage [Standard] Current consumption Min 3.135 Typ 3.3 Max. 3.465 6 Units VDC mA Condition Ordering Code5 SV033 steady state @ +25C RF output Parameter Signal [Standard] Load R || C Output power Min 9 9 0.7 Typ Max. clipped Sinewave 10 11 10 11 Units k pF Vpp Condition > 12.288MHz Ordering Code5 RFC @ 10k ||10pF Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-12-15 * page 1 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 TCXO Parameter Signal [Standard] Load Signal Level (Vol) Signal Level (Voh) Rise and Fall time Duty cycle Min 13.5 3.0 40 Typ HCMOS 15 Max. 16.5 0.3 5 60 Units pF VDC VDC ns % Condition Ordering Code5 RFH with Vs=3.3V and 15pF load with Vs=3.3V and 15pF load @ (Voh-Vol)/2 50 Frequency Tuning (EFC) Parameter Tuning Range Linearity Tuning Slope Control Voltage Range Freq. control input impedance 0.3 10 1.65 Min 8.0 Typ 14.0 Max. 20.0 10 3.0 Units ppm % VDC k with Vs=3.3VDC Condition Positive Additional parameters Parameter Phase Noise3 Min Typ -90 -120 -135 -140 -145 Max. Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g 10 100 1 10 100 Condition Hz @19.44MHz Hz kHz kHz kHz Weight Processing & Packing 2 Handling & processing note Absolute Maximum Ratings Parameter Supply voltage (Vs) Control Voltage Operable temperature range Storage temperature range Min 0 -40 -55 Typ Max. 6.0 Vs +85 +125 Units V V C C Condition Cross reference list Vectron Part Frequency [MHz] 12,8 12,8 12,8 20 20 20 Temp range C -20...70 -40..85 -40..85 -20...70 -20..80 -40..85 0,28 0,28 4,6 Temp. Stability [ppm] 0,28 0,28 H/over Stab. [ppm] 0,37 0,37 4,6 overall Stab. [ppm] 4,6 4,6 20 4,6 4,6 20 Supply [V] 3,3 3,3 3,3 3,3 3,3 3,3 Semtech Semtech Semtech Zarlink Zarlink Zarlink C2260A1-0028 C2260A1-0032 C2260A1-0029 C2260A1-0021 C2260A1-0009 C2260A1-0015 Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-12-15 * page 2 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 Enclosures Type G204 Package Codes: Code Height "H" A1 3.0 Pin Length "L" NA Package Codes: Code Height "H" B1 TCXO Type G211 Dimensions: mm Dimensions: mm Pin Connections 1 2 3 4 Voltage Control (Vc) Ground (Case) RF output Supply Voltage Input (Vs) Marking C2260-xxxx frequency * C AYYWW Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-12-15 * page 3 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 Typical measurement data Phase Noise C2260 @12.8MHz MTIE according -1244-CORE: C2260 @12.8MHz TCXO Standard Shipping Method A X B P K *bei W mm nur untere Lochreihe by W 24 mm only lower hole line Lage im Gurt Position in tape Pin 1 Abwickelrichtung Unwinding direction Gurtunterseite Tape buttom side Gurtoberseite Tape upper side Production tolerance complying DIN IEC 286-3 Enclosure Type Tape width W [mm] G204 /G211 12 Quantity per meter 150. Quantity per reel Tbd. Dimension P 8 Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-12-15 * page 4 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax C2260 Recommended Reflow Profile TCXO Profile Feature Average ramp-up rate (TL to Tp) Preheat -Temperature Min Tsmin) -Temperature Min Tsmax) -Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintainted above - Temperature (TL) - Time (tL) Peak Temperature (Tp) Pb-Free Assembly /Sn-Pb Assembly 3C/second max. 150c 200c 60-180 seconds 3C/second max. 217C 60-150 seconds max 260C Profile Feature Time 25C to Peak Temperature Time maintainted above - Temperature (TL) - Time (tL) Pb-Free Assembly /Sn-Pb Assembly 8 minutes max. 217C 60-150 seconds Time within 5C of actual Peak Temperature (tp) Ramp-down Rate 20-40 seconds 6C/second max. Note: All temperatures refer to topside of the package, measured on the package body surface. How to Order this Product: Step 1 Use this worksheet to forward the following information to your factory representative: Model C2260 Example: C2260 D106 SV033 RFC A1 12.8MHz Stability Code Supply Voltage Code RF Output Code Package Code Frequency Step 2 The factory representative will then respond with a Vectron Model Number in the following Configuration: Model C2260 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number] Typical P/N = C2260A1-0001 Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability. Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-12-15 * page 5 of 5 Vectron Asia Pacific Sales Office 1F-2F, No 8 Workshop, No 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, P.R. China 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax |
Price & Availability of C2260A1-0032 |