Part Number Hot Search : 
IS65W 10N60 25302 30130 ADM1040 MMBT55 04B192D 2SB0954
Product Description
Full Text Search
 

To Download C1210C107M9PAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product Bulletin
Surface Mount Ceramic Chip Capacitors X5R Dielectric KEMET is pleased to continue the expansion of high capacitance ratings in our X5R ceramic chip capacitors to include the following values in our base metal electrode devices. X5R/1210 - 100 F (107) @ 6.3 Volts Outline Drawing
W T S ELECTRODES L B NICKEL PLATE CONDUCTIVE METALLIZATION TIN PLATE
Table 1 Dimensions - Millimeters (Inches)
Metric EIA Size Size Code Code L - Length 1210 3225 3.2 (.126) 0.2 (.008) W - Width 2.5 (.098) 0.2 (.008) Max. T - Thickness See Table 2 B - Bandwidth 0.5 (.02) .25 (.010) Separation N/A
Table 2 - X5R - Capacitance Value Extensions
Capacitance Values (F) 100.0 KEMET Part Number C1210C107M9PAC Capacitance Tolerance 20% Thickness mm 2.1 .20 Qty 7" Reel 1,000 Qty 13" Reel 4,000
F-9040 9/05
Electrical Parameters As detailed in the KEMET Surface Mount Catalog F3102 for X5R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +85C, with no-bias capacitance shift limited to 15% over that range * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 500 megohm microfarads. * Capacitance and Dissipation Factor (DF) measured at the following conditions. DF Limit is 10%. 1 kHz and 1 Vrms if capacitance 10 F 120 Hz and 0.5 Vrms if capacitance > 10 F Soldering Process The 1210 components are suitable for reflow soldering only. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. Marking These chips are normally supplied unmarked. If required, they can be laser marked as an extra cost option. More detail on the marking format is included in our Surface Mount Catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 * (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C1210C107M9PAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X