Part Number Hot Search : 
00146 C8051 BFG91 M38025M4 BC727 SM103 AT76C2XX AN1498
Product Description
Full Text Search
 

To Download C120P06QE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : C120P06QE
Approx Net Weight:30g
C120P06QE
(mm)
**@"d*@*@"A*@* FORWARD CURRENT VS. VOLTAGE
C120P06QE (per Arm)
500
INSTANTANEOUS FORWARD CURRENT (A)
200
*u Z * "d --
100
50
20 Tj=25C Tj=150C 10
*i*j
5 0 0.4 0.8 1.2 1.6
INSTANTANEOUS FORWARD VOLTAGE (V) *u*@Z*@**@"d*@*@*iu*j
0
CONDUCTION ANGLE
180
*1/2*@I*@**@"d*@--I*@`*@Z*@"A*@* AVERAGE FORWARD POWER DISSIPATION
C120P06QE (Total)
RECT 180
120
*1/2 I * "d --I ` Z
AVERAGE FORWARD POWER DISSIPATION (W)
100
SINE WAVE
80
60
40
20
*iv*j
0 0 20 40 60 80 100 120 140
AVERAGE FORWARD CURRENT (A) *1/2*@I*@**@"d*@--*@*i*j
s*[Nt"d--*@*|*@s*[Nt"d"A* PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 2000 C120P06QE (per Arm)
*b N t "d --
PEAK REVERSE CURRENT (mA)
s
1000
500
*i**j
200 0 10 20 30 40 50 60 70
PEAK REVERSE VOLTAGE (V) s*@*[*@N*@t*@"d*@*@*iu*j
*1/2*@I*@t*@"d*@--I*@`*@Z AVERAGE REVERSE POWER DISSIPATION
C120P06QE (Total)
RECT 180
100
*1/2 I t "d --I ` Z
AVERAGE REVERSE POWER DISSIPATION (W)
80
60
SINE WAVE
40
20
*iv*j
0 0 10 20 30 40 50 60 70
REVERSE VOLTAGE (V) t*@"d*@*@*iu*j
0
CONDUCTION ANGLE
180
*1/2*@I*@**@"d*@--*@*|*@P*@*[*@X*@**@"x*@'e*@Si AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =60 V C120P06QE (Total)
RECT 180. SINE WAVE
140
*1/2 I * "d --
AVERAGE FORWARD CURRENT (A)
120
100
80
60
40
*i*j
20
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C) P*@*[*@X*@**@"x*@*i*Z*j
T*@*[*@W*@**@"d*@--*@'e*@Si SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 800 700 C120P06QE
SURGE FORWARD CURRENT (A)
T *b W * "d --
600 500 400 300 200 100
0.02s I FSM
*i*j
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s) Z*@SO*@*i"*j
*U*@**@--e*@--E*@"A*@* JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 5000 C120P06QE (per Arm)
*U * --e --E
JUNCTION CAPACITANCE (pF)
2000
*i*e*j
1000
500 0.5 1 2 5 10 20 50 100
REVERSE VOLTAGE (V) t*@"d*@*@*iu*j


▲Up To Search▲   

 
Price & Availability of C120P06QE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X