Part Number Hot Search : 
AP222 H28F80 VSMP0805 03N03 P75NF75 BFC47 C9S12 SMBJ50C
Product Description
Full Text Search
 

To Download C1206C8232RAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product Release
Surface Mount Ceramic Chip Capacitors Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts
25 Volts - 1.2F - 1.5 F 50 Volts - 0.27F - 0.68F 100 Volts - 0.27F - 0.39F 200 Volts - 27,000pF - 150,000pF Outline Drawings
Table 1 - Dimensions - Millimeters
EIA Metric Size Size Code Code (Ref) 1206* 3216 L# Length 3.2 (.126) 0.2 (.008) W# Width 1.6 (.063) 0.2 (.008) Thickness B Bandwidth 0.5 (.02) .25 (.010) S Min. Separation N/A Mounting Technique Solder Wave or Solder Reflow
See Table 2
Table 2 - Ratings & Part Number Listing
Cap Values 1.2F 1.5F 0.27F 0.33F 0.39F 0.47F 0.56F 0.68F 0.27F 0.33F 0.39F 27,000pF 33,000pF 39,000pF 47,000pF 56,000pF 68,000pF 82,000pF 100,000pF 120,000pF 150,000pF KEMET Part Number C1206C125(1)3RAC C1206C155(1)3RAC C1206C274(1)5RAC* C1206C334(1)5RAC* C1206C394(1)5RAC* C1206C474(1)5RAC* C1206C564(1)5RAC* C1206C684(1)5RAC* C1206C274(1)1RAC C1206C334(1)1RAC C1206C394(1)1RAC C1206C273(1)2RAC C1206C333(1)2RAC C1206C393(1)2RAC C1206C473(1)2RAC C1206C563(1)2RAC C1206C683(1)2RAC C1206C823(1)2RAC C1206C104(1)2RAC C1206C124(1)2RAC C1206C154(1)2RAC Capacitance Tolerance Thickness - mm Qty 7" Reel Qty 13" Reel J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M 1.60 0.15 1.60 0.15 .90 .10 .90 .10 .90 .10 .90 .10 .90 .10 1.00 0.10 1.25 0.15 1.60 0.15 1.60 0.15 .78 .10 .78 .10 .78 .10 1.00 0.10 1.00 0.10 1.00 0.10 1.00 0.10 1.25 0.15 1.25 0.15 1.60 0.15 2,000 2,000 4,000 4,000 4,000 4,000 4,000 2,500 2,500 2,000 2,000 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,000 8,000 8,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 8,000 8,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 8,000
To complete the KEMET part number, insert capacitance tolerance: J - 5%, K - 10% or M 20%. * X7R Dielectric - Extended Range Values - Cap and DF measured at 0.5 Vrms.
F3274A 04/05
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +125C, with no-bias capacitance shift limited to 15% over that range * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 1000 megohm microfarads or 100 gigohms, whichever is less. * Capacitance and Dissipation Factor (DF) measured at 1KHz at 1.0Vrms. 25 Volts - DF Limit is 3.5% > 25 Volts - DF Limit is 2.5%
Soldering Process
Wave soldering or reflow soldering is acceptable for these chips.
Marking
These chips are normally supplied unmarked. If required, they can be laser marked as an extra cost option.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 * (864) 963-6682 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C1206C8232RAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X