Part Number Hot Search : 
BZT52C3 L5107 LC160 P14B100 H474K TC940 0446002 UM6000
Product Description
Full Text Search
 

To Download C1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOC. NO. 22CB-000111
PART NO. 2203-000013
http://www.tcatdk.com/3a3a.html
CAPACITORS
Ceramic Chip
TDKs new Sub-Miniature chip capacitor additions answer the electronics industrys need for higher density packaging. TDKs advanced technology allows for smaller size, highest capacitance, increased reliability, and automated assembly. Applications include computers and peripherals, telecommunications, measuring and medical equipment, and any application that requires miniaturization.
Electrical Specification
Capacitance Range 10pF to lVrms, 1kHz 25 NPO 1,000pF and less: 1MHz Capacitance Tolerance Working Voltage (DC WV) 6.3V, 10V, 16V, 25V, 50V
Dielectric Strength 250% DC WV
Operating Temperature Range At the same condition as temperature characteristics
Insulation Resistance (DC WV) (I.R.) Greater than 10G ohms or 500 ohms-F whichever is smaller 16V, 10V, 6.3V: 10G ohms or 100 ohms-F whichever is smaller
Part Number Configuration
1 of 2
97/11/10 AM 9:28
DOC. NO. 22CB-000111
PART NO. 2203-000013
http://www.tcatdk.com/3a3a.html
2 of 2
97/1 1/10 AM 9:28
DOC. NO. 22CB-000111
PART NO. 2203-000013
Ceramic Capacitors
MULTILAYER CERAMIC CHIP CAPACITORS C TYPE [16,25, 50Vdc], CLASS I AND CLASS II
CAPACITANCE TEMPERATURE CHARACTERISTICS Class I
Class II
CAPACITANCE AND TOLERANCE
3-1
DOC. NO. 22CB-000111
PART NO. 2203-000013
Ceramic Capacitors
CAPACITANCE RANGE Class I 25Vdc
Class II 16Vdc
50Vdc
25Vdc
50Vdc
3-2
DOC. NO. 22CB-000111
PART NO. 2203-000013
Ceramic Capacitors
C TYPE [BASEMETAL ELECTRODE, 16, 25, 50Vdc], CLASS II CAPACITANCE RANGE 16 Vdc 50Vdc
25Vdc
HC TYPE [LARGECAPACITANCE, 16, 25,50, 75Vdc], CLASS II HIGH DIELECTRIC CONSTANT
CAPACITANCE RANGE (Operating temperature range: - 25 to +85oC [-13 to +185oF]) l6Vdc 50Vdcc
25Vdc
75Vdc
3-3
DOC. NO. 22CB-000111
PART NO. 2203-000013
Ceramic Capacitors
C TYPE [HIGH VOLTAGE] CLASS I [3kVdc] AND CLASS II [500Vdc,1k, 2kVdc]
CAPACITANCE TEMPERATURE CHARACTERISTICS Class I
CAPACITANCE RANGE Class I 3kVdc
Class II 500Vdc
lkVdc
2kVdc
3-4
DOC. NO. 22CB-000111
PART NO. 2203-000013
Ceramic Capacitors
FC AND FR TYPE [LOWLOSS FOR VHF/UHF] CLASS I [50,100, 200,300, 500Vdc] AND CLASS II [50Vdc]
Multilayer Ceramic Capacitors for high frequency and low loss are designed for 100 to 1000MHz power circuit applications.
FC type FR type
CAPACITANCE AND TOLERANCE
CAPACITANCE RANGE (Operating temperature range: -55 to +l25oC [ - 67 to +257oF]) Class I 50,100, 200, 300, 500Vdc Class II 50Vdc
3-5


▲Up To Search▲   

 
Price & Availability of C1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X