Part Number Hot Search : 
PCD3360 NX5302SK E332M P31AN E2G0402S CXA1579M MAX150A GBJ610
Product Description
Full Text Search
 

To Download C1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R) ISO 9001 Registered
Process C1004
CMOS 1.0m 5 Volt Digital
Electrical Characteristics
N-Channel Transistor Threshold Voltage Body Factor Conduction Factor Effective Channel Length Width Encroachment Punch Through Voltage Poly Field Threshold Symbol VTN N N LeffN WN BVDSSN VTFP(N) Minimum 0.55 74 0.60 7 10 Typical 0.75 0.60 87 0.75 0.8
T=25oC Unless otherwise noted Maximum Unit Comments 0.95 V 100x1.0m V1/2 100x1.0m 100 A/V2 100x100m 0.90 m 100x1.0m m Per side V V
P-Channel Transistor Threshold Voltage Body Factor Conduction Factor Effective Channel Length Width Encroachment Punch Through Voltage Poly Field Threshold Voltage
Symbol VTP P P LeffP WP BVDSSP VTFP(P)
Minimum -0.85 24 0.83 -7 -10
Typical -1.0 0.4 28 0.98 0.85
Maximum -1.15 32 1.13
Unit V V1/2 A/V2 m m V V
Comments 100x1.0m 100x1.0m 100x100m 100x1.0m Per side
Diffusion & Thin Films Well (field) Sheet Resistance N+ Sheet Resistance N+ Junction Depth P+ Sheet Resistance P+ Junction Depth Gate Oxide Thickness Field Oxide Thickness Poly Sheet Resistance Metal-1 Sheet Resistance Metal-2 Sheet Resistance Passivation Thickness
Symbol N-well(f) N+ xjN+ P+ xjP+ TGOX TFIELD POLY M1 M2 TPASS
Minimum 0.8 20 60
15
Typical 1.0 35 0.45 80 0.5 20 700 22 50 30 200+900
Maximum 1.22 50 100
30
Unit K/ / m / m nm nm / m/ m/ nm
Comments n-well
oxide+nit.
Capacitance Gate Oxide Metal-1 to Poly1 Metal-1 to SIlicon Metal-2 to Metal-1
Symbol Cox CM1P CMIS CMM
Minimum 1.52
Typical 1.64 0.046 0.028 0.038
Maximum 1.82
Unit fF/m2 fF/m2 fF/m2 fF/m2
Comments
(c) IMP, Inc.
17
Process C1004 Physical Characteristics
Starting Material Starting Mat. Resistivity Typ. Operating Voltage Well Type Metal Layers Poly Layers Contact Size Via Size Metal-1 Width/Space Metal-2 Width/Space Gate Poly Width/Space P <100> 7-8.5 -cm 5V N-well 2 1 1.2x1.2m 1.2x1.2m 1.4 / 1.2m 2.0 / 1.4m 1.0 / 1.4m N+/P+ Width/Space N+ To P+ Space Contact To Poly Space Contact Overlap Of Diffusion Contact Overlap Of Poly Metal-1 Overlap Of Contact Metal-1 Overlap Of Via Metal-2 Overlap Of Via Minimum Pad Opening Minimum Pad-to-Pad Spacing Minimum Pad Pitch 2.0 / 1.2m 7.0m 0.8m 0.7m 0.7m 0.7m 0.7m 0.7m 65x65m 5.0m 80.0m
Metal 2
Metal 1
SIO2 LTO LTO n+ p+ Field Oxide
n+
p+
p+
n+
p- substrate contact
Poly gate
Poly gate
Source
Source
Drain
N-well contact
N-well
p-epi p+ substrate
Sidewall spacer
ID vs VD, W/L = 20/1.2
35.0 VGS = 5.0V
-15.0
ID vs VD, W/L = 20/1.2
VGS = -5.0V
Drain Current (mA) IDS
Drain Current (mA) IDS
28.0
VGS = 4.0V
-12.0 VGS = -4.0V -9.0
21.0 VGS = 3.0V 14.0 VGS = 2.0V 7.0 VGS = 1.0V 0 0 1.0 2.0 3.0 4.0 5.0 Drain Voltage (V) VDS N-ch Transistor IV Characteristics of a 20/1.2 device
-6.0
Channel stop
Contact
Drain
LDD
p
p
VGS = -3.0V
-3.0
VGS = -2.0V 0 -1.0 -2.0 -3.0 -4.0 -5.0
0
Drain Voltage (V) VDS P-ch Transistor IV Characteristics of a 20/1.2 device
18
C1004-4-98


▲Up To Search▲   

 
Price & Availability of C1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X