Part Number Hot Search : 
230D1 1595MNR2 230D1 RF205 MBRS130 R2001 MMG3007 M65AF
Product Description
Full Text Search
 

To Download C0805F683M1RAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin
Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
Outline Drawing
W T S ELECTRODES L B NICKEL PLATE CONDUCTIVE METALLIZATION TIN PLATE
Dimensions - Millimeters (Inches)
EIA Size Code 0805 1206 1210 Metric Size Code 2012 3216 3225 L Length 2.0 (.079) 0.2 (.008) 3.2 (.126) 0.2 (.008) 3.2 (.126) 0.2 (.008) W Width 1.25 (.049) 0.2 (.008) 1.6 (.063) 0.2 (.008) 2.5 (.098) 0.2 (.008) B Bandwidth 0.05 (.02) 0.25 (.010) 0.05 (.02) 0.25 (.010) 0.05 (.02) 0.25 (.010) S Separation 0.75 (.030) N/A N/A
See below for thickness dimension.
Capacitance Value
Capacitance Values (F) .047 .068 0.22 0.33 1.0 KEMET Part Number C0805F473_1RAC C0805F683_1RAC C1206F224_1RAC C1206F334_1RAC C1210F105_1RAC Voltage 100 100 100 100 100 *Capacitance Tolerance K, M K, M K, M K, M K, M Thickness mm
1.0 (.039) 0.10 (.004) 1.25 (.049) 0.15 (.006) 1.0 (.039) 0.10 (.004) 1.6 (.063) 0.15 (.006) 2.5 (.098) 0.20 (.008)
Qty 7" Reel 2,500 2,500 2,500 2,000 1,500
Qty 13" Reel 10,000 10,000 10,000 8,000 8,000
F9121C 9/06
Ordering Information C
Style C - Ceramic Size Code 0805, 1206, 1210 Specification F - Open-Mode Capacitance Code, pF First two digits represent significant figures. Third digit specifies number of zeros. 100 pF = 101. (Use "9" for 1.0 through 9.9 pF) (Use "8" for 0.1 through .99 pF) Capacitance Tolerance K = 10%; M = 20% End Metallization C = Standard Failure Rate Level A = Not Applicable Temperature Characteristic Designated by Capacitance Change over Temperature Range R - X7R (15%) (-55C +125C) Voltage 1 = 100 Volts
0805
F
473
K
1
R
A
C
Open Mode Design
The open-mode dimension (OM) exceeds the termination bandwidth dimensions: OM >BW
Electrical Parameters As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +125C, with no-bias capacitance shift limited to 15% over that range. * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 500 megohm microfarads or 50 gigaohm, whichever is less. * Capacitance and Dissipation Factor (DF) measured at 1kHz and 1 Vrms. DF Limit is 2.5%. Qualifications/ Certifications * AEC-Q200 Rev. C * RoHS Compliant
Soldering Process These components are suitable for reflow and wave soldering. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. Marking These chips will be supplied unmarked. If required, they can be laser-marked as an extra option. Details on the marking format are included in KEMET Surface Mount catalog F3102. In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C0805F683M1RAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X