Part Number Hot Search : 
CEBLTG4 H222J Z5232 LD1206 284941 DM8575N 158AFB XC6385C
Product Description
Full Text Search
 

To Download C0805C825M8PAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product Bulletin
Surface Mount Ceramic Chip Capacitors X5R Dielectric KEMET is pleased to continue the expansion of high capacitance ratings in our X5R ceramic chip capacitors to include the following values in our base metal electrode devices. 0603/X5R - 1.2F (125) - 2.2F (225) @ 10 Volts 0805/X5R - 5.6F (565) - 10.0F (106) @ 10 Volts 1206/X5R - 12.0F (126) - 22.0 (226) @ 10 Volts Outline Drawing
Table 1 Dimensions - Millimeters (Inches)
EIA Size Code 0603 0805 1206 Metric Size Code 1608 2012 3216 L Length 1.6 (.063) 0.15 (.006) 2.0 (.079) 0.2 (.008) 3.2 (.126) 0.2 (.008) W Width 0.8 (.032) 0.15 (.006) 1.25 (.049) 0.2 (.008) 1.6 (.063) 0.2 (.008) B Bandwidth 0.35 (.014) 0.15 (.006) 0.5 (.02) .25 (.010) 0.5 (.02) .25 (.010) S - Min. Separation 0.7 (.028) 0.75 (.030) N/A Mounting Technique Solder Wave or Reflow Solder Wave or Reflow Solder Wave or Reflow
See Table 2 for thickness dimension.
F-9034 06/05
Table 2 - X5R - Capacitance Value Extensions
Capacitance Values (F) 1.2 1.5 1.8 2.2 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 KEMET Part Number C0603C125(1)8PAC C0603C155(1)8PAC C0603C185(1)8PAC C0603C225(1)8PAC C0805C565(1)8PAC C0805C685(1)8PAC C0805C825(1)8PAC C0805C106(1)8PAC C1206C126(1)8PAC C1206C156(1)8PAC C1206C186(1)8PAC C1206C226(1)8PAC Voltage 10 10 10 10 10 10 10 10 10 10 10 10 Capacitance Tolerance K,M K,M K,M K,M K,M K,M K,M K,M K,M K,M K,M K,M Thickness mm 0.8 0.8 0.8 0.8 1.25 1.25 1.25 1.25 1.60 1.60 1.60 1.60 0.1 0.1 0.1 0.1 0.15 0.15 0.15 0.15 Qty 7" Reel 4,000 4,000 4,000 4,000 2,500 2,500 2,500 3,000 2,000 2,000 2,000 2,000 Qty 13" Reel 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 8,000 8,000 8,000 8,000
0.15 0.15 0.15 0.15
(1) To complete KEMET part number, insert the alpha code for the tolerance desired. K = 10%; M = 20%
Electrical Parameters As detailed in the KEMET Surface Mount Catalog F3102 for X5R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +85C, with no-bias capacitance shift limited to 15% over that range * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 500 megohm microfarads. * Capacitance and Dissipation Factor (DF) measured at the following conditions. DF Limit is 10%. 1 kHz and 1 Vrms if capacitance 10 F 120 Hz and 0.5 Vrms if capacitance > 10 F Soldering Process These components are suitable for wave or reflow soldering. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. Marking These chips are normally supplied unmarked. If required, they can be laser marked as an extra cost option. More detail on the marking format is included in our Surface Mount Catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 * (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C0805C825M8PAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X