Part Number Hot Search : 
OPL7320 LD5000 PNZ150L AMP1009 NJM2123 78052 NJU7054D LA7668
Product Description
Full Text Search
 

To Download C0805C224M1RAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin
Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
Outline Drawing
W T S ELECTRODES L B NICKEL PLATE CONDUCTIVE METALLIZATION TIN PLATE
Dimensions - Millimeters (Inches)
EIA Size Code 0603 0805 1206 1210 Metric Size Code 1608 2012 3216 3225 L Length 1.6 (.063) 0.15 (.006) 2.0 (.079) 0.2 (.008) 3.2 (.126) 0.2 (.008) 3.2 (.126) 0.2 (.006) W Width 0.8 (.031) 0.15 (.006) 1.25 (.049) 0.2 (.008) 1.6 (.063) 0.2 (.008) 2.5 (.098) 0.2 (.008) B Bandwidth 0.35 (.014) 0.15 (.006) 0.5 (.02) 0.25 (.010) 0.5 (.02) 0.25 (.010) 0.5 (.02) 0.25 (.010) S Separation 0.7 (.028) 0.75 (.030) N/A N/A
See below for thickness dimension.
Capacitance Value
Capacitance Values (F) 0.047 0.22 0.47 0.47 1.0 KEMET Part Number C0603C473_1RAC C0805C224_1RAC C1206C474_1RAC C1210C474_1RAC C1210C105_1RAC Voltage 100 100 100 100 100 Capacitance Tolerance J,K,M J,K,M J,K,M J,K,M J,K,M Thickness mm 0.8 (.031) 0.07 (.003) 1.25 (.049) 0.15 (.001) 1.60 (.063) 0.15 (.001) 0.95 (.037) 0.10 (.004) 1.70 (.067) 0.20 (.008) Qty 7" Reel 4,000 2,500 2,000 4,000 2,000 Qty 13" Reel 10,000 10,000 8,000 10,000 8,000
F-9122B 9/06
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
Product Bulletin
Electrical Parameters As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +125C, with no-bias capacitance shift limited to 15% over that range. * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 500 megohm microfarads or 50,000M, whichever of the two is smaller. * Capacitance and Dissipation Factor (DF) measured at the following conditions: DF Limit is 2.5%. 1 kHz and 1 Vrms. Qualifications/ Certifications * AEC-Q200 Rev. C * RoHS Compliant
Soldering Process These components are suitable for reflow and wave soldering. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching.
Marking These chips will be supplied unmarked. If required, they can be laser-marked as an extra option. Details on the marking format are included in KEMET Surface Mount catalog F3102. enville, SC 29606 (864) 963-6300 * www.k In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C0805C224M1RAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X