Part Number Hot Search : 
JC075B 2520D LBN7043 2SD1884 5C180 BCY31 10016 MAX5091
Product Description
Full Text Search
 

To Download C062C479K2G5CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CERAMIC MOLDED AXIAL & RADIAL
PERFORMANCE CHARACTERISTICS GENERAL
Working Voltage: C0G - 50, 100 & 200 Volts X7R - 50, 100 & 200 Volts Temperature Characteristics: C0G - 0 30 PPM/C from -55C to +125C X7R - 15% from -55C to +125C Capacitance Tolerance: C0G - 0.5 pF, 1%, 2%, 5%, 10%, 20% (0.5 pF is tightest available tolerance) X7R - 10%, 20%, -0 +100%, -20% +80% Construction: Monolithic block of ceramic dielectric with interdigitated internal electrodes, encapsulated in a molded case, and having axial or radial leads. Meets flame test requirements of UL Standard 94V-0. Terminal Strength: EIA-198 Method 303 Condition A (2.2 kg) Insulation Resistance: C0G - 10K megohms or 100 megohm - F, whichever is less X7R - 10K megohms or 100 megohm - F, whichever is less Dielectric Withstanding Voltage: 250% of rated voltage for 5 seconds with current limited to 50 mA.
ENVIRONMENTAL
Moisture Resistance: MIL-STD-202, Method 106, or EIA-198, Method 204, Condition A, except 20 cycles. Insulation Resistance: C0G - 10K megohms or 100 megohm - F, whichever is less X7R - 10K megohms or 100 megohm - F, whichever is less Dielectric Withstanding Voltage: 250% of rated voltage for 5 seconds with current limited to 50 mA. Immersion Cycling: MIL-STD-202, Method 104, Condition B. Post-Test limits at 25C are: Insulation Resistance: C0G - 10K megohms or 100 megohm - F, whichever is less X7R - 10K megohms or 100 megohm - F, whichever is less Solderability: MIL-STD-202, Method 208, Sn62 solder, 245C for 5 1/2 seconds. Resistance to Soldering Heat: MIL-STD-202, Method 210, Condition B (260C, 10 secs). Depth of immersion -- to a minimum of .050" from the capacitor body. Lead Material: Axial: Solder-coated copper clad steel Radial: Solder-coated copper standard; 100% tin plated optional
ELECTRICAL
Capacitance: Within specified tolerance when measured with 1 volt rms at 1 kHz (1000 pF or less at 1 MHz for C0G). Dissipation Factor: 25C at 1 kHz (1000 pF or less at 1 MHz for C0G). C0G - .15% maximum X7R - 2.5% maximum Insulation Resistance: After 2 minutes electrification at 25C and rated voltage C0G - 100K megohms or 1000 megohm - F, whichever is less. X7R - 100K megohms or 1000 megohm - F, whichever is less. Dielectric Withstanding Voltage: 250% of rated voltage for 5 seconds with current limited to 50 mA at 25C. Life Test: 2000 hours at 200% of rated voltage at 125C. Post-Test limits at 25C are: Capacitance Change: C0G - less than 3% or 0.25 pF, whichever is higher X7R - 20% of initial value Dissipation Factor: C0G - .25% maximum X7R - 3.0% maximum
20
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
CAPACITOR OUTLINE DRAWINGS -- (AXIAL LEADS) 1.50 Min. (38.10) L 1.50 Min. (38.10) C D
DIMENSIONS--INCHES & (MILLIMETERS)
CASE SIZE C114 C124 C192 C202 C222 MILITARY EQUIVALENT STYLES CC75, CCR75 CK12, CKR11 CC76, CCR76 CK13, CKR12 CC77, CCR77 CK14, CKR14 CC78, CCR78 CK15, CKR15 CC79, CCR79 CK16, CKR16 L .160 .010 (4.06 .25) .250 .010 (6.35 .25) .390 .010 (9.91 .25) .500 .020 (12.70 .51) .690 .030 (17.53 .76) D .090 .010 (2.29 .25) .090 .010 (2.29 .25) .140 .010 (3.56 .25) .250 .015 (6.35 .38) .350 .020 (8.89 .51) C .020, +.000, -.003 (.51, +.00, -.08) .020, +.000, -.003 (.51, +.00, -.08) .025, +.004, -.001 (.64, +.10, -.025) .025, +.004, -.001 (.64, +.10, -.025) .025, +.004, -.001 (.64, +.10, -.025)
CAPACITOR OUTLINE DRAWINGS -- (RADIAL LEADS) C052
H L W
C062, C512, & C522
L
W
H
1.25 Min.
Lead Dia. .025 (+.004 -.002)
.045 Max.
Center Line of leads within .030" of Center Line of case.
1.25 Min.
Lead Dia. .025 (+.004 -.002) S
S
DIMENSIONS--INCHES & (MILLIMETERS)
CASE SIZE C052 C062 C512 C522 H HEIGHT .190 .010 (4.83 .25) .290 .010 (7.37 .25) .480 .020 (12.19 .51) .480 .020 (12.19 .51) L LENGTH .190 .010 (4.83 .25) .290 .010 (7.37 .25) .480 .020 (12.19 .51) .480 .020 (12.19 .51) W WIDTH .090 .010 (2.29 .25) .090 .010 (2.29 .25) .140 .010 (3.56 .25) .240 .010 (6.10 .25)
.200 .015 (5.08 .38) .200 .015 (5.08 .38) .400 .020 (10.16 .51) .400 .020 (10.16 .51)
CC06, CCR06 CK06, CKR06 CC07, CCR07 CC08, CCR08
For packaging information, see pages 39, 40 and 41.
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 21
Ceramic Molded Axial/Radial - Standard
MILITARY EQUIVALENT STYLES CC05, CCR05 CK05, CKR05
S LEAD SPACING
CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
ORDERING INFORMATION C 052 C 102 K 2 R 5 C A**
CERAMIC *CASE SIZE
(See Table Below)
FAILURE RATE
A -- Not Applicable (Std.)
SPECIFICATION
Standard C -- Standard
LEAD MATERIAL
C -- Standard T -- 100% Tin plated (C052, C062 only)
CAPACITANCE
In picofarad code: First two digits are significant figures and third is number of zeroes following (except 9 indicates division by 10). Examples: 0.1 F = 100,000 pF = 104 and 9.1 pF = 919. See tables for Standard Values.
INTERNAL CONSTRUCTION
5 -- Standard
CAPACITANCE TOLERANCE
Standard M -- 20% K -- 10% J -- 5% Others H -- 3% G -- 2% F -- 1% D -- .5 pF
WORKING VOLTAGE
1 -- 100 2 -- 200 5 -- 50
TEMPERATURE CHARACTERISTIC
KEMET EIA Designator Equivalent G C0G (Ultra (NPO) Stable) R X7R (Stable) Cap. Change With Temp. Measured Without Temp. DC Bias Range, C Voltage -55 to 30 +125 ppm/C -55 to +125 15%
Standard tolerances for each Series are shown in the repetitive parts lists.
*CASE SIZES RADIAL AXIAL C052 C114 C062 C124 C512 C192 C522 C202 C222
**Part Number Example: C052C102K2R5CA (14 digits - no spaces)
AXIAL CAPACITOR MARKING
STANDARD C114C, C124C, C192C, C202C & C222C
KC0G 101J 200V 0512 KEMET, Temperature Characteristic Capacitance, Capacitance Tolerance Voltage Date Code
RADIAL CAPACITOR MARKING
C052C & C062C STANDARD MARKING
FRONT Style Temperature Characteristic Capacitance, Capacitance Tolerance C062 X7R 104K BACK 100V K 0511 Voltage KEMET Date Code
C512 & C522 STANDARD MARKING
KEMET C512X7R 105K 50V 0532 KEMET SIZE and Temperature Characteristic Capacitance, Capacitance Tolerance, Voltage Date Code
22
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC MOLDED/AXIAL - STANDARD
ULTRA-STABLE TEMPERATURE CHARACTERISTIC--C0G (NP0)
RATINGS & PART NUMBER REFERENCE
CAPACITANCE pF KEMET PART NUMBER CAPACITANCE pF 200 VOLT 390.0 470.0 560.0 100 VOLT 820.0 1,000.0 200 VOLT 680.0 820.0 1,000.0 1,200.0 1,500.0 1,800.0 2,200.0 2,700.0 3,300.0 3,900.0 4,700.0 100 VOLT 1,200.0 1,500.0 1,800.0 2,200.0 2,700.0 3,300.0 3,900.0 4,700.0 5,600.0 6,800.0 8,200.0 KEMET PART NUMBER CAPACITANCE pF 200 VOLT -- 5,600.0 6,800.0 8,200.0 10,000.0 12,000.0 15,000.0 18,000.0 22,000.0 100 VOLT -- 10,000.0 12,000.0 15,000.0 18,000.0 22,000.0 27,000.0 33,000.0 200 VOLT -- 27,000.0 33,000.0 39,000.0 47,000.0 100 VOLT -- 39,000.0 47,000.0 56,000.0 68,000.0 82,000.0 100,000.0 KEMET PART NUMBER
200 VOLT -- C114 STANDARD C0G 1.0 C114C109(1)2G5CA 1.5 C114C159(1)2G5CA 2.2 C114C229(1)2G5CA 2.7 C114C279(1)2G5CA 3.3 C114C339(1)2G5CA 3.9 C114C399(1)2G5CA 4.7 C114C479(1)2G5CA 5.6 C114C569(1)2G5CA 6.8 C114C689(1)2G5CA 8.2 C114C829(1)2G5CA 10.0 C114C100(2)2G5CA 12.0 C114C120(2)2G5CA 15.0 C114C150(2)2G5CA 18.0 C114C180(2)2G5CA 22.0 C114C220(2)2G5CA 27.0 C114C270(3)2G5CA 33.0 C114C330(3)2G5CA 39.0 C114C390(3)2G5CA 47.0 C114C470(3)2G5CA 56.0 C114C560(4)2G5CA 68.0 C114C680(4)2G5CA 82.0 C114C820(4)2G5CA 100.0 C114C101(4)2G5CA 120.0 C114C121(4)2G5CA 150.0 C114C151(4)2G5CA 180.0 C114C181(4)2G5CA 220.0 C114C221(4)2G5CA 270.0 C114C271(4)2G5CA 330.0 C114C331(4)2G5CA 100 VOLT -- C114 STANDARD C0G 82.0 C114C820(4)1G5CA 100.0 C114C101(4)1G5CA 120.0 C114C121(4)1G5CA 150.0 C114C151(4)1G5CA 180.0 C114C181(4)1G5CA 220.0 C114C221(4)1G5CA 270.0 C114C271(4)1G5CA 330.0 C114C331(4)1G5CA 390.0 C114C391(4)1G5CA 470.0 C114C471(4)1G5CA 560.0 C114C561(4)1G5CA 680.0 C114C681(4)1G5CA
NOTE 1: Insert proper symbol for capacitance tolerance as follows: (1) (2) (3) (4)
-- C124 STANDARD C0G C124C391(4)2G5CA C124C471(4)2G5CA C124C561(4)2G5CA -- C124 STANDARD C0G C124C821(4)1G5CA C124C102(4)1G5CA -- C192 STANDARD C0G C192C681(4)2G5CA C192C821(4)2G5CA C192C102(4)2G5CA C192C122(4)2G5CA C192C152(4)2G5CA C192C182(4)2G5CA C192C222(4)2G5CA C192C272(4)2G5CA C192C332(4)2G5CA C192C392(4)2G5CA C192C472(4)2G5CA -- C192 STANDARD C0G C192C122(4)1G5CA C192C152(4)1G5CA C192C182(4)1G5CA C192C222(4)1G5CA C192C272(4)1G5CA C192C332(4)1G5CA C192C392(4)1G5CA C192C472(4)1G5CA C192C562(4)1G5CA C192C682(4)1G5CA C192C822(4)1G5CA
C202 STANDARD C0G C202C562(4)2G5CA C202C682(4)2G5CA C202C822(4)2G5CA C202C103(4)2G5CA C202C123(4)2G5CA C202C153(4)2G5CA C202C183(4)2G5CA C202C223(4)2G5CA C202 STANDARD C0G C202C103(4)1G5CA C202C123(4)1G5CA C202C153(4)1G5CA C202C183(4)1G5CA C202C223(4)1G5CA C202C273(4)1G5CA C202C333(4)1G5CA C222 STANDARD C0G C222C273(4)2G5CA C222C333(4)2G5CA C222C393(4)2G5CA C222C473(4)2G5CA C222 STANDARD C0G C222C393(4)1G5CA C222C473(4)1G5CA C222C563(4)1G5CA C222C683(4)1G5CA C222C823(4)1G5CA C222C104(4)1G5CA
NOTE 1: Insert proper symbol for capacitance tolerance as follows: (1) 1.0 pF to 8.2 pF: D-- .5 pF (2) 10.0 pF to 22 pF: J-- 5%, K-- 10% (3) 27.0 pF to 47 pF: G-- 2%, J-- 5%, K-- 10% (4) 56.0 pF and up: F-- 1%,G-- 2%, J-- 5%, K-- 10%
NOTE 1: Insert proper symbol for capacitance tolerance as follows: (1) (2) (3) (4) 1.0 pF to 8.2 pF: D-- .5 pF 10.0 pF to 22 pF: J-- 5%, K-- 10% 27.0 pF to 47 pF: G-- 2%, J-- 5%, K-- 10% 56.0 pF and up: F-- 1%,G-- 2%, J-- 5%, K-- 10%
1.0 pF to 8.2 pF: D-- .5 pF 10.0 pF to 22 pF: J-- 5%, K-- 10% 27.0 pF to 47 pF: G-- 2%, J-- 5%, K-- 10% 56.0 pF and up: F-- 1%,G-- 2%, J-- 5%, K-- 10%
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
23
Ceramic Molded Axial/Radial - Standard
CERAMIC MOLDED/RADIAL - STANDARD
ULTRA-STABLE TEMPERATURE CHARACTERISTIC--C0G (NP0) RATINGS & PART NUMBER REFERENCE
CAPACITANCE KEMET pF PART NUMBER 200 VOLT -- C052 SIZE C0G 1.0 C052C109(1)2G5CA 1.5 C052C159(1)2G5CA 2.2 C052C229(1)2G5CA 2.7 C052C279(1)2G5CA 3.3 C052C339(1)2G5CA 3.9 C052C399(1)2G5CA 4.7 C052C479(1)2G5CA 5.6 C052C569(1)2G5CA 6.8 C052C689(1)2G5CA 8.2 C052C829(1)2G5CA 10.0 C052C100(2)2G5CA 12.0 C052C120(2)2G5CA 15.0 C052C150(2)2G5CA 18.0 C052C180(2)2G5CA 22.0 C052C220(2)2G5CA 27.0 C052C270(3)2G5CA 33.0 C052C330(3)2G5CA 39.0 C052C390(3)2G5CA 47.0 C052C470(3)2G5CA 56.0 C052C560(4)2G5CA 68.0 C052C680(4)2G5CA 82.0 C052C820(4)2G5CA 100.0 C052C101(4)2G5CA 120.0 C052C121(4)2G5CA 150.0 C052C151(4)2G5CA 180.0 C052C181(4)2G5CA 220.0 C052C221(4)2G5CA 270.0 C052C271(4)2G5CA 330.0 C052C331(4)2G5CA 390.0 C052C391(4)2G5CA 470.0 C052C471(4)2G5CA 560.0 C052C561(4)2G5CA 680.0 C052C681(4)2G5CA 820.0 C052C821(4)2G5CA 1,000.0 C052C102(4)2G5CA 1,200.0 C052C122(4)2G5CA 1,500.0 C052C152(4)2G5CA 1,800.0 C052C182(4)2G5CA 2,200.0 C052C222(4)2G5CA 2,700.0 C052C272(4)2G5CA 100 VOLT -- C052 SIZE C0G 390.0 C052C391(4)1G5CA 470.0 C052C471(4)1G5CA 560.0 C052C561(4)1G5CA 680.0 C052C681(4)1G5CA 820.0 C052C821(4)1G5CA 1,000.0 C052C102(4)1G5CA 1,200.0 C052C122(4)1G5CA 1,500.0 C052C152(4)1G5CA 1,800.0 C052C182(4)1G5CA 2,200.0 C052C222(4)1G5CA 2,700.0 C052C272(4)1G5CA 3,300.0 C052C332(4)1G5CA 3,900.0 C052C392(4)1G5CA 4,700.0 C052C472(4)1G5CA
NOTE 1: Insert proper symbol for capacitance tolerance as follows: (1) (2) (3) (4) 1.0 pF to 8.2 pF: D-- .5 pF 10.0 pF to 22 pF: J-- 5%, K-- 10% 27.0 pF to 47 pF: G-- 2%, J-- 5%, K-- 10% 56.0 pF and up: F-- 1%,G-- 2%, J-- 5%, K-- 10%
CAPACITANCE pF 200 VOLT 3,300.0 3,900.0 4,700.0 5,600.0 6,800.0 8,200.0 10,000.0 100 VOLT 5,600.0 6,800.0 8,200.0 10,000.0 12,000.0 15,000.0 18,000.0 22,000.0 200 VOLT 12,000.0 15,000.0 18,000.0 22,000.0 27,000.0 33,000.0 39,000.0 47,000.0 56,000.0 68,000.0 100 VOLT 27,000.0 33,000.0 39,000.0 47,000.0 56,000.0 68,000.0 82,000.0 100,000.0 200 VOLT 82,000.0 100,000.0 100 VOLT 120,000.0 150,000.0 180,000.0
KEMET PART NUMBER -- C062 SIZE C0G C062C332(4)2G5CA C062C392(4)2G5CA C062C472(4)2G5CA C062C562(4)2G5CA C062C682(4)2G5CA C062C822(4)2G5CA C062C103(4)2G5CA -- C062 SIZE C0G C062C562(4)1G5CA C062C682(4)1G5CA C062C822(4)1G5CA C062C103(4)1G5CA C062C123(4)1G5CA C062C153(4)1G5CA C062C183(4)1G5CA C062C223(4)1G5CA -- C512 SIZE C0G C512C123(4)2G5CA C512C153(4)2G5CA C512C183(4)2G5CA C512C223(4)2G5CA C512C273(4)2G5CA C512C333(4)2G5CA C512C393(4)2G5CA C512C473(4)2G5CA C512C563(4)2G5CA C512C683(4)2G5CA -- C512 SIZE C0G C512C273(4)1G5CA C512C333(4)1G5CA C512C393(4)1G5CA C512C473(4)1G5CA C512C563(4)1G5CA C512C683(4)1G5CA C512C823(4)1G5CA C512C104(4)1G5CA -- C522 SIZE C0G C522C823(4)2G5CA C522C104(4)2G5CA -- C522 SIZE C0G C522C124(4)1G5CA C522C154(4)1G5CA C522C184(4)1G5CA
NOTE 1: Insert proper symbol for capacitance tolerance as follows: (1) (2) (3) (4) 1.0 pF to 8.2 pF: D-- .5 pF 10.0 pF to 22 pF: J-- 5%, K-- 10% 27.0 pF to 47 pF: G-- 2%, J-- 5%, K-- 10% 56.0 pF and up: F-- 1%,G-- 2%, J-- 5%, K-- 10%
24
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC MOLDED/AXIAL - STANDARD
STABLE TEMPERATURE CHARACTERISTIC--X7R
RATINGS & PART NUMBER REFERENCE
CAPACI- KEMET TANCE TOL. % PART NUMBER pF 100 VOLT -- C114 SIZE 10 10 C114C100K1R5CA 10 20 C114C100M1R5CA 12 10 C114C120K1R5CA 15 10 C114C150K1R5CA 15 20 C114C150M1R5CA 18 10 C114C180K1R5CA 22 20 C114C220K1R5CA 22 10 C114C220M1R5CA 27 10 C114C270K1R5CA 33 10 C114C330K1R5CA 33 20 C114C330M1R5CA 39 10 C114C390K1R5CA 47 10 C114C470K1R5CA 47 20 C114C470M1R5CA 56 10 C114C560K1R5CA 68 10 C114C680K1R5CA 68 20 C114C680M1R5CA 82 10 C114C820K1R5CA 100 10 C114C101K1R5CA 100 20 C114C101M1R5CA 120 10 C114C121K1R5CA 150 10 C114C151K1R5CA 150 20 C114C151M1R5CA 180 10 C114C181K1R5CA 220 10 C114C221K1R5CA 220 20 C114C221M1R5CA 270 10 C114C271K1R5CA 330 10 C114C331K1R5CA 330 20 C114C331M1R5CA 390 10 C114C391K1R5CA 470 10 C114C471K1R5CA 470 20 C114C471M1R5CA 560 10 C114C561K1R5CA 680 10 C114C681K1R5CA 680 20 C114C681M1R5CA 820 10 C114C821K1R5CA 1,000 10 C114C102K1R5CA 1,000 20 C114C102M1R5CA 1,200 10 C114C122K1R5CA 1,500 10 C114C152K1R5CA 1,500 20 C114C152M1R5CA 1,800 10 C114C182K1R5CA 2,200 10 C114C222K1R5CA 2,200 20 C114C222M1R5CA 2,700 10 C114C272K1R5CA 3,300 10 C114C332K1R5CA 3,300 20 C114C332M1R5CA 3,900 10 C114C392K1R5CA 4,700 10 C114C472K1R5CA 4,700 20 C114C472M1R5CA 50 VOLT -- C114 SIZE 5,600 10 C114C562K5R5CA 6,800 10 C114C682K5R5CA 6,800 20 C114C682M5R5CA 8,200 10 C114C822K5R5CA 10,000 10 C114C103K5R5CA 10,000 20 C114C103M5R5CA CAPACI- KEMET TANCE TOL. % PART NUMBER pF 100 VOLT -- C124 SIZE 5,600 10 C124C562K1R5CA 6,800 10 C124C682K1R5CA 6,800 20 C124C682M1R5CA 8,200 10 C124C822K1R5CA 10,000 10 C124C103K1R5CA 10,000 20 C124C103M1R5CA 50 VOLT -- C124 SIZE 12,000 10 C124C123K5R5CA 15,000 10 C124C153K5R5CA 15,000 20 C124C153M5R5CA 18,000 10 C124C183K5R5CA 22,000 10 C124C223K5R5CA 22,000 20 C124C223M5R5CA 27,000 10 C124C273K5R5CA 33,000 10 C124C333K5R5CA 33,000 20 C124C333M5R5CA 39,000 10 C124C393K5R5CA 47,000 10 C124C473K5R5CA 47,000 20 C124C473M5R5CA 100 VOLT -- C192 SIZE 12,000 10 C192C123K1R5CA 15,000 10 C192C153K1R5CA 15,000 20 C192C153M1R5CA 18,000 10 C192C183K1R5CA 22,000 10 C192C223K1R5CA 22,000 20 C192C223M1R5CA 27,000 10 C192C273K1R5CA 33,000 10 C192C333K1R5CA 33,000 20 C192C333M1R5CA 39,000 10 C192C393K1R5CA 47,000 10 C192C473K1R5CA 47,000 20 C192C473M1R5CA 56,000 10 C192C563K1R5CA 68,000 10 C192C683K1R5CA 68,000 20 C192C683M1R5CA 82,000 10 C192C823K1R5CA 100,000 10 C192C104K1R5CA 100,000 20 C192C104M1R5CA 50 VOLT -- C192 SIZE 56,000 10 C192C563K5R5CA 68,000 10 C192C683K5R5CA 68,000 20 C192C683M5R5CA 82,000 10 C192C823K5R5CA 100,000 10 C192C104K5R5CA 100,000 20 C192C104M5R5CA 120,000 10 C192C124K5R5CA 150,000 10 C192C154K5R5CA 150,000 20 C192C154M5R5CA 180,000 10 C192C184K5R5CA 220,000 10 C192C224K5R5CA 220,000 20 C192C224M5R5CA 270,000 10 C192C274K5R5CA CAPACI- KEMET TANCE TOL. % PART NUMBER pF 100 VOLT -- C202 SIZE 56,000 10 C202C563K1R5CA 68,000 10 C202C683K1R5CA 68,000 20 C202C683M1R5CA 82,000 10 C202C823K1R5CA 100,000 10 C202C104K1R5CA 100,000 20 C202C104M1R5CA 120,000 10 C202C124K1R5CA 150,000 10 C202C154K1R5CA 150,000 20 C202C154M1R5CA 180,000 10 C202C184K1R5CA 220,000 10 C202C224K1R5CA 220,000 20 C202C224M1R5CA 270,000 10 C202C274K1R5CA 330,000 10 C202C334K1R5CA 330,000 20 C202C334M1R5CA 50 VOLT -- C202 SIZE 470,000 10 C202C474K5R5CA 470,000 20 C202C474M5R5CA 680,000 10 C202C684K5R5CA 680,000 20 C202C684M5R5CA 1,000,000 10 C202C105K5R5CA 1,000,000 20 C202C105M5R5CA 100 VOLT -- C222 SIZE 470,000 10 C222C474K1R5CA 470,000 20 C222C474M1R5CA 680,000 10 C222C684K1R5CA 680,000 20 C222C684M1R5CA 1,000,000 10 C222C105K1R5CA 1,000,000 20 C222C105M1R5CA 50 VOLT -- C222 SIZE 2,200,000 10 C222C225K5R5CA 2,200,000 20 C222C225M5R5CA 3,300,000 10 C222C335K5R5CA 3,300,000 20 C222C335M5R5CA
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
25
Ceramic Molded Axial/Radial - Standard
CERAMIC MOLDED/RADIAL - STANDARD
STABLE TEMPERATURE CHARACTERISTIC--X7R RATINGS & PART NUMBER REFERENCE
CAPACI- TANCE TOL. % pF 200 VOLT 10 10 10 20 12 10 15 10 15 20 18 10 22 10 22 20 27 10 33 10 33 20 39 10 47 10 47 20 56 10 68 10 68 20 82 10 100 10 100 20 120 10 150 10 150 20 180 10 220 10 220 20 270 10 330 10 330 20 390 10 470 10 470 20 560 10 680 10 680 20 820 10 1,000 10 1,000 20 KEMET PART NUMBER -- C052 SIZE C052C100K2R5CA C052C100M2R5CA C052C120K2R5CA C052C150K2R5CA C052C150M2R5CA C052C180K2R5CA C052C220K2R5CA C052C220M2R5CA C052C270K2R5CA C052C330K2R5CA C052C330M2R5CA C052C390K2R5CA C052C470K2R5CA C052C470M2R5CA C052C560K2R5CA C052C680K2R5CA C052C680M2R5CA C052C820K2R5CA C052C101K2R5CA C052C101M2R5CA C052C121K2R5CA C052C151K2R5CA C052C151M2R5CA C052C181K2R5CA C052C221K2R5CA C052C221M2R5CA C052C271K2R5CA C052C331K2R5CA C052C331M2R5CA C052C391K2R5CA C052C471K2R5CA C052C471M2R5CA C052C561K2R5CA C052C681K2R5CA C052C681M2R5CA C052C821K2R5CA C052C102K2R5CA C052C102M2R5CA CAPACI- KEMET TANCE TOL. % PART NUMBER pF 100 VOLT -- C052 SIZE 1,200 10 C052C122K1R5CA 1,500 10 C052C152K1R5CA 1,500 20 C052C152M1R5CA 1,800 10 C052C182K1R5CA 2,200 10 C052C222K1R5CA 2,200 20 C052C222M1R5CA 2,700 10 C052C272K1R5CA 3,300 10 C052C332K1R5CA 3,300 20 C052C332M1R5CA 3,900 10 C052C392K1R5CA 4,700 10 C052C472K1R5CA 4,700 20 C052C472M1R5CA 5,600 10 C052C562K1R5CA 6,800 10 C052C682K1R5CA 6,800 20 C052C682M1R5CA 8,200 10 C052C822K1R5CA 10,000 10 C052C103K1R5CA 10,000 20 C052C103M1R5CA 50 VOLT -- C052 SIZE 12,000 10 C052C123K5R5CA 15,000 10 C052C153K5R5CA 15,000 20 C052C153M5R5CA 18,000 10 C052C183K5R5CA 22,000 10 C052C223K5R5CA 22,000 20 C052C223M5R5CA 27,000 10 C052C273K5R5CA 33,000 10 C052C333K5R5CA 33,000 20 C052C333M5R5CA 39,000 10 C052C393K5R5CA 47,000 10 C052C473K5R5CA 47,000 20 C052C473M5R5CA 56,000 10 C052C563K5R5CA 68,000 10 C052C683K5R5CA 68,000 20 C052C683M5R5CA 82,000 10 C052C823K5R5CA 100,000 10 C052C104K5R5CA 100,000 20 C052C104M5R5CA 200 VOLT -- C062 SIZE 1,200 10 C062C122K2R5CA 1,500 10 C062C152K2R5CA 1,500 20 C062C152M2R5CA 1,800 10 C062C182K2R5CA 2,200 10 C062C222K2R5CA 2,200 20 C062C222M2R5CA 2,700 10 C062C272K2R5CA 3,300 10 C062C332K2R5CA 3,300 20 C062C332M2R5CA 3,900 10 C062C392K2R5CA 4,700 10 C062C472K2R5CA 4,700 20 C062C472M2R5CA 5,600 10 C062C562K2R5CA 6,800 10 C062C682K2R5CA 6,800 20 C062C682M2R5CA 8,200 10 C062C822K2R5CA 10,000 10 C062C103K2R5CA 10,000 20 C062C103M2R5CA CAPACI- KEMET TANCE TOL. % PART NUMBER pF 100 VOLT -- C062 SIZE 12,000 10 C062C123K1R5CA 15,000 10 C062C153K1R5CA 15,000 20 C062C153M1R5CA 18,000 10 C062C183K1R5CA 22,000 10 C062C223K1R5CA 22,000 20 C062C223M1R5CA 27,000 10 C062C273K1R5CA 33,000 10 C062C333K1R5CA 33,000 20 C062C333M1R5CA 39,000 10 C062C393K1R5CA 47,000 10 C062C473K1R5CA 47,000 20 C062C473M1R5CA 56,000 10 C062C563K1R5CA 68,000 10 C062C683K1R5CA 68,000 20 C062C683M1R5CA 82,000 10 C062C823K1R5CA 100,000 10 C062C104K1R5CA 100,000 20 C062C104M1R5CA 50 VOLT -- C062 SIZE 120,000 10 C062C124K5R5CA 150,000 10 C062C154K5R5CA 150,000 20 C062C154M5R5CA 180,000 10 C062C184K5R5CA 220,000 10 C062C224K5R5CA 220,000 20 C062C224M5R5CA 270,000 10 C062C274K5R5CA 330,000 10 C062C334K5R5CA 330,000 20 C062C334M5R5CA 390,000 10 C062C394K5R5CA 470,000 10 C062C474K5R5CA 470,000 20 C062C474M5R5CA 560,000 10 C062C564K5R5CA 680,000 10 C062C684K5R5CA 680,000 20 C062C684M5R5CA 820,000 10 C062C824K5R5CA 1,000,000 10 C062C105K5R5CA 1,000,000 20 C062C105M5R5CA 50 VOLT -- C512 SIZE 1,000,000 10 C512C105K5X5CA 1,000,000 20 C512C105M5X5CA 1,500,000 10 C512C155K5X5CA 1,500,000 20 C512C155M5X5CA 2,000,000 10 C512C205K5X5CA 2,000,000 20 C512C205M5X5CA 2,200,000 10 C512C225K5X5CA 2,200,000 20 C512C225M5X5CA 100 VOLT -- C522 SIZE 1,000,000 10 C522C105K1X5CA 1,000,000 20 C522C105M1X5CA 50 VOLT -- C522 SIZE 2,700,000 10 C522C275K5X5CA 2,700,000 20 C522C275M5X5CA 3,300,000 10 C522C335K5X5CA 3,300,000 20 C522C335M5X5CA
26
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC LEADED
PACKAGING INFORMATION
Ceramic Axial
Lead Tape and Reel Packaging
Figure 1
KEMET offers standard reeling of Molded and Conformally Coated Axial Leaded Ceramic Capacitors for automatic insertion or lead forming machines per EIA specification RS-296. KEMET'S internal specification four-digit suffix, 7200, is placed at the end of the part number to designate tape and reel packaging, ie: C410C104Z5U5CA7200. Paper (50 lb.) test minimum is inserted between the layers of capacitors wound on reels for component pitch 0.400". Capacitor lead length may extend only a maximum of .0625" (1.59mm) beyond the tapes' edges. Capacitors are centered in a row between the two tapes and will deviate only 0.031 (0.79mm) from the row center. A minimum of 36" (91.5 cm) leader tape is provided at each end of the reel capacitors. Universal splicing clips are used to connect the tape. Standard reel quantities are shown on page 41.
Adhesive Tape
KEMET
(R)
KEMET
(R)
Adhesive Tape
Kraft Paper Interleaving
Figure 2
10.5" - 14" (26.67 35.56cm) .059" to .315" Greater Than Component Length
Figure 3
*
Hub
.047" Max (1.20)
.655" 0.010" (16.6 0.25)
3 1 /4 " (82.6) 1/ " 8 (3.18) See Table 1 (B)
*
See Table 1 (A)
.250" Nom. (6.35)
Table 1
Dimensions in Inches & (Millimeters)
Component Body Diameter Component Pitch "A"
0.020" or (0.5mm)
Inside Tape Spacing "B" 1.5mm (0.059")
I 2.062" (52.4mm) 2.874" (73mm) III*
0" (0mm) to 0.197" (5mm) 0.197" (5.01mm) to 0.394: (10mm)
0.197" or (5mm) 0.394" or (10mm)
* Not Available for Conformally Coated Parts.
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
39
Tape and Reel Packaging
CERAMIC LEADED
PACKAGING INFORMATION
Ceramic Radial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally Coated Radial Leaded Ceramic Capacitors for automatic insertion per EIA specification RS-468. Parts are taped to a tagboard carrier strip, and wound on a reel as shown in Figure 1. Kraft paper interleaving is inserted between the layers of capacitors on the reel. Ammopack is also available, with the same lead tape configuration and package quantities.
Figure 1
(R)
Carrier Strip
KEMET
12" (30.48 cm)
*
.059" to .315" Greater Than Over All Height of Taped Components
KEMET
Adhesive Tape
(R)
Hub
.655" 0.010" (16.6 0.25)
31/4" (82.6) 1/ " 8 (3.18)
Carrier Tape
Kraft Paper Interleaving
Figure 3: Standard Reel
C315* C320* C330** C340** C6xx#
C056** C066**
(Note: Non-standard lead lengths available in bulk only.)
CK06** CKR06** C062**
CK05** CKR05** C052**
P
C317** C322** C323**
C6xx# C333**
H
P2
H1 D0
P1
1MM Max. (.039")
H
H0
W2
W0
L1
W Tape
W2
Carrier
F
T
Figure 2: Lead Tape Configuration (See Table Below)
P0
* Lead spacings are 2.54mm (.10") center-to-center. ** Lead spacings are 5.08mm (.20") center-to-center. # See page 15 for exact lead configuration for Series.
Ceramic Radial Tape and Reel Dimensions in Millimeters & (Inches)
Dimension Sprocket Hole Diameter Sprocket Hole Pitch Component Pitch Lead Spacing (1) Sprocket Hole Center to Lead Center (1) Sprocket Hole Center to Component Center Height to Seating Plane (straight leads) (2) Component Height Above Tape Center Symbol Do P0 P F P1 P2 H H1 Nominal mm (inch) 4.0 (.157) 12.7 (.500) 12.7 (.500) 5.08 2.54 (.20) (.10) 3.81 5.08 (.150) (.200) 6.35 (.250) Tolerance mm (inch) 0.2 (.008) 0.3 (.012) 0.3 (.012) +0.6 -0.2 (+.024 -.008) 0.7 (.028) 1.3 (.051) Nominal Tolerance Dimension Symbol mm (inch) mm (inch) H0 Height to Seating 7301 7303 7301 7303 Plane (formed leads) (2) 16.0 (.630) 18.0 (.709) 0.5 (.020) Minimum Component Alignment h 4.0 (.157) 0.2 (.008) Lead Protrusion Composite Tape Thickness Overall Tape and Lead Thickness Carrier Tape Width Hold-Down Tape Width Hold-Down Tape Location L1 t T W W0 W2 1.0 (.039) 0.7 (.051) 1.5 (.059) 18.0 (.709) 5.0 (.197) 3.0 (.118) Maximum 0.2 (.008) Maximum +1.0 - 0.5 (+.039 -.020) Minimum Maximum
7301 7303 7301 7303 16.0 (.630) 18.0 (.709) 0.5 (.020) Minimum 32.2 (1.27) Maximum
(1) Measured at the egress from the carrier tape, on the component side. (2) Determined by a 4 digit suffix placed at the end of the part number, as follows: 7301 = Recommended for parts with formed leads. Example: C322C104K5R5CA7301 7303 = Recommended for parts with straight leads. Example: C320C104K5R5CA7303
40
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC LEADED
PACKAGING INFORMATION
CERAMIC PACKAGING
KEMET Series C114C-K-G C124C-K-G C192C-K-G C202C-K C222C-K C052C-K-G C062C-K-G C114G C124G C192G C202G C222G C052/56G C062/66G C512G C522G C114T C124T C192T C202T C222T C052/56T C062/66T C31X C32X C33X C340 C350 C410 C412 C420 C430 C440 C512 C522 C617 C622/C623 C627/C628 C630/C631 C637/C638 C640/C641 C642/C643 C647/C648 C657/C658 C667/C668 Military Style CK12, CC75 CK13, CC76 CK14, CC77 CK15 CK16 CK05, CC05 CK06, CC06 CCR75 CCR76 CCR77 CC78-CCR78 CC79-CCR79 CCR05 CCR06 CC07-CCR07 CC08-CCR08 CKR11 CKR12 CKR14 CKR15 CKR16 CKR05 CKR06 Military Specification MIL-C-11015/ MIL-PRF-20 Standard (1) Bulk Quantity 200/Box 200/Box 100/Box 25/Box 10/Tray 100/Bag 100/Bag 200/Box 200/Box 100/Box 25/Box 10/Tray 100/Bag 100/Bag Footnote (2) Footnote (2) 200/Box 200/Box 100/Box 25/Box 10/Tray 100/Bag 100/Bag 500/Bag 500/Bag 250/Bag 100/Bag 50/Bag 300/Box 200/Box 300/Box 200/Box 200/Box Footnote (2) Footnote (2) 500/Bag 500/Bag 500/Bag 250/Bag 250/Bag 100/Bag 100/Bag 100/Bag 50/Bag 50/Bag Ammo Pack Quantity Maximum Maximum Reel Quantity 5000 5000 3000 500 300 2000 1500 5000 5000 3000 500 300 1700 1500 N/A N/A 5000 5000 3000 500 300 1700 1500 2500 2500 1500 1000 N/A 5000 5000 5000 2500 2500 N/A N/A Reel Size 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" N/A N/A 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" 12" N/A 12" 12" 12" 12" 12" N/A N/A
2000 1500
MIL-PRF-20
MIL-PRF-39014
N/A N/A
N/A N/A
NOTE: (1) Standard packaging refers to number of pieces per bag, tray or vial. (2) Quantity varies. For further details, please consult the factory.
(c) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
41
Tape and Reel Packaging
2500 2500 1500 1000 N/A 4000 4000 4000 2000 2000


▲Up To Search▲   

 
Price & Availability of C062C479K2G5CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X