|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Bulletin Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric Outline Drawing W T S ELECTRODES L B NICKEL PLATE CONDUCTIVE METALLIZATION TIN PLATE Dimensions - Millimeters (Inches) EIA Size Metric Size Code Code 0201 0603 L Length 0.6 (.024) 0.03 (.001) W Width 0.3 (.012) 0.03 (.001) B Bandwidth 0.15 (.006) 0.05 (.002) S Separation - See Capacitance Value Table below for thickness dimension. Capacitance Value Capacitance Value (pF) 10 12 15 18 22 27 33 39 47 56 68 82 100 KEMET Part Number C0201C100D3GAC C0201C120J3GAC C0201C150J3GAC C0201C180J3GAC C0201C220J3GAC C0201C270J3GAC C0201C330J3GAC C0201C390J3GAC C0201C470J3GAC C0201C560J3GAC C0201C680J3GAC C0201C820J3GAC C0201C101J3GAC Voltage 25 25 25 25 25 25 25 25 25 25 25 25 25 Capacitance Tolerance D J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M Thickness 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) 0.3 (.012) 0.03 (.001) Qty 7" Reel 15,000 15,000 15,000 15,000 15,000 15,000 15,000 15,000 15,000 15,000 15,000 15,000 15,000 F-9080B 07/06 Capacitor Ordering Information C 0201 Style C - Ceramic Size Code See dimension table Specification C - Standard C 101 J 3 G A C End Metallization C = Standard (Tin-plate nickel barrier) Failure Rate Level A = Not Applicable Capacitance Code, pF First two digits represent significant figures. Third digit specifies number of zeros. 100 pF = 101. (Use "9" for 1.0 through 9.9 pF) (Use "8" for 0.1 through .99 pF) Capacitance Tolerance D = 0.5pF J = 5% K = 10% M = 20% Temperature Characteristic Designated by Capacitance Change Over Temperature Range G = C0G (030 ppm/C) (-55C +125C) Voltage 3 = 25V Electrical Parameters As detailed in the KEMET Surface Mount Catalog F3102 for C0G, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +125C, with no-bias capacitance shift limited to 30 ppm/C over that range. * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 10,000 M, minimum. * Capacitance and Quality Factor (Q) measured at 1 MHz and 0.5 Vrms: DF limit is 0.1% Q = (< 30 pF: Q 400 + 20C; > 30pF: Q 1000) C = Nominal Capacitance Soldering Process These components are suitable for reflow only. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. Marking These chips will be supplied unmarked. In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog. F-9080B 07/06 (c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com |
Price & Availability of C0201C820J3GAC |