Part Number Hot Search : 
SG1846L ATA7601 4HC04 W91445 1N5228 S1T8501 BR3060 AP4951GM
Product Description
Full Text Search
 

To Download C-5880Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C/A-5880X 2.3 INCH, 8 X 8 DOT MATRIX DISPLAY
Shape Part No. Common Common Cathode Anode Chip Raw Material Emitted Color Wave Length p(nm) Electro-Optical Characteristics Vf(V)20mA Iv(ucd)10mA Typ. Max. Typ. Fig. No.
C-5880H C-5880E C-5880G C-5880Y C-5880SR
A-5880H A-5880E A-5880G A-5880Y A-5880SR
GaP GaAsP/GaP GaP GaAsP/GaP GaAlAs
Red Hi.effi Red Green Yellow Super Red
700 635 565 585 660
2.1 2.0 2.1 2.1 1.8
2.8 2.8 2.8 2.8 2.4
1000 3600 3400 3400 10000
D93
Fig.D93
1.All dimension are in millimeters (inches). 2.Tolerance is 0.25 mm (0.01") unless otherwise specified.


▲Up To Search▲   

 
Price & Availability of C-5880Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X