Part Number Hot Search : 
C3120 93Z667LC 2SK2514 C2489 AWU6601 F11NM 55C56 SA130
Product Description
Full Text Search
 

To Download BZX84C9V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
BZX84C2V4 - BZX84C51
Pb
350mW SURFACE MOUNT ZENER DIODE
Features
! ! ! ! ! ! Planar Die Construction 350mW Power Dissipation 2.4 - 51V Nominal Zener Voltage 5% Standard Vz Tolerance Designed for Surface Mount Application Plastic Material - UL Recognition Flammability Classification 94V-O A L
B
C M E H D
Dim A B C D E G H J K L M SOT-23 Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076 Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178
Mechanical Data
! ! ! ! ! ! ! Case: SOT-23, Molded Plastic K Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 0.008 grams (approx.) Mounting Position: Any Marking: Device Code, See Page 2 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 5 J G
TOP VIEW
All Dimensions in mm
Maximum Ratings @TA=25C unless otherwise specified
Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1) Forward Voltage @ IF = 10mA Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range Symbol Pd VF RJA Tj, TSTG Value 350 0.9 357 -65 to +150 Unit mW V C/W C
Note: 1. Valid provided that device terminals are kept at ambient temperature.
BZX84C2V4 - BZX84C51
1 of 5
(c) 2006 Won-Top Electronics
Electrical Characteristics
@TA=25C unless otherwise specified
Type Number (Note 1)
Device Marking Code
Zener Voltage Range (Note 2) VZ @ IZT Nom (V) Min (V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 44.65 48.45 Max (V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 49.35 53.55
Maximum Zener Impedance (Note 3) ZZT @ IZT () 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 100 (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 ZZK @ IZK () 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 375 375 400 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max Reverse Leakage Current IR (A) 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14 15.4 16.8 18.9 21 23.1 25.2 27.3 30.1 32.9 38
Temp. Coefficient of Zener Voltage @ IZT mV / C Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 10.0 10.0 10.0 Max 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 25.3 29.4 33.4 37.4 41.2 12 12 12
BZX84C2V4 BZX84C2V7 BZX84C3 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39 BZX84C43 BZX84C47 BZX84C51
W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX WY WZ XA
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of 5%. 2. Measured with pulses tp = 5ms. 3. f = 1KHz
BZX84C2V4 - BZX84C51
2 of 5
(c) 2006 Won-Top Electronics
500
See Note 1
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8 C8V2
C3V3
Pd, Power Dissipation (mW)
IZ, ZENER CURRENT (mA)
400
40
C4V7
300
30
200
20
100
10
Test Current IZ 5.0mA
0 0
100
200
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
C39
C47
2
10
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
30
Tj = 25C
C10
C12
10
Tj = 25C
C43 C51
IZ, ZENER CURRENT (mA)
20
C15
IZ, ZENER CURRENT (mA)
8
6
C18
10
C22
Test current IZ 2mA
C27
C33
C36
4
Test Current IZ 2mA
Test current IZ 5mA
2
0
0
10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics
1000
40
0 10 30 40 50 60 70 80 90 100 VZ, ZENER VOLTAGE (V) Fig. 4 Zener Breakdown Characteristics 20
Tj = 25 C
Cj, JUNCTION CAPACITANCE (pF)
VR = 1V
VR = 2V
100
VR = 1V
VR = 2V
10 1
10
100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 5 Junction Capacitance vs Nominal Zener Voltage
BZX84C2V4 - BZX84C51
3 of 5
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.035 (0.90)
xx
xx = Device Code, See Page 2
0.035 (0.90)
0.079 (2.0)
0.031 (0.8)
0.037 (0.95)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Inspection Hole Direction of Unreeling
4mm 178mm 8mm
4mm 8mm Product ID Label 1.6mm
Reel Diameter (mm) 178
Quantity (PCS) 3,000
Inner Box Size L x W x H (mm) 187 x 187 x 65
Quantity (PCS) 15,000
Carton Size L x W x H (mm) 390 x 240 x 420
Quantity (PCS) 150,000
Approx. Gross Weight (KG) 10.0
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
BZX84C2V4 - BZX84C51
4 of 5
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
BZX84Cxx-T1
1. 2.
Package Type
SOT-23
Shipping Quantity
3000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, BZX84C2V4-T1-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
BZX84C2V4 - BZX84C51
5 of 5
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of BZX84C9V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X