Part Number Hot Search : 
PSMN013 PSMN013 31M16 12013 1C330 NCS210 G60N100 FR100
Product Description
Full Text Search
 

To Download BZV87-3V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D121
BZV87 series Low-voltage stabistors
Product specification Supersedes data of April 1992 1996 Mar 21
Philips Semiconductors
Product specification
Low-voltage stabistors
FEATURES * Low-voltage stabilization * Forward voltage range: 1.4 to 3.2 V * Total power dissipation: max. 330 mW * Differential resistance range: max. 20 to 35 . APPLICATIONS * Power clipping * Level shifting * Low-voltage regulation * Temperature stabilization.
Cathode indicated by yellow marking band. The diodes are type branded.
handbook, 4 columns
BZV87 series
DESCRIPTION Low-voltage stabilization diode in a small glass SOD80 SMD package. The series consists of four types: BZV87-1V4 to BZV87-3V2.
k
a
MAM061
Fig.1 Simplified outline (SOD80) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR IF PARAMETER continuous reverse voltage continuous forward current BZV87-1V4 BZV87-2V0 BZV87-2V6 BZV87-3V2 Ptot Tstg Tj total power dissipation storage temperature junction temperature Tamb = 25 C - - - - - -65 - 200 150 125 100 330 +150 150 mA mA mA mA mW C C CONDITIONS MIN. - MAX. 10 V UNIT
1996 Mar 21
2
Philips Semiconductors
Product specification
Low-voltage stabistors
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage BZV87-1V4 BZV87-2V0 BZV87-2V6 BZV87-3V2 IR rdif reverse current differential resistance BZV87-1V4 BZV87-2V0 BZV87-2V6 BZV87-3V2 rdif differential resistance BZV87-1V4 BZV87-2V0 BZV87-2V6 BZV87-3V2 rdif differential resistance BZV87-1V4 BZV87-2V0 BZV87-2V6 BZV87-3V2 SF temperature coefficient BZV87-1V4 BZV87-2V0 BZV87-2V6 BZV87-3V2 Cd diode capacitance VR = 0 V; f = 1 MHz IF = 5 mA - - - - - IF = 10 mA; f = 1 kHz - - - - 6 8 9 10 IF = 5 mA; f = 1 kHz - - - - 10 15 18 20 VR = 5 V IF = 1 mA; f = 1 kHz - - - - 55 80 90 100 CONDITIONS IF = 5 mA; see Fig.2 1.30 1.85 2.35 2.85 - - - - - - MIN. TYP.
BZV87 series
MAX. 1.50 2.15 2.80 3.45 200 - - - - 20 30 32.5 35 10 15 17.5 20 - - - - 25 V V V V
UNIT
nA mV/K mV/K mV/K mV/K pF
-3.8 -6.0 -8.5 -11.5 15
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on a FR4 printed-circuit board. PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS VALUE 300 380 UNIT K/W K/W
1996 Mar 21
3
Philips Semiconductors
Product specification
Low-voltage stabistors
GRAPHICAL DATA
BZV87 series
102 handbook, halfpage IF (mA) 1V4 10 2V0 2V6
MBG518
3V2
1
10-1 1 2 3 VF (V) 4
Tj = 25 C.
Fig.2
Forward current as a function of forward voltage; typical values.
1996 Mar 21
4
Philips Semiconductors
Product specification
Low-voltage stabistors
PACKAGE OUTLINE
BZV87 series
handbook, full pagewidth
1.7 O 1.5
0.3 3.7 3.3 Dimensions in mm. Cathode indicated by yellow marking band.
0.3
MBA388 - 2
Fig.3 SOD80.
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Mar 21
5


▲Up To Search▲   

 
Price & Availability of BZV87-3V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X