Part Number Hot Search : 
LQH32C 1N821 5KE18 20035 1N5393 1N5393 MP111 MC9S08S
Product Description
Full Text Search
 

To Download BZ5239CCN3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Dual zener diodes
Spec. No. : C334N3 Issued Date : 2003.05.22 Revised Date : Page No. : 1/3
BZ5239CAN3/BZ5239CCN3
Description
Two ZD5239 diodes are encapsulated in a SOT-23 small plastic SMD package. Two different pinnings are available.
Pinning
Pin 1 2 3 Description BZ5239CA BZ5239CC K1 A1 K2 A2 A1,A2 K1,K2
Outline
SOT-23 3
1
2
Marking: (1)BZ5239CA (2)BZ5239CC Type Marking Code BZ5239CAN3 29A BZ5239CCN3 29C
Diode configuration and symbol
Thermal Characteristics
* Maximum Temperatures Storage Temperature Tstg ................................................................................................... -55~+150 C Junction Temperature Tj ............................................................................................................. +150 C * Maximum Power Dissipation Total Power Dissipation (Ta=25C) Ptot .. ................................................................................ 230 mW * Thermal Resistance, Junction to Ambient JA......................................................543 /W
BZ5239CAN3/BZ5239CCN3
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristic (VF=0.9V Max @IF=10mA.)
Test Current IZT(mA) 20 Zener Voltage VZ(V) 9.1 5% ZZK IZ=0.25mA (, max) 600 ZZT IZ=IZT (, max) 10
Spec. No. : C334N3 Issued Date : 2003.05.22 Revised Date : Page No. : 2/3
Maximum Reverse Current IR(A) 3.0 VR(V) 7.0
Characteristic Curves
Power Derating Curve
250
100
Reverse Current vs Reverse Voltage
Power Dissipation---PD(mW)
200
Reverse Current (mA)
80
150
60
100
40
50
20
0 0 50 100 150 200 Ambient Temperature --- Ta( )
0 4000
5000
6000 7000 8000 Reverse Voltage (mV)
9000
10000
Forward Current vs Forward Voltage 300
250 200
Forward Current (mA)
150
100
50 0 0 200 400 600 800 Forward Voltage (mV) 1000 1200
BZ5239CAN3/BZ5239CCN3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Diagram:
L 3 B 1 2 S
Spec. No. : C334N3 Issued Date : 2003.05.22 Revised Date : Page No. : 3/3
A
Marking:
L4_ 29X
V
G
C D K 3-Lead SOT-23 Plastic Surface Mounted Package. CYStek Package Code: N3 J
H
* BZ5239CAN3: Common Anode. (Marking Code : 29A ) * BZ5239CCN3: Common Cathode. (Marking Code : 29C ) *: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.85 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BZ5239CAN3/BZ5239CCN3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BZ5239CCN3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X