Part Number Hot Search : 
MP810 MAX814 673AB 2SC945P RJK03 LVC1G0 LVC1G0 MM3Z2XVC
Product Description
Full Text Search
 

To Download BYX120G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D183
BYX120G High-voltage soft-recovery controlled avalanche rectifier
Product specification Supersedes data of May 1996 1996 Sep 26
Philips Semiconductors
Product specification
High-voltage soft-recovery controlled avalanche rectifier
FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability. APPLICATIONS * Car ignition systems * Automotive applications with extreme temperature requirements. DESCRIPTION Rugged glass package, using a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched.
BYX120G
The package is designed to be used in an insulating medium such as resin, oil or SF6 gas.
handbook, halfpage
k
a
MSB026
The cathode is marked by an orange band on the body.
Fig.1 Simplified outline (SOD88A) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM VRWM IF(AV) IFRM IFSM PRSM Tstg Tj PARAMETER repetitive peak reverse voltage crest working reverse voltage average forward current repetitive peak forward current non-repetitive peak forward current non-repetitive peak reverse power dissipation storage temperature junction temperature continuous maximum 30 mins t = 10 ms half sinewave; Tj = Tj max prior to surge; VR = VRWMmax t = 10 s; triangular pulse; Tj = Tj max prior to surge CONDITIONS MIN. - - - - - - -65 -65 -65 TYP. 3 3 100 5 15 3 +200 +180 +200 MAX. kV kV mA A A kW C C C
1996 Sep 26
2
Philips Semiconductors
Product specification
High-voltage soft-recovery controlled avalanche rectifier
ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL VF V(BR)R IR PARAMETER forward voltage reverse avalanche breakdown voltage reverse current IR = 0.1 mA VR = VRWMmax; Tj = 180 C CONDITIONS IF = 250 mA MIN. - 3.5 - TYP. - - -
BYX120G
MAX. 5 - 75 V
UNIT kV A
THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient CONDITIONS Tamb = Tleads VALUE 55 UNIT K/W
1996 Sep 26
3
Philips Semiconductors
Product specification
High-voltage soft-recovery controlled avalanche rectifier
PACKAGE OUTLINE
handbook, full pagewidth
3.8 max
30.5 min
Dimensions in mm. The marking band indicates the cathode.

BYX120G
0.81 max
8 max
30.5 min
MSA215 - 3
Fig.2 SOD88A.
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Sep 26
4


▲Up To Search▲   

 
Price & Availability of BYX120G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X