Part Number Hot Search : 
LPC23XX 370910 8C503 EL5163 NTE2516 D1616 ICL766 200CT
Product Description
Full Text Search
 

To Download BYW2750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW 27-50 ... BYW 27-1000 Silicon Rectifiers Silizium Gleichrichter
Nominal current - Nennstrom
O 2.6
-0.1
1A 50...1000 V DO-41 DO-204AL 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
0.5
62.5
5.1 -0.1
Type
O 0.8
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack see page 16 siehe Seite 16
Dimensions / Mae in mm
Maximum ratings Type Typ BYW 27-50 BYW 27-100 BYW 27-200 BYW 27-400 BYW 27-600 BYW 27-800 BYW 27-1000 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1 A 1) 0.75 A 1) 10 A 1) 50 A 12.5 A2s - 50...+175/C - 50...+175/C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TA = 75/C TA = 100/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFAV IFRM IFSM i2t Tj TS
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 56 28.02.2002
BYW 27-50 ... BYW 27-1000 Characteristics Forward voltage - Durchlaspannung Leakage current Sperrstrom Tj = 25/C Tj = 25/C Tj = 100/C IF = 1 A VR = VRRM VR = VRRM VF IR IR RthA Kennwerte < 1.3 V < 0.2 :A < 5 :A < 45 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
57


▲Up To Search▲   

 
Price & Availability of BYW2750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X