Part Number Hot Search : 
UF204 OP770B GW40N PK25F120 B5117 PK25F120 800N06N HEF405
Product Description
Full Text Search
 

To Download BYV26G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, 2 columns
M3D116
BYV26 series Fast soft-recovery controlled avalanche rectifiers
Product specification Supersedes data of February 1994 1996 May 30
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability * Available in ammo-pack. DESCRIPTION Rugged glass SOD57 package, using a high temperature alloyed construction.
BYV26 series
This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched.
2/3 page k (Datasheet)
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM PARAMETER repetitive peak reverse voltage BYV26A BYV26B BYV26C BYV26D BYV26E BYV26F BYV26G VR continuous reverse voltage BYV26A BYV26B BYV26C BYV26D BYV26E BYV26F BYV26G IF(AV) average forward current BYV26A to E BYV26F and G IF(AV) average forward current BYV26A to E BYV26F and G IFRM repetitive peak forward current BYV26A to E BYV26F and G
a
MAM047
Fig.1 Simplified outline (SOD57) and symbol.
CONDITIONS
MIN. - - - - - - - - - - - - - -
MAX. 200 400 600 800 1000 1200 1400 200 400 600 800 1000 1200 1400 1.00 1.05 V V V V V V V V V V V V V V A A
UNIT
Ttp = 85 C; lead length = 10 mm; see Figs 2 and 3; averaged over any 20 ms period; see also Figs 10 and 11 Tamb = 60 C; PCB mounting (see Fig.19); see Figs 4 and 5; averaged over any 20 ms period; see also Figs 10 and 11 Ttp = 85 C; see Figs 6 and 7
- - - - - -
0.65 0.68
A A
10.0 9.6
A A
1996 May 30
2
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
SYMBOL IFRM PARAMETER repetitive peak forward current BYV26A to E BYV26F and G IFSM ERSM Tstg Tj non-repetitive peak forward current t = 10 ms half sine wave; Tj = Tj max prior to surge; VR = VRRMmax non-repetitive peak reverse avalanche energy storage temperature junction temperature see Figs 12 and 13 IR = 400 mA; Tj = Tj max prior to surge; inductive load switched off CONDITIONS Tamb = 60 C; see Figs 8 and 9 - - - - -65 -65
BYV26 series
MIN.
MAX. 6.0 6.4 30 10 +175 +175 A A A
UNIT
mJ C C
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage BYV26A to E BYV26F and G VF forward voltage BYV26A to E BYV26F and G V(BR)R reverse avalanche breakdown voltage BYV26A BYV26B BYV26C BYV26D BYV26E BYV26F BYV26G IR reverse current VR = VRRMmax; see Fig.16 VR = VRRMmax; Tj = 165 C; see Fig.16 trr reverse recovery time BYV26A to C BYV26D and E BYV26F and G Cd diode capacitance BYV26A to C BYV26D and E BYV26F and G f = 1 MHz; VR = 0 V; see Figs 17 and 18 when switched from IF = 0.5 A to IR = 1 A; measured at IR = 0.25 A; see Fig.20 IR = 0.1 mA 300 500 700 900 1100 1300 1500 - - - - - - - - - - - - - - - - - - 5 150 V V V V V V V A A IF = 1 A; see Figs 14 and 15 CONDITIONS IF = 1 A; Tj = Tj max; see Figs 14 and 15 MIN. - - - - TYP. - - - - MAX. 1.3 1.3 2.50 2.15 V V V V UNIT
- - - - - -
- - - 45 40 35
30 75 150 - - -
ns ns ns pF pF pF
1996 May 30
3
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
SYMBOL dI R -------dt PARAMETER CONDITIONS MIN.
BYV26 series
TYP.
MAX.
UNIT
maximum slope of reverse recovery when switched from IF = 1 A to VR 30 V and current dIF/dt = -1 A/s; BYV26A to C see Fig.21 BYV26D and E BYV26F and G
- - -
- - -
7 6 5
A/s A/s A/s
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m, see Fig.19. For more information please refer to the "General Part of associated Handbook". PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS lead length = 10 mm VALUE 46 100 UNIT K/W K/W
1996 May 30
4
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
GRAPHICAL DATA
MSA855
BYV26 series
handbook, halfpage
1
handbook, halfpage
2
MLB533
20 15 I F(AV) (A)
10 lead length (mm) I F(AV) (A)
lead length 10 mm 0.5 1
0 0 100 T tp ( oC) 200
0 0 100 T tp ( oC) 200
BYV26A to E a = 1.42; VR = VRRMmax; = 0.5. Switched mode application.
BYV26F and G a = 1.42; VR = VRRMmax; = 0.5. Switched mode application.
Fig.2
Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage).
Fig.3
Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage).
handbook, halfpage
1
MSA856
handbook, halfpage
1
MLB534
I F(AV) (A)
I F(AV) (A)
0.5
0.5
0 0 100 Tamb ( C)
o
0 200 0 100 Tamb ( C)
o
200
BYV26A to E a = 1.42; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.19. Switched mode application.
BYV26F and G a = 1.42; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.19. Switched mode application.
Fig.4
Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage).
Fig.5
Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage).
1996 May 30
5
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV26 series
12 I FRM (A) 10 = 0.05 8
MSA860
6
0.1
4
0.2 0.5 1
2
0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV26A to E. Ttp = 85C; Rth j-tp = 46 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1000 V.
Fig.6 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
10 I FRM (A) 8 = 0.05
MLB535
6
0.1
4
0.2
0.5 2 1 0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV26F and G. Ttp = 85C; Rth j-tp = 46 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1400 V.
Fig.7 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 May 30
6
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV26 series
6 I FRM (A) 5
MSA859
= 0.05
4 0.1 3 0.2 2 0.5 1 1
0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV26A to E Tamb = 60 C; Rth j-a = 100 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1000 V.
Fig.8 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
8 I FRM (A) 6 = 0.05
MLB536
4
0.1
0.2 2 0.5 1 0 10 2
10 1
1
10
10 2
10 3
t p (ms)
10 4
BYV26F and G Tamb = 60 C; Rth j-a = 100 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 1400 V.
Fig.9 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 May 30
7
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
MSA854
BYV26 series
3 P (W) a = 3 2.5 2 2
3 P (W)
MLB532
1.57 2 1.42 1.42 a=3 2.5 2 1.57
1
1
0 0 0.5 I F(AV) (A) 1
0 0 0.5 I F(AV) (A) 1
BYV26A to E a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5.
BYV26F and G a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5.
Fig.10 Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
Fig.11 Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
handbook, halfpage
200
MSA857
handbook, halfpage
200
MLB599
Tj ( oC)
Tj ( oC)
100
100
A
B
C
D
E
F
G
0 0 400 800 V R (V) 1200
0
0
1000
VR (V)
2000
BYV26A to E Solid line = VR. Dotted line = VRRM; = 0.5.
BYV26F and G Solid line = VR. Dotted line = VRRM; = 0.5.
Fig.12 Maximum permissible junction temperature as a function of reverse voltage.
Fig.13 Maximum permissible junction temperature as a function of reverse voltage.
1996 May 30
8
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV26 series
MSA853
MBD427
handbook, halfpage
8
handbook, halfpage
8
IF (A) 6
IF (A) 6
4
4
2
2
0 0 2 4 6 VF (V) 8
0 0 2 4 VF (V) 6
BYV26A to E Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
BYV26F and G Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
Fig.14 Forward current as a function of forward voltage; maximum values.
Fig.15 Forward current as a function of forward voltage; maximum values.
103 handbook, halfpage IR (A) 102
MGC550
10 2 handbook, halfpage
MSA858
Cd (pF) BYV26A,B,C 10 BYV26D,E
10
1 0 100 Tj (C) 200
1 1 10
102
V R (V)
10
3
VR = VRRMmax.
BYV26A to E f = 1 MHz; Tj = 25 C.
Fig.16 Reverse current as a function of junction temperature; maximum values.
Fig.17 Diode capacitance as a function of reverse voltage, typical values.
1996 May 30
9
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV26 series
10 2 handbook, halfpage
MBD437
handbook, halfpage
50 25
Cd (pF)
7 50
10
2 3
1 1 10 10 2 10 3 V R (V) 10 4
MGA200
BYV26F and G f = 1 MHz; Tj = 25 C. Dimensions in mm.
Fig.18 Diode capacitance as a function of reverse voltage, typical values.
Fig.19 Device mounted on a printed-circuit board.
handbook, full pagewidth
DUT +
IF (A) 0.5 1 t rr
10
25 V 50 0 0.25 0.5 IR (A) 1
t
MAM057
Input impedance oscilloscope: 1 M, 22 pF; tr 7 ns. Source impedance: 50 ; tr 15 ns.
Fig.20 Test circuit and reverse recovery time waveform and definition.
1996 May 30
10
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYV26 series
IF ndbook, halfpage dI F dt t rr 10% t dI R dt 100% IR
MGC499
Fig.21 Reverse recovery definitions.
1996 May 30
11
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
PACKAGE OUTLINE
handbook, full pagewidth
k
3.81 max
28 min
Dimensions in mm. The marking band indicates the cathode.
,
4.57 max
BYV26 series
a
0.81 max
28 min
MBC880
Fig.22 SOD57.
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 May 30
12


▲Up To Search▲   

 
Price & Availability of BYV26G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X